Part Number Hot Search : 
AS300DB 1N2812 SM552 0100M M1000 CFB940P 683ML KRA317
Product Description
Full Text Search
 

To Download LQM18NNR15K00D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for general use multilayer type 1.6 0.15 0.35 0.15 0.8 0.15 0.8 0.15 (in mm) electrode chip inductor (chip coil) for general use multilayer type lqm18n series (0603 size)  dimensions  packaging code packaging minimum quantity d 180mm paper tape 4000 j 330mm paper tape 10000 b bulk(bag) 1000  rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqm18nn47nm00 p 47nh 20% 50mhz 50ma 0.30ohm 10 50mhz 260mhz lqm18nn68nm00 p 68nh 20% 50mhz 50ma 0.30ohm 10 50mhz 250mhz lqm18nn82nm00 p 82nh 20% 50mhz 50ma 0.30ohm 10 50mhz 245mhz lqm18nnr10k00 p 100nh 10% 25mhz 50ma 0.50ohm 15 25mhz 240mhz lqm18nnr12k00 p 120nh 10% 25mhz 50ma 0.50ohm 15 25mhz 205mhz lqm18nnr15k00 p 150nh 10% 25mhz 50ma 0.60ohm 15 25mhz 180mhz lqm18nnr18k00 p 180nh 10% 25mhz 50ma 0.60ohm 15 25mhz 165mhz lqm18nnr22k00 p 220nh 10% 25mhz 50ma 0.80ohm 15 25mhz 150mhz lqm18nnr27k00 p 270nh 10% 25mhz 50ma 0.80ohm 15 25mhz 136mhz lqm18nnr33k00 p 330nh 10% 25mhz 35ma 0.85ohm 15 25mhz 125mhz lqm18nnr39k00 p 390nh 10% 25mhz 35ma 1.00ohm 15 25mhz 110mhz lqm18nnr47k00 p 470nh 10% 25mhz 35ma 1.35ohm 15 25mhz 105mhz lqm18nnr56k00 p 560nh 10% 25mhz 35ma 1.55ohm 15 25mhz 95mhz lqm18nnr68k00 p 680nh 10% 25mhz 35ma 1.70ohm 15 25mhz 90mhz lqm18nnr82k00 p 820nh 10% 25mhz 35ma 2.10ohm 15 25mhz 85mhz lqm18nn1r0k00 p 1000nh 10% 10mhz 25ma 0.60ohm 35 10mhz 75mhz lqm18nn1r2k00 p 1200nh 10% 10mhz 25ma 0.80ohm 35 10mhz 65mhz lqm18nn1r5k00 p 1500nh 10% 10mhz 25ma 0.80ohm 35 10mhz 60mhz lqm18nn1r8k00 p 1800nh 10% 10mhz 25ma 0.95ohm 35 10mhz 55mhz lqm18nn2r2k00 p 2200nh 10% 10mhz 15ma 1.15ohm 35 10mhz 50mhz class of magnetic shield: magnetic shield of ferrite operating temperature range: -40 c to +85 c continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 47nh 80 60 40 20 0 1000 100 10 1 q frequency (mhz) 100nh 820nh 2200nh inductors (coils) > chip inductor (chip coil) > for general use multilayer type  q-frequency characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQM18NNR15K00D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X