Part Number Hot Search : 
PN9402 9KXXX Z84C2010 A1744 D5100 RJK03 25D431K 2N50C3
Product Description
Full Text Search
 

To Download KBU805G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recoganized file #e-326243 ? high case dielectric strength ? typical ir less than 0.1ua ? high surge current capability mechanical data kbu80xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol kbu 801g kbu 802g kbu 803g kbu 804g kbu 805g kbu 806g kbu 807g units v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i 2 ta 2 s cj pf t j o c t stg o c o c/w a 200 maximum instantaneous forward voltage (note 1) @ 4 a @ 8 a v f 1.0 1.1 typical junction capacitance per leg (note 2) 400 typical thermal resistance r ja r jc note 2 : measured at 1mhz and applied reverse bias of 4.0v d.c. storage temperature range - 55 to + 150 note 1 : pulse test with pw=300u sec, 1% duty cycle version:f12 ? case: molded plastic body maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ua 5 500 operating temperature range kbu801g - kbu807g marking diagram v single phase 8.0amps. glass passivated bridge rectifiers features ? ideal for printed circuit board ? plastic material has underwriters laboratory flammability classification 94v-0 rating of fusing (t<8.3ms) 166 maximum average forward rectified current @t a =65 ? weight: 7.2 grams type number - 55 to + 150 a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) ? mounting torque: 5 in lbs max. kbu 18 3 ? high temperature soldering guaranteed: 260 /10 seconds at 5 lbs.,(2.3kg) tension ? glass passivated junction i f(av) 8 i fsm dimensions in inches and (millimeters) ? green compound with suffix "g" on packing code & prefix "g" on datecode ? terminal: pure tin plated, lead free, solderable per mil-std-202, method 208 pb rohs compliance rohs compliance
version:f12 ratings and characteristic curves (kbu801g thru kbu807g) fig.1 maximum derating curve for output currnet 0 2 4 6 8 0 20 40 60 80 100 120 140 160 ambient temperature ( o c) average forward a current (a) fig. 2 maximum forward surge current per leg 0 20 40 60 80 100 120 140 160 180 200 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave (jedec method) fig. 3 typical reverse characteristics per leg 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (v) instantaneous reverse current (ua) ta=25 ta=125 fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) a fig. 4 typical forward characterisrics per leg 0.1 1 10 100 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 instantaneous forward voltage (v) instantaneous forward current (a)


▲Up To Search▲   

 
Price & Availability of KBU805G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X