Part Number Hot Search : 
MSB34WA RTL8201C IRGB40 MSB31DH 0STRR MJ1000 BAS21 P04N60
Product Description
Full Text Search
 

To Download IR3550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  march ? 4 t h , ? 2011 ??? | ? datasheet ? | ? v3.01 1 IR3550 ? 60a ? integrated ? powirstage ? ? features ? ? peak ? efficiency ? up ? to ? 95% ? at ? 1.2v ? ? integrated ? driver, ? control ? mosfet, ? synchronous ? mosfet ? and ? schottky ? diode ? ? input ? voltage ? (vin) ? range ? up ? to ? 25v ? ? output ? voltage ? range ? from ? 0.25v ? up ? to ? 3.3v ? ? output ? current ? capability ? of ? 60a ? ? operation ? up ? to ? 1.0mhz ? ? integrated ? current ? sense ? amplifier ? ? vcc ? under ? voltage ? lockout ? ? thermal ? flag ? ? body \ braking? ? load ? transient ? support ? ? diode \ emulation ? high ? efficiency ? mode ? ? compatible ? with ? 3.3v ? pwm ? logic ? and ? vcc ? tolerant ? ? compliant ? with ? intel ? drmos ? v4.0 ? ? pcb ? footprint ? compatible ? with ? powirstage ? ? family ? ? efficient ? dual ? sided ? cooling ? ? small ? 6mm ? x ? 6 ? mm ? x ? 0.9mm ? pqfn ? package ? ? lead ? free ? rohs ? compliant ? package ? applications ? ? high ? frequency, ? low ? profile ? dc \ dc ? converters ? ? voltage ? regulators ? for ? cpus, ? gpus, ? and ? ddr ? memory ? arrays ? ? basic ? application ? ? ? figure ? 1: ? IR3550 ? basic ? application ? circuit ? description ? the ? IR3550 ? integrated ? powirstage ? ? is ? a ? synchronous ? buck ? gate ? driver ? ic ? with ? co \ packed ? control ? and ? synchronous ? mosfets ? and ? schottky ? diode. ? it ? is ? optimized ? internally ? for ? pcb ? layout, ? heat ? transfer ? and ? driver/mosfet ? timing. ? custom ? designed ? gate ? driver ? and ? mosfet ? combination ? enables ? higher ? efficiency ? at ? lower ? output ? voltages ? required ? by ? cutting ? edge ? cpu, ? gpu ? and ? ddr ? memory ? designs. ?? up ? to ? 1.0mhz ? switching ? frequency ? enables ? high ? performance ? transient ? response, ? allowing ? miniaturization ? of ? output ? inductors, ? as ? well ? as ? input ? and ? output ? capacitors ? while ? maintaining ? industry ? leading ? efficiency. ? the ? IR3550?s ? superior ? efficiency ? enables ? smallest ? size ? and ? lower ? solution ? cost. ? the ? IR3550 ? pcb ? footprint ? is ? compatible ? with ? powirstage ? ? family. ? integrated ? current ? sense ? amplifier ? achieves ? superior ? current ? sense ? accuracy ? and ? signal ? to ? noise ? ratio ? vs. ? best \ in \ class ? controller ? based ? inductor ? dcr ? sense ? methods. ? the ? IR3550 ? incorporates ? the ? body \ braking ? ? feature ? which ? enables ? reduction ? of ? output ? capacitors ? and ? is ? activated ? quickly. ? synchronous ? diode \ emulation ? mode ? in ? the ? IR3550 ? removes ? the ? zero \ current ? detection ? and ? control ? burden ? from ? the ? pwm ? controller ? and ? increases ? system ? efficiency. ? the ? IR3550 ? is ? optimized ? specifically ? for ? cpu ? core ? power ? delivery ? in ? server ? applications. ? the ? ability ? to ? meet ? the ? stringent ? requirements ? of ? the ? server ? market ? also ? makes ? the ? IR3550 ? ideally ? suited ? to ? powering ? gpu ? and ? ddr ? memory ? designs. ? ? 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 94 96 0 5 10 15 20 25 30 35 40 45 50 55 60 65 output current (a) efficiency (% ) ? figure ? 2: ? IR3550 ? efficiency ? www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of IR3550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X