Part Number Hot Search : 
60116 STX6904 G510580 TS556C LV102 HER156 99018 W005M
Product Description
Full Text Search
 

To Download IP7-02-050-L-S-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.samtec.com ip7?02?05.0?l?s?1 ip7?06?05.0?l?d?1 ij7?08?05.0?l?d?1?gp (8,53) .336 (12,52) .493 (1,52) .060 (1,52) .060 (9,09) .358 (4,00) .1575 no. of plugs x (4,00) .1575 + (4,32) .170 (1,32) .052 (4,00) .1575 7 p7 05.0 05.0 pn pn 75 isorate ? jack & plug f-209-1 guide post ?01, ?02, ?04, ?06, ?08, ?10 ?01, ?02, ?04, ?06, ?08, ?10 ij7, ip7 series mates with: ip7 mates with: ij7 row option row option tail tail ?gp = guide post ?tr = tape & reel ?tr = tape & reel ?l = 10" (0,25m) gold ?l = 10" (0,25m) gold ?1 = (1,60mm) .062" board thickness ?1 = (1,60mm) .062" board thickness ?s = single row ?d = double row (not available with ?01) ?s = single row ?d = double row (not available with ?01) for complete speci cations and recommended pcb layouts see www.samtec.com?ij7 or www.samtec.com?ip7 shell material: copper alloy insulator material: black lcp contact material: copper alloy pin material: copper alloy dielectric material: natural lcp plating: au over 50? (1,27?) ni operating temp range: -40? to +90? insulation resistance: testing now! contact resistance: center: testing now! outer: testing now! impedance: testing now! dielectric withstanding voltage: testing now! dielectric working voltage: testing now! frequency range: testing now! rohs compliant: ye s processing: lead-free solderable: ye s ?s ?d specifications specifications tm jacks per row plugs per row application 10mm ij7 ip7 other stack heights and pcb thicknesses available. call samtec. (5,74) .226 (9,73) .383 (6,05) .238 (2,03) .080 no. of jacks x (4,00) .1575 + (1,55) .061 (4,00) .1575 (7,52) .296 (4,00) .1575 (6,50) .256 (1,52) .060 (1,32) .052 ?s (?gp) ?d also available 50 system. see ij5/ip5 series (4 1 6,50 6 (1,52) 0 ,0 57 ( 9 3 (1,52) .060 4,00) 1575 (1,52) .060 (12,52 .493


▲Up To Search▲   

 
Price & Availability of IP7-02-050-L-S-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X