Part Number Hot Search : 
005057 HA1V6 BZX84C15 TAR5S27U P6KE600C AK200B5 IR3510M TMEGA1
Product Description
Full Text Search
 

To Download IDT71V67613S200BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2001 dsc-5312/01 1 ?2000 integrated device technology, inc. a 0 -a 18 address inputs input synchronous ce chip enable input synchronous cs 0 , cs 1 chip selects input synchronous oe output enable input asynchronous gw global write enable input synchronous bwe byte write enable input synchronous bw 1 , bw 2 , bw 3 , bw 4 (1) individual byte write selects input synchronous clk clock input n/a adv burst address advance input synchronous adsc address status (cache controller) input synchronous adsp address status (processor) input synchronous lbo linear / interleaved burst order input dc zz sleep mode input asynchronous tms test mode select input n/a tdi test data input input n/a tck test clock input n/a tdo test data output output n/a i/o 0 -i/o 31 , i/o p1 -i/o p4 data input / output i/o synchronous v dd , v ddq core power, i/o power supply n/a v ss ground supply n/a 53 12 tb l 01 features u u u u u 256k x 36, 512k x 18 memory configurations u u u u u supports high system speed: C 200mhz 3.1ns clock access time C 183mhz 3.3ns clock access time u u u u u lbo input selects interleaved or linear burst mode u u u u u self-timed write cycle with global write control ( gw ), byte write enable ( bwe ), and byte writes ( bw x) u u u u u 3.3v core power supply u u u u u power down controlled by zz input u u u u u 3.3v i/o supply (v ddq ) u u u u u packaged in a jedec standard 100-pin thin plastic quad flatpack (tqfp), 119 ball grid array (bga) and 165 fine pitch ball grid array (fbga). description the idt71v67613/7813 are high-speed srams organized as pin description summary note: 1. bw 3 and bw 4 are not applicable for the idt71v67813. 256k x 36, 512k x 18 3.3v synchronous srams 3.3v i/o, burst counter pipelined outputs, single cycle deselect advance information idt71v67613 idt71v67813 256k x 36/512k x 18. the idt71v67613/7813 srams contain write, data, address and control registers. internal logic allows the sram to generate a self-timed write based upon a decision which can be left until the end of the write cycle. the burst mode feature offers the highest level of performance to the system designer, as the idt71v67613/7813 can provide four cycles of data for a single address presented to the sram. an internal burst address counter accepts the first cycle address from the processor, initiating the access sequence. the first cycle of output data will be pipelined for one cycle before it is available on the next rising clock edge. if burst mode operation is selected ( adv =low), the subsequent three cycles of output data will be available to the user on the next three rising clock edges. the order of these three addresses are defined by the internal burst counter and the lbo input pin. the idt71v67613/7813 srams utilize idts latest high-performance cmos process and are packaged in a jedec standard 14mm x 20mm 100-pin thin plastic quad flatpack (tqfp) as well as a 119 ball grid array (bga) and 165 fine pitch ball grid array (fbga).
6.42 2 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range symbol pin function i/o active description a 0 -a 18 address inputs i n/a synchronous address inputs. the address register is triggered by a combination of the rising edge of clk and adsc low or adsp low and ce low. adsc address status (cache controller) i low synchronous address status from cache controller. adsc is an active low input that is used to load the address registers with new addresses. adsp address status (processor) i low synchronous address status from processor. adsp is an active low input that is used to load the address registers with new addresses. adsp is gated by ce . adv burst address advance i low synchronous address advance. adv is an active low input that is used to advance the internal burst counter, controlling burst access after the initial address is loaded. when the input is high the burst counter is not incremented; that is, there is no address advance. bwe byte write enable i low synchronous byte write enable gates the byte write inputs bw 1 - bw 4 . if bwe is low at the rising edge of clk then bw x inputs are passed to the next stage in the circuit. if bwe is high then the byte write inputs are blocked and only gw can initiate a write cycle. bw 1 - bw 4 individual byte write enables i low synchronous byte write enables. bw 1 controls i/o 0-7 , i/o p1 , bw 2 controls i/o 8-15 , i/o p2 , etc. any active byte write causes all outputs to be disabled. ce chip enable i low synchronous chip enable. ce is used with cs 0 and cs 1 to enable the idt71v67613/7813. ce also gates adsp . clk clock i n/a this is the clock input. all timing references for the device are made with respect to this input. cs 0 chip select 0 i high synchronous active high chip select. cs 0 is used with ce and cs 1 to enable the chip. cs 1 chip select 1 i low synchronous active low chip select. cs 1 is used with ce and cs 0 to enable the chip. gw global write enable i low synchronous global write enable. this input will write all four 9-bit data bytes when low on the rising edge of clk. gw supersedes individual byte write enables. i/o 0 -i/o 31 i/o p1 -i/o p4 data input/output i/o n/a synchro nous data input/output (i/o) pins. both the data input path and data output path are registered and triggered by the rising edge of clk. lbo linear burst order i low asynchronous burst order selection input. when lbo is high, the interleaved burst sequence is selected. when lbo is low the linear burst sequence is selected. lbo is a static input and must not change state while the device is operating. oe output enable i low asynchronous output enable. when oe is low the data output drivers are enabled on the i/o pins if the chip is also selected. when oe is high the i/o pins are in a high- impedance state. tms test mode select i n/a gives input command for tap controller; sampled on rising edge of tck. tdi test data input i n/a serial input of registers placed between tdi and tdo. sampled on rising edge of tck. tck test clock i n/a clock input of tap controller. each tap event is clocked. test inputs are captured on rising edge of tck, while test outputs are driven from falling edge of tck. tdo test data output o n/a serial output of registers placed between tdi and tdo. this output is active depending on the state of the tap controller. v dd power supply n/a n/a 3.3v core power supply. v ddq power supply n/a n/a 3.3v i/o supply. v ss ground n/a n/a ground. nc no connect n/a n/a nc pins are not electrically connected to the device. zz sleep mode i high asynchronous sleep mode input. zz high will gate the clk internally and power down the idt71v67613/7813 to its lowest p ower consumption level. data retention is guaranteed in sleep mode. 53 12 tb l 02 pin definitions (1) note: 1. all synchronous inputs must meet specified setup and hold times with respect to clk.
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 3 functional block diagram a 0C a 17/18 address register clr a1* a0* 18/19 2 18/19 a 2 Ca 18 256k x 36/ 512k x 18- bit memory array internal address a 0 ,a 1 bw 4 bw 3 bw 2 bw 1 byte 1 write register 36/18 36/18 adsp adv clk adsc cs 0 cs 1 byte 1 write driver byte 2 write driver byte 3 write driver byte 4 write driver byte 2 write register byte 3 write register byte 4 write register 9 9 9 9 gw ce bwe lbo i/o 0 Ci/o 31 i/o p1 Ci/o p4 oe data input register 36/18 output buffer output register d q dq enable register enable delay register oe burst sequence cen clk en clk en q1 q0 2 burst logic binary counter 5312 drw 01 zz powerdown ,
6.42 4 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 100-pin tqfp capacitance (t a = +25c, f = 1.0mhz) recommended operating temperature and supply voltage absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v dd terminals only. 3. v ddq terminals only. 4. input terminals only. 5. i/o terminals only. 6. this is a steady-state dc parameter that applies after the power supplies have ramped up. power supply sequencing is not necessary; however, the voltage on any input or i/o pin cannot exceed v ddq during power supply ramp up. 7. t a is the "instant on" case temperature. recommended dc operating conditions (v ddq = 3.3v) note: 1. v il (min) = -1.0v for pulse width less than t cyc/2 , once per cycle. note: 1. this parameter is guaranteed by device characterization, but not production tested. symbol rating commercial unit v te rm (2) terminal voltage with respect to gnd -0.5 to +4.6 v v te rm (3,6) terminal voltage with respect to gnd -0.5 to v dd v v te rm (4,6) terminal voltage with respect to gnd -0.5 to v dd +0.5 v v te rm (5,6) terminal voltage with respect to gnd -0.5 to v ddq +0.5 v t a (7) operating temperature -0 to +70 o c t bias temperature under bias -55 to +125 o c t stg storage temperature -55 to +125 o c p t power dissipation 2.0 w i out dc output current 50 ma 53 12 tb l 03 grade temperature (1) v ss v dd v ddq commercial 0c to +70c 0v 3.3v 5% 3.3v 5% 53 12 tbl 04 symbol parameter min. typ. max. unit v dd core supply voltage 3.135 3.3 3.465 v v ddq i/o supply voltage 3.135 3.3 3.465 v v ss supply voltage 0 0 0 v v ih input high voltage - inputs 2.0 ____ v dd +0.3 v v ih input high voltage - i/o 2.0 ____ v ddq +0.3 v v il input low voltage -0.3 (1 ) ____ 0.8 v 5 312 tbl 05 symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv 5 pf c i/o i/o capacitance v out = 3dv 7 pf 5312 tbl 07 note: 1. t a is the "instant on" case temperature. symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv 7 pf c i/o i/o capacitance v out = 3dv 7 pf 5312 tbl 07a 119 bga capacitance (t a = +25c, f = 1.0mhz) 165 fbga capacitance (t a = +25c, f = 1.0mhz) symbol parameter (1 ) conditions max. unit c in input capacitance v in = 3dv tdb pf c i/o i/o capacitance v out = 3dv tdb pf 5312 tbl 07b
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 5 pin configuration ? 256k x 36, 100-pin tqfp notes: 1. pin 14 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. pin 64 can be left unconnected and the device will always remain in active mode. 10099989796959493929190 87868584838281 89 88 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 a 6 a 7 c e c s 0 b w 4 b w 3 b w 2 b w 1 c s 1 v d d v s s c lk g w b w e o e a d s c a d s p a d v a 8 a 9 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 a 17 n c n c n c lb o a 14 a 13 a 12 a 11 a 10 v d d v s s a 0 a 1 a 2 a 3 a 4 a 5 i/o 31 i/o 30 v ddq v ss i/o 29 i/o 28 i/o 27 i/o 26 v ss v ddq i/o 25 i/o 24 v ss v dd i/o 23 i/o 22 v ddq v ss i/o 21 i/o 20 i/o 19 i/o 18 v ss v ddq i/o 17 i/o 16 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 i/o 14 v ddq v ss i/o 13 i/o 12 i/o 11 i/o 10 v ss v ddq i/o 9 i/o 8 v ss v dd i/o 7 i/o 6 v ddq v ss i/o 5 i/o 4 i/o 3 i/o 2 v ss v ddq i/o 1 i/o 0 5312 drw 02 v dd /nc (1) i/o 15 i/o p3 nc i/o p4 a 15 a 16 i/o p1 nc i/o p2 zz (2) , top view
6.42 6 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range pin configuration ? 512k x 18, 100-pin tqfp 10099989796959493929190 87868584838281 89 88 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 a 6 a 7 c e c s 0 n c n c b w 2 b w 1 c s 1 v d d v s s c lk g w b w e o e a d s c a d s p a d v a 8 a 9 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 n c n c n c lb o a 15 a 14 a 13 a 12 a 11 v d d v s s a 0 a 1 a 2 a 3 a 4 a 5 nc nc v ddq v ss nc i/o p2 i/o 15 i/o 14 v ss v ddq i/o 13 i/o 12 v ss v dd i/o 11 i/o 10 v ddq v ss i/o 9 i/o 8 nc nc v ss v ddq nc nc 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 nc v ddq v ss nc i/o p1 i/o 7 i/o 6 v ss v ddq i/o 5 i/o 4 v ss v dd i/o 3 i/o 2 v ddq v ss i/o 1 i/o 0 nc nc v ss v ddq nc nc 5312 drw 03 v dd /nc (1) nc nc nc nc a 16 a 17 nc nc a 10 zz (2) , a 18 top view notes: 1. pin 14 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. pin 64 can be left unconnected and the device will always remain in active mode.
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 7 pin configuration ? 512k x 18, 119 bga pin configuration ? 256k x 36, 119 bga top view top view notes: 1. r5 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. t7 can be left unconnected and the device will always remain in active mode. 3. pin u6 will be internally pulled to v dd if not actively driven. to disable the tap controller without interfering with normal operation, trst should be tied low and tck, tdi and tms should be pulled through a resistor to 3.3v. tdo should be left unconnected. 4. on future 18m devices cs 0 will be removed, b2 will be used for address expansion. 1234567 a v ddq a 6 a 4 adsp a 8 a 16 v ddq b nc cs 0 (4) a 3 adsc a 9 a 17 nc c a 7 a 2 v dd a 12 a 15 nc d i/o 16 i/o p3 v ss nc v ss i/o p2 i/o 15 e i/o 17 i/o 18 v ss ce v ss i/o 13 i/o 14 f v ddq i/o 19 v ss oe v ss i/o 12 v ddq g i/o 20 i/o 21 bw 3 adv bw 2 i/o 11 i/o 10 h i/o 22 i/o 23 v ss gw v ss i/o 9 i/o 8 j v ddq v dd nc v dd nc v dd v ddq k i/o 24 i/o 26 v ss clk v ss i/o 6 i/o 7 l i/o 25 i/o 27 bw 4 nc bw 1 i/o 4 i/o 5 m v ddq i/o 28 v ss bwe v ss i/o 3 v ddq n i/o 29 i/o 30 v ss a 1 v ss i/o 2 i/o 1 p i/o 31 i/o p4 v ss a 0 v ss i/o 0 i/o p1 r nc a 5 lbo v dd a 13 t nc nc a 10 a 11 a 14 nc zz u v ddq tms tdi tck trst (3) tdo v ddq 5312 drw 04 v dd /nc nc nc , (1) (2) 1234567 a v ddq a 6 a 4 adsp a 8 a 16 v ddq b nc cs 0 (4) a 3 adsc a 9 a 18 nc c a 7 a 2 v dd a 13 a 17 nc d i/o 8 nc v ss nc v ss i/o 7 nc e nc i/o 9 v ss ce v ss nc i/o 6 f v ddq nc v ss oe v ss i/o 5 v ddq g nc i/o 10 bw 2 adv nc i/o 4 h i/o 11 nc v ss gw v ss i/o 3 nc j v ddq v dd nc v dd nc v dd v ddq k nc i/o 12 v ss clk v ss nc i/o 2 l i/o 13 nc nc bw 1 i/o 1 nc m v ddq i/o 14 v ss bwe v ss nc v ddq n i/o 15 nc v ss a 1 v ss i/o 0 nc p nc i/o p2 v ss a 0 v ss nc i/o p1 r nc a 5 lbo v dd a 12 t nc a 10 a 15 nc a 14 a 11 zz u v ddq tms tdi tck tdo trst (3) v ddq 5312 drw 05 nc v dd /nc nc v ss v ss , (1) (2)
6.42 8 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range pin configuration ? 512k x 18, 165 fbga pin configuration ? 256k x 36, 165 fbga 1234567891011 anc (3) a 7 ce bw 3 bw 2 cs 1 bwe adsc adv a 8 nc bnc a 6 cs 0 bw 4 bw 1 clk gw oe adsp a 9 nc (3) ci/o p3 nc v ddq v ss v ss v ss v ss v ss v ddq nc i/o p2 di/o 17 i/o 16 v ddq v dd v ss v ss v ss v dd v ddq i/o 15 i/o 14 ei/o 19 i/o 18 v ddq v dd v ss v ss v ss v dd v ddq i/o 13 i/o 12 fi/o 21 i/o 20 v ddq v dd v ss v ss v ss v dd v ddq i/o 11 i/o 10 gi/o 23 i/o 22 v ddq v dd v ss v ss v ss v dd v ddq i/o 9 i/o 8 hv dd (1) nc nc v dd v ss v ss v ss v dd nc nc zz (2) ji/o 25 i/o 24 v ddq v dd v ss v ss v ss v dd v ddq i/o 7 i/o 6 ki/o 27 i/o 26 v ddq v dd v ss v ss v ss v dd v ddq i/o 5 i/o 4 li/o 29 i/o 28 v ddq v dd v ss v ss v ss v dd v ddq i/o 3 i/o 2 mi/o 31 i/o 30 v ddq v dd v ss v ss v ss v dd v ddq i/o 1 i/o 0 ni/o p4 nc v ddq v ss nc nc (3) nc v ss v ddq nc i/o p1 pncnc (3) a 5 a 2 tdi a 1 tdo a 10 a 13 a 14 a 17 r lbo nc (3) a 4 a 3 tms a 0 tck a 11 a 12 a 15 a 16 5312 tbl 17a 1234567891011 anc (3) a 7 ce bw 2 nc cs 1 bwe adsc adv a 8 a 10 bnc a 6 cs 0 nc bw 1 clk gw oe adsp a 9 nc (3) cnc ncv ddq v ss v ss v ss v ss v ss v ddq nc i/o p1 dnc i/o 8 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 7 enc i/o 9 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 6 fnc i/o 10 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 5 gnc i/o 11 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 4 hv dd (1) nc nc v dd v ss v ss v ss v dd nc nc zz (2) ji/o 12 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 3 nc ki/o 13 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 2 nc li/o 14 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 1 nc mi/o 15 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 0 nc ni/o p2 nc v ddq v ss nc nc (3) nc v ss v ddq nc nc pnc nc (3) a 5 a 2 tdi a 1 tdo a 11 a 14 a 15 a 18 r lbo nc (3) a 4 a 3 tms a 0 tck a 12 a 13 a 16 a 17 5312 tbl 17b notes: 1. h1 can either be directly connected to v dd , or connected to an input voltage 3 v ih , or left unconnected. 2. h11 can be left unconnected and the device will always remain in active mode. 3. pin n6, b11, a1, r2 and p2 are reserved for 18m, 36m, 72m, and 144m and 288m respectively.
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 9 symbol parameter test conditions min. max. unit |i li | input leakage current v dd = max., v in = 0v to v dd ___ 5a |i lzz | zz and lbo input leakage current (1) v dd = max., v in = 0v to v dd ___ 30 a |i lo | output leakage current v out = 0v to v ddq , device deselected ___ 5a v ol output low voltage i ol = +8ma, v dd = min. ___ 0.4 v v oh output high voltage i oh = -8ma, v dd = min. 2.4 ___ v 5312 tbl 08 dc electrical characteristics over the operating temperature and supply voltage range (1) dc electrical characteristics over the operating temperature and supply voltage range (v dd = 3.3v 5%) figure 2. lumped capacitive load, typical derating figure 1. ac test load ac test load ac test conditions (v ddq = 3.3v) note: 1. the lbo pin will be internally pulled to v dd if it is not actively driven in the application and the zz pin will be internally pulled to v ss if not actively driven. notes: 1. all values are maximum guaranteed values. 2. at f = f max, inputs are cycling at the maximum frequency of read cycles of 1/t cyc while adsc = low; f=0 means no input lines are changing. 3. for i/os v hd = v ddq - 0.2v, v ld = 0.2v. for other inputs v hd = v dd - 0.2v, v ld = 0.2v. v ddq /2 50 w i/o z 0 =50 w 5312 drw 06 , 1 2 3 4 20 30 50 100 200 d t cd (typical, ns) capacitance (pf) 80 5 6 5312 drw 07 , symbol parameter test conditions 200mhz 183mhz unit i dd operating power supply current device selected, outputs open, v dd = max., v ddq = max., v in > v ih or < v il , f = f max (2) 360 340 ma i sb1 cmos standby power supply current device deselected, outputs open, v dd = max., v ddq = max., v in > v hd or < v ld , f = 0 (2,3) 40 40 ma i sb2 clock running power supply current device deselected, outputs open, v dd = max., v ddq = max., v in > v hd or < v ld , f = f max (2,3) 160 155 ma i zz full sleep mode supply current zz > v hd, v dd = max. 40 40 ma 5312 tbl 09 input pulse levels input rise/fall times input timing reference levels output timing reference levels ac test load 0 to 3v 2ns 1.5v 1.5v see figure 1 53 12 tb l 10
6.42 10 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range synchronous truth table (1,3) notes: 1. l = v il , h = v ih , x = dont care. 2. oe is an asynchronous input. 3. zz = low for this table. operation address used ce cs 0 cs 1 adsp adsc adv gw bwe bw x oe (2) clk i/o deselected cycle, power down nonehxx x l xxxxx -hi-z deselected cycle, power down none lxh l x xxxxx -hi-z deselected cycle, power down none llx l x xxxxx -hi-z deselected cycle, power down none lxhx l xxxxx -hi-z deselected cycle, power down none llx x l xxxxx -hi-z read cycle, begin burst externallhl l x xxxxl -d out read cycle, begin burst externallhl l x xxxxh-hi-z read cycle, begin burst external l h l h l x h h x l - d out read cycle, begin burst external l h l h l x h l h l - d out read cycle, begin burst external l h l h l x h l h h - hi-z write cycle, begin burst external l h l h l x h l l x - d in write cycle, begin burst external l h l h l x l x x x - d in read cycle, continue burst next x x x h h l h h x l - d out read cycle, continue burst next x x x h h l h h x h - hi-z read cycle, continue burst next x x x h h l h x h l - d out read cycle, continue burst next x x x h h l h x h h - hi-z read cycle, continue burst next h x x x h l h h x l - d out read cycle, continue burst next h x x x h l h h x h - hi-z read cycle, continue burst next h x x x h l h x h l - d out read cycle, continue burst next h x x x h l h x h h - hi-z write cycle, continue burst next x x x h h l h l l x - d in write cycle, continue burst next x x x h h l l x x x - d in write cycle, continue burst next h x x x h l h l l x - d in write cycle, continue burst next h x x x h l l x x x - d in read cycle, suspend burst current x x x h h h h h x l - d out read cycle, suspend burst current x x x h h h h h x h - hi-z read cycle, suspend burst current x x x h h h h x h l - d out read cycle, suspend burst current x x x h h h h x h h - hi-z read cycle, suspend burst current h x x x h h h h x l - d out read cycle, suspend burst current h x x x h h h h x h - hi-z read cycle, suspend burst current h x x x h h h x h l - d out read cycle, suspend burst current h x x x h h h x h h - hi-z write cycle, suspend burst current x x x h h h h l l x - d in write cycle, suspend burst current x x x h h h l x x x - d in write cycle, suspend burst current h x x x h h h l l x - d in write cycle, suspend burst current h x x x h h l x x x - d in 5312 tbl 11
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 11 linear burst sequence table ( lbo =v ss ) synchronous write function truth table (1, 2) asynchronous truth table (1) interleaved burst sequence table ( lbo =v dd ) notes: 1. l = v il , h = v ih , x = dont care. 2. bw 3 and bw 4 are not applicable for the idt71v67813. 3. multiple bytes may be selected during the same cycle. notes: 1. l = v il , h = v ih , x = dont care. 2. synchronous function pins must be biased appropriately to satisfy operation requirements. note: 1. upon completion of the burst sequence the counter wraps around to its initial state. note: 1. upon completion of the burst sequence the counter wraps around to its initial state. operation gw bwe bw 1 bw 2 bw 3 bw 4 read hhxxxx read hl hhhh write all byteslxxxxx write all byteshlllll write byte 1 (3) hl l hhh write byte 2 (3) hlhlhh write byte 3 (3) hlhhlh write byte 4 (3) hl hhhl 5312 tbl 12 sequence 1 sequence 2 sequence 3 sequence 4 a1 a0 a1 a0 a1 a0 a1 a0 first address 0 0 0 1 1 0 1 1 second address 0 1 1 0 1 1 0 0 third address 1 0 1 1 0 0 0 1 fourth address (1) 11000 110 5312 tbl 15 sequence 1 sequence 2 sequence 3 sequence 4 a1 a0 a1 a0 a1 a0 a1 a0 first address 0 0 0 1 1 0 1 1 second address 0 1 0 0 1 1 1 0 third address 1 0 1 1 0 0 0 1 fourth address (1) 11100 100 5312 tbl 14 operation (2) oe zz i/o status power read l l data out active read h l high-z active write x l high-z C data in active deselected x l high-z standby sleep mode x h high-z sleep 5312 tbl 13
6.42 12 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range ac electrical characteristics (v dd = 3.3v 5%, t a = 0 to 70c) notes: 1. measured as high above v ih and low below v il . 2. transition is measured 200mv from steady-state. 3. device must be deselected when powered-up from sleep mode. 4. t cfg is the minimum time required to configure the device based on the lbo input. lbo is a static input and must not change during normal operation. 200mhz 183mhz symbol parameter min. max. min. max. unit t cy c clock cycle time 5 ____ 5.5 ____ ns t ch (1) clock high pulse width 2 ____ 2.2 ____ ns t cl (1) clock low pulse width 2 ____ 2.2 ____ ns output parameters t cd clo ck high to valid data ____ 3.1 ____ 3.3 ns t cdc clock high to data change 1.0 ____ 1.0 ____ ns t cl z (2) clock high to output active 0 ____ 0 ____ ns t chz (2) clock high to data high-z 1.5 3.1 1.5 3.3 ns t oe output enable access time ____ 3.1 ____ 3.3 ns t ol z (2) output enable low to output active 0 ____ 0 ____ ns t ohz (2) output enable high to output high-z ____ 3.1 ____ 3.3 ns set up times t sa address setup time 1.2 ____ 1.5 ____ ns t ss address status setup time 1.2 ____ 1.5 ____ ns t sd data in setup time 1.2 ____ 1.5 ____ ns t sw write setup time 1.2 ____ 1.5 ____ ns t sav address advance setup time 1.2 ____ 1.5 ____ ns t sc chip enable/select setup time 1.2 ____ 1.5 ____ ns hold times t ha address hold time 0.4 ____ 0.5 ____ ns t hs address status hold time 0.4 ____ 0.5 ____ ns t hd data in hold time 0.4 ____ 0.5 ____ ns t hw write hold time 0.4 ____ 0.5 ____ ns t hav address advance hold time 0.4 ____ 0.5 ____ ns t hc chip enable/select hold time 0.4 ____ 0.5 ____ ns sleep mode and configuration parameters t zzp w zz puls e wid th 100 ____ 100 ____ ns t zzr (3) zz re co v e ry time 100 ____ 100 ____ ns t cfg (4) configuration set-up time 20 ____ 22 ____ ns 53 12 tb l 16
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 13 notes: 1. o1 (ax) represents the first output from the external address ax. o1 (ay) represents the first output from the external addr ess ay; o2 (ay) represents the next output data in the burst sequence of the base address ay, etc. where a0 and a1 are advancing for the four word burst in the sequence defined by the state of the lbo input. 2. zz input is low and lbo is don't care for this cycle. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high. timing waveform of pipelined read cycle (1,2) t c h z t s a t s c t h s g w ,bw e ,bw x t s w t c l t s a v t h w t h a v c lk a d s c (1) a d d r e s s t c y c t c h t h a t h c t o e t o h z o e t c d t o lz o 1(a x) d a ta o u t t c d c o 1(a y) o 3(a y) o 2(a y) o 2(a y) t c lz a d v c e ,c s 1 (n ote 3) p ipelined r ead b urst p ipelined r ead o utput d isabled a x a y t s s o 1(a y) (b urst w raps around to its initial state) o 4(a y) 5312 drw 08 a d s p a d v h ig h suspends burst ,
6.42 14 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range notes: 1. device is selected through entire cycle; ce and cs 1 are low, cs 0 is high. 2. zz input is low and lbo is don't care for this cycle. 3. o1 (ax) represents the first output from the external address ax. i1 (ay) represents the first input from the external addre ss ay; o1 (az) represents the first output from the external address az; o2 (az) represents the next output data in the burst sequence of the base address az, etc. where a0 and a1 are advancing fo r the four word burst in the sequence defined by the state of the lbo input. timing waveform of combined pipelined read and write cycles (1,2,3) c lk a d s p a d d r e s s g w a d v o e d ata o u t t c y c t c h t c l t h a t s w t h w t c lz a x a y a z t h s i1(a y) t s d t h d t o lz t c d t c d c d a ta in (2) t o e o 1(a z) o 1(a z) s ingle r ead p ipelined b urst r ead p ipelined w rite o 1(a x) t o h z t s s t s a o 3(a z) o 2(a z) 5312 drw 09 t c d ,
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 15 notes: 1. zz input is low, bwe is high and lbo is don't care for this cycle. 2. o4 (aw) represents the final output data in the burst sequence of the base address aw. i1 (ax) represents the first input fr om the external address ax. i1 (ay) represents the first input from the external address ay; i2 (ay) represents the next input data in the burst sequence of the base address ay, etc. where a 0 and a1 are advancing for the four word burst in the sequence defined by the state of the lbo input. in the case of input i2 (ay) this data is valid for two cycles because adv is high and has suspended the burst. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high. timing waveform of write cycle no. 1 ? gw controlled (1,2,3) a d d r e s s c lk a d s p a d s c t c y c t s s t h s t c h t c l t h a t s a a x a y a z a d v d a ta o u t o e t h c t s d i1(a x) i1(a z) i2(a y) th d t o h z d a ta in t h a v o 3(a w ) o 4(a w ) c e ,c s 1 t h w g w t s w (n ote 3) i2(a z) b urst w rite b urst r ead b urst w rite s ingle w rite i3(a z) i4(a y) i3(a y) i2(a y) t s a v ( a d v h ig h suspends burst) i1(a y) g w is ignored w hen a d s p initiates a cycle and is sam pled on the next clock rising edge t s c 5312 drw 10 ,
6.42 16 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range timing waveform of write cycle no. 2 ? byte controlled (1,2,3) a d d r e s s c lk a d s p a d s c t c y c t s s t h s t c h t c l t h a t s a a x a y t h w b w x a d v d ata o u t o e t h c t s d s ingle w rite b urst w rite i1(a x) i2(a y) i2(a y) ( a d v suspends burst) i2(a z) th d b urst r ead e xtended b urst w rite t o h z d ata in t s a v t s w o 4(a w ) c e ,c s 1 t h w b w e t s w (n ote 3) i1(a z) a z i4(a y) i1(a y) i4(a y) i3(a y) t s c b w e is ignored w hen a d s p initiates a cycle and is sam pled on next clock rising edge b w x is ignored w hen a d s p initiates a cycle and is sam pled on next clock rising edge i3(a z) o 3(a w ) 5312 drw 11 , notes: 1. zz input is low, gw is high and lbo is don't care for this cycle. 2. o4 (aw) represents the final output data in the burst sequence of the base address aw. i1 (ax) represents the first input fr om the external address ax. i1 (ay) represents the first input from the external address ay; i2 (ay) represents the next input data in the burst sequence of the base address ay, etc. where a 0 and a1 are advancing for the four word burst in the sequence defined by the state of the lbo input. in the case of input i2 (ay) this data is valid for two cycles because adv is high and has suspended the burst. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high.
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 17 timing waveform of sleep (zz) and power-down modes (1,2,3) t c y c t s s t c l t c h t h a t s a t s c t h c t o e t o lz t h s c lk a d s p a d s c a d d r e s s g w c e ,c s 1 a d v d a t a o u t o e z z s ingle r ead s nooze m ode tz z p w 5312 drw 12 o 1(a x) a x (n ote 4) tz z r a z , notes: 1. device must power up in deselected mode 2. lbo is don't care for this cycle. 3. it is not necessary to retain the state of the input registers throughout the power-down cycle. 4. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs1 are low on this waveform, cs 0 is high.
6.42 18 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range clk adsp gw,bwe,bwx ce, cs 1 cs 0 address adsc data out oe av aw ax ay az (av) (aw) (ax) (ay) 5312 drw 14 , non-burst read cycle timing waveform notes: 1. zz input is low, adv is high and lbo is don't care for this cycle. 2. (ax) represents the data for address ax, etc. 3. for read cycles, adsp and adsc function identically and are therefore interchangable. notes: 1. zz input is low, adv and oe are high, and lbo is don't care for this cycle. 2. (ax) represents the data for address ax, etc. 3. although only gw writes are shown, the functionality of bwe and bw x together is the same as gw . 4. for write cycles, adsp and adsc have different limitations. non-burst write cycle timing waveform clk adsp gw ce, cs 1 cs 0 address adsc data in av aw ax az ay (av) (aw) (ax) (az) (ay) 5312 drw 15 ,
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 19 100-pin thin plastic quad flatpack (tqfp) package diagram outline
6.42 20 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 119 ball grid array (bga) package diagram outline
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 21 165 fine pitch ball grid array (fbga) package diagram outline
6.42 22 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range ordering information 100-pin plastic thin quad flatpack (tqfp) 119 ball grid array (bga) 165finepitchballgridarray(fbga) s power x speed xx package pf bg bq idt xxx 200 183 frequency in megahertz 5312 drw 13 device type 71v67613 71v67813 256k x 36 pipelined burst synchronous sram 512k x 18 pipelined burst synchronous sram ,
6.42 idt71v67613, idt71v67813, 256k x 36, 512k x 18, 3.3v synchronous srams with advance inform ation 3.3v i/o, pipelined outputs, single cycle deselect co mmercial temperature range 23 corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 sramhelp@idt.com santa clara, ca 95054 fax: 408-492-8674 800-544-7726, x4033 www.idt.com the idt logo is a registered trademark of integrated device technology, inc. datasheet document history 12/31/99 created datasheet from 71v676 and 71v678 datasheets. i/o voltage and speed grade offerings have been split into separate part numbers. see the following datasheets for: 3.3v i/o, 133C166mhz 71v67603 2.5v i/o, 133C166mhz 71v67602 3.3v i/o, 183C200mhz 71v67613 2.5v i/o, 183C200mhz 71v67612 04/26/00 pg. 4 add capacitance for bga package; insert clarification note to absolute max ratings and recommended operating temperature tables. pg. 7 replace pin u6 with trst pin in bga pin configuration; add pin description note in pinout pg. 18 inserted 100 pin tqfp package diagram outline 05/24/00 pg. 1,4,8,21 add new package offering, 13 x 15, 165 fbga 22 pg. 5,6,7,8 correct note 2 on bga and tqfp pin configuration pg. 20 correction in the bga package diagram outline 07/12/00 pg. 5,6,8 remove note from tqfp and bq165 pinouts pg. 7 add/remove reference note from bg119 pinout pg. 20 update bg119 package diagram outline dimensions 07/16/01 pg. 9 updatedisb2 levels for 200 mhz - 183 mhz


▲Up To Search▲   

 
Price & Availability of IDT71V67613S200BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X