Part Number Hot Search : 
IRFZ4 AFS2400 IC16F 20T3G AD7537TQ 2SK551 72728A AOZ1110
Product Description
Full Text Search
 

To Download HYMP564S64BP6-S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document is a general product descripti on and is subject to change without notice. hynix semiconductor does not assume any responsibility for use of circuits described. no pat ent licenses are implied. rev. 0.3 / aug. 2007 1 200pin unbuffered ddr2 sdram so-d imms based on 512 mb b ver. this hynix unbuffered slim outline dual in-line memory module(dimm) series consists of 512mb b ver. ddr2 sdrams in fine ball grid array(fbga) packages on a 200pin gla ss-epoxy substrate. this hynix 512mb b ver. based unbuffered ddr2 so-dimm series provide a high performance 8 byte inte rface in 67.60mm width form factor of industry standard. it is suitable for easy interchange and addition. features ordering information notes: 1. all hynix? ddr2 lead-free parts are compliant to rohs. part name density organization # of drams # of ranks materials power consumption hymp532s64bp6-e3/c4/y5/s5 256mb 32mx64 4 1 lead free* normal hymp564s64bp6-e3/c4/y5/s5 512mb 64mx64 8 2 lead free normal hymp512s64bp8-e3/c4/y5/s5 1gb 128mx64 16 2 lead free normal hymp532s64blp6-e3/c4/y5/s5 256mb 32mx64 4 1 lead free low hymp564s64blp6-e3/c4/y5/s5 512mb 64mx64 8 2 lead free low hymp512s64blp8-e3/c4/y5/s5 1gb 128mx64 16 2 lead free low ? jedec standard double data rate2 synchronous drams (ddr2 sdrams) with 1.8v +/- 0.1v power supply ? all inputs and outputs are compatible with sstl_1.8 interface ?posted cas ? programmable cas latency 3 ,4 ,5 ? ocd (off-chip driver impedance adjustment) and odt (on-die termination) ? fully differential clock operations (ck & ck) ? programmable burst length 4 / 8 with both sequen- tial and interleave mode ? auto refresh and self refresh supported ? 8192 refresh cycles / 64ms ? serial presence detect with eeprom ? ddr2 sdram package: 60ball(x8), 84ball(x16) fbga ? 67.60 x 30.00 mm form factor ? lead-free products are rohs compliant
rev. 0.3 / aug. 2007 2 1 200pin unbuffered ddr2 sdram so-dimms speed grade & key parameters address table e3 (ddr2-400) c4 (ddr2-533) y5 (ddr2-667) s5 (ddr2-800) unit speed@cl3 400 400 400 400 mbps speed@cl4 400 533 533 533 mbps speed@cl5 - - 667 800 mbps speed@cl6 - - - 800 mbps cl-trcd-trp 3-3-3 4-4-4 5-5-5 5-5-5 tck density organization ranks sdrams # of drams # of row/bank/column address refresh method 256mb 32m x 64 1 32mb x 16 4 13(a0~a12)/ 2(ba0~ba1)/10(a0~a9) 8k / 64ms 512mb 64m x 64 2 32mb x 16 8 13(a0~a12)/ 2(ba0~ba1)/10(a0~a9) 8k / 64ms 1gb 128m x 64 2 64mb x 8 16 14(a0~a13)/2(ba0~ba1)/10(a0~a9) 8k / 64ms
rev. 0.3 / aug. 2007 3 1 200pin unbuffered ddr2 sdram so-dimms pin description symbol type polarity pin description ck[1:0], ck [1:0] input cross point the system clock inputs. all address an commands lines are sampled on the cross point of the rising edge of ck and falling edge of ck . a delay locked loop(dll) circuit is driven from the clock inputs and output timing for read operations is synchronized to the input clock. cke[1:0] input active high activates the ddr2 sdram ck signal when high and deactivates the ck signal when low. by deactivating the clocks, cke low initiates the power down mode or the self refresh mode. s [1:0] input active low enables the associated ddr2 sdram command decoder when low and disables the com- mand decoder when high. when the command decoder is disabled, new commands are ignored but previous operations continue. rank 0 is selected by s 0; rank 1 is selected by s 1 ras , cas , we input active low when sampled at the cross point of the ri sing edge of ck and falling edge of ck , cas , ras and we define the operation to be executed by the sdram. ba[1:0] input selects which ddr2 sdram internal bank of four is activated. odt[1:0] input active high asserts on-die termination for dq, dm, dqs and dqs signals if enabled via the ddr2 sdram mode register. a[9:0], a10/ap, a[15:11] input during a bank activate command cycle, defines the row address when sampled at the cross point of the rising edge of ck and falling edge of ck . during a read or write com- mand cycle, defines the column address when sampled at the cross point of the rising edge of ck and falling edge of ck . in addition to the column address, ap is used to invoke autoprecharge operation at the end of the burst read or write cycle. if ap is high., autopre- charge is selected and ba0-ban defines the bank to be precharged. if ap is low, autopre- charge is disabled. during a precharge command cycle., ap is used in conjunction with ba0-ban to control which bank(s) to precharge. if ap is high, all banks will be precharged regardless of the state of ba0-ban inputs. if ap is low, then ba0-ban are used to define which bank to precharge. dq[63:0] in/out data input/output pins. dm[7:0] input active high the data write masks, associated with one da ta byte. in write mode, dm operates as a byte mask by allowing input data to be written if it is low but blocks the write operation if it is high. in read mode, dm lines have no effect. dqs[7:0], dqs [7:0] in/out cross point the data strobe, associated with one data byte, sourced whit data transfers. in write mode, the data strobe is sourced by the controller and is centered in the data window. in read mode, the data strobe is sourced by th e ddr2 sdrams and is sent at leading edge of the data window. dqs signals are complements, and timing is relative to the crosspoint of respective dqs and dqs . if the module is to be operated in single ended strobe mode, all dqs signals must be tied on the system board to vss and ddr2 sdram mode registers programmed appropriately. v dd , v dd spd,v ss supply power supplies for core, i/o, serial presense detect, and ground for the module. sda in/out this is a bidirectional pin used to transfer data into or out of the spd eeprom. a resister must be connected to v dd t o act as a pull up. scl input this signals is used to clock data into and out of the spd eeprom. a resistor may be con- nected from scl to vdd to act as a pull up. sa[1:0] input address pins used to select the serial presence detect base address. test in/out the test pin is reserved for bus analysis to ols and is not connected on normal memory modules(sodimms).
rev. 0.3 / aug. 2007 4 1 200pin unbuffered ddr2 sdram so-dimms pin assignment pin location pin no. front side pin no. back side pin no. front side pin no. back side pin no. front side pin no. back side pin no. front side pin no. back side 1 vref 2 vss 51 dqs2 52 dm2 101 a1 102 a0 151 dq42 152 dq46 3 vss 4 dq4 53 vss 54 vss 103 vdd 104 vdd 153 dq43 154 dq47 5 dq0 6 dq5 55 dq18 56 dq22 105 a10/ap 106 ba1 155 vss 156 vss 7 dq1 8 vss 57 dq19 58 dq23 107 ba0 108 ras 157 dq48 158 dq52 9 vss 10 dm0 59 vss 60 vss 109 we 110 s 0 159 dq49 160 dq53 11 dqs 0 12 vss 61 dq24 62 dq28 111 vdd 112 vdd 161 vss 162 vss 13 dqs0 14 dq6 63 dq25 64 dq29 113 cas 114 odt0 163 nc,test 164 ck1 15 vss 16 dq7 65 vss 66 vss 115 nc/s 1 116 a13 165 vss 166 ck 1 17 dq2 18 vss 67 dm3 68 dqs 3 117 vdd 118 vdd 167 dqs 6 168 vss 19 dq3 20 dq12 69 nc 70 dqs3 119 nc/odt1 120 nc 169 dqs6 170 dm6 21 vss 22 dq13 71 vss 72 vss 121 vss 122 vss 171 vss 172 vss 23 dq8 24 vss 73 dq26 74 dq30 123 dq32 124 dq36 173 dq50 174 dq54 25 dq9 26 dm1 75 dq27 76 dq31 125 dq33 126 dq37 175 dq51 176 dq55 27 vss 28 vss 77 vss 78 vss 127 vss 128 vss 177 vss 178 vss 29 dqs 1 30 ck0 79 cke0 80 nc/cke1 129 dqs 4 130 dm4 179 dq56 180 dq60 31 dqs1 32 ck 0 81 vdd 82 vdd 131 dqs4 132 vss 181 dq57 182 dq61 33 vss 34 vss 83 nc 84 nc/a15 133 vss 134 dq38 183 vss 184 vss 35 dq10 36 dq14 85 ba2 86 nc/a14 135 dq34 136 dq39 185 dm7 186 dqs 7 37 dq11 38 dq15 87 vdd 88 vdd 137 dq35 138 vss 187 vss 188 dqs7 39 vss 40 vss 89 a12 90 a11 139 vss 140 dq44 189 dq58 190 vss 41 vss 42 vss 91 a9 92 a7 141 dq40 142 dq45 191 dq59 192 dq62 43 dq16 44 dq20 93 a8 94 a6 143 dq41 144 vss 193 vss 194 dq63 45 dq17 46 dq21 95 vdd 96 vdd 145 vss 146 dqs 5 195 sda 196 vss 47 vss 48 vss 97 a5 98 a4 147 dm5 148 dqs5 197 scl 198 sa0 49 dqs 2 50 nc 99 a3 100 a2 149 vss 150 vss 199 vddspd 200 sa1 front back 1 39 41 199 2 40 200 42
rev. 0.3 / aug. 2007 5 1 200pin unbuffered ddr2 sdram so-dimms functional block diagram 256mb(32mbx64) : hymp532s64b(l)p6 cke0 /s 0 odt0 d0 /c s o d t c k e dqs0 ldqs /d q s 0 /u d q s dm0 ldm dq0 i/o 0 dq1 i/o 1 dq2 i/o 2 dq3 i/o 3 dq4 i/o 4 dq5 i/o 5 dq6 i/o 6 i/o 7 dq7 dqs1 udqs /d q s 1 /udqs dm1 udm dq8 dq8 dq10 dq11 dq12 dq13 dq14 dq15 d1 /c s o d t c k e dqs2 ldqs /d q s 2 /l d q s dm2 ldm dq16 i/o 0 dq17 i/o 1 dq18 i/o 2 dq19 i/o 3 dq20 i/o 4 dq21 i/o 5 dq22 i/o 6 i/o 7 dq23 dqs3 udqs /d q s 3 /u d q s dm3 udm dq24 dq25 dq26 dq27 dq28 dq29 dq30 dq31 scl sda a0 a1 a2 serial pd scl sda wp sa0 sa1 dqs5 /d q s 5 dm5 dq40 dq41 dq42 dq43 dq44 dq45 dq46 dq47 d3 /c s o d t c k e dqs6 ldqs /d q s 6 /l d q s dm6 ldm dq48 i/o 0 dq49 i/o 1 dq50 i/o 2 dq51 i/o 3 dq52 i/o 4 dq53 i/o 5 dq54 i/o 6 i/o 7 dq55 dqs7 udqs /d q s 7 /u d q s dm7 udm dq56 dq57 dq58 dq59 dq60 dq61 dq62 dq63 d2 /c s o d t c k e dqs4 ldqs /d q s 4 /l d q s dm4 ldm dq32 i/o 0 dq33 i/o 1 dq34 i/o 2 dq35 i/o 3 dq36 i/o 4 dq37 i/o 5 dq38 i/o 6 i/o 7 dq39 /s 1 n.c. odt1 n.c. cke1 n.c. 3 +/? 5% ba0-ba1 3 +/- 5% a0-an /ras /cas /w e sdrams d0-3 sdrams d0-3 sdrams d0-3 sdrams d0-3 sdrams d0-3 2 loads ck0 /c k 0 2 loads ck1 /c k 1 i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 1 5 i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 udqs /u d q s udm i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 v dd spd v dd v ref v ss serial pd sdrams do-d3 sdrams do-d3, vdd and vddq sdrams do-d3, spd 1. resistor values are 22 ohm +/- 5% notes :
rev. 0.3 / aug. 2007 6 1 200pin unbuffered ddr2 sdram so-dimms functional block diagram 512mb(64mbx64): hymp564s64b(l)p6 cke0 /s0 /s1 dqs0 /dqs0 dm0 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 dqs1 /dqs1 dm1 dq8 dq8 dq 10 dq 11 dq 12 dq 13 dq 14 dq 15 dqs2 /dqs2 dm2 dq 16 dq 17 dq 18 dq 19 dq 20 dq 21 dq 22 dq 23 dqs3 /dqs3 dm3 dq 24 dq 25 dq 26 dq 27 dq 28 dq 29 dq 30 dq 31 scl sda a0 a1 a2 serial pd scl sda wp sa0 sa1 dqs5 /dqs5 dm5 dq 40 dq 41 dq 42 dq 43 dq 44 dq 45 dq 46 dq 47 dqs6 /dqs6 dm6 dq 48 dq 49 dq 50 dq 51 dq 52 dq 53 dq 54 dq 55 dqs7 /dqs7 dm7 dq 56 dq 57 dq 58 dq 59 dq 60 dq 61 dq 62 dq 63 dqs4 /dqs4 dm4 dq 32 dq 33 dq 34 dq 35 dq 36 dq 37 dq38 dq39 3 +/? 5% ba0 - ba1 3 +/- 5% a0-an /ras /cas /we sdrams d0-7 sdrams d0-7 sdrams d0-7 sdrams d0-7 sdrams d0-7 v dd spd v dd v ref v ss serial pd sdrams do-d3 sdrams do-d3 , v dd and v dd q sdrams do -d3 , spd 4 loads ck0 /ck0 4 loads ck1 /ck1 d0 /cs ldqs / udqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs / udqs udm d1 ldqs /ldqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs /udqs udm i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 cke odt /cs cke odt d4 /cs ldqs /udqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs /udqs udm i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 cke odt d5 /cs ldqs /udqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs /udqs udm i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 cke odt d2 /cs ldqs /udqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs /udqs udm d3 ldqs /ldqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs /udqs udm i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 cke odt /cs cke odt d6 /cs ldqs / udqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs / udqs udm i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 cke odt d7 /cs ldqs / udqs ldm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 udqs / udqs udm i/ o 8 i/ o 9 i/ o 10 i/ o 11 i/ o 12 i/ o 13 i/ o 14 i/ o 15 cke odt cke1 odt0 odt1 1. resistor values are 22 ohm +/- 5% notes :
rev. 0.3 / aug. 2007 7 1 200pin unbuffered ddr2 sdram so-dimms functional block diagram 1gb(128mbx64) : hymp512s64b(l)p8 cke 0 s0 s1 sa0 sda a0 a1 a2 serial presense detect (spd) scl event/wp 3 +/- 5% ba 0 - ba 2 10 +/- 5% a0- an sdrams v dd spd v dd v ref spd sdrams do - d15 , v dd and v dd q , spd 8loads ck0 /ck0 8loads ck1 /ck1 odt1 cke odt1 1 0 dm0 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 d3 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 dqs1 dqs 1 dm1 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 odt0 cke0 d5 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 dqs2 dqs2 dm2 dq16 dq17 dq18 dq19 dq20 dq21 dq22 dq23 odt0 cke0 d7 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 dqs3 dqs3 dm3 dq24 dq25 dq26 dq27 dq28 dq29 dq30 dq31 odt0 cke0 d1 dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt0 cke0 d9 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 d11 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 d13 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 d15 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 dqs4 dqs4 dm4 d4 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 dqs5 dqs5 dm5 dq dq42 dq43 dq44 dq45 dq46 dq47 odt0 cke0 d6 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 dqs6 dqs6 dm6 dq48 dq49 dq50 dq51 dq52 dq53 dq54 dq55 odt0 cke0 d8 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 dqs7 dqs7 dm7 dq56 dq57 dq58 dq59 dq60 dq61 dq62 dq63 odt0 cke0 d2 cs0 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt0 cke0 d10 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 d12 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 d14 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 d16 cs1 dqs dqs dm i/ o 0 i/ o 1 i/ o 2 i/ o 3 i/ o 4 i/ o 5 i/ o 6 i/ o 7 odt1 cke1 dq32 dq33 dq34 dq35 dq36 dq37 dq38 dq39 dq41 40 / / / / / / / / / /dqs0 dqs /ras /cas /we d0-d15 sdrams d0-d15 sdrams d0-d15 sdrams d0-d15 sdrams d0-d15 /dqs /cs0 / / / / / / / / / / / // / / / / / / / // / / / / / / / / sdrams do - d15 sdrams do - d15 sa1 sa2 notes: for normal operation only r(wp) is placed. for the spd temperture sensor option only r(event) is placed. #unless otherwise noted, resistor values are 22 9 +/- 5% dq wiring may differ from that described in this drawing ;described in this drawing; however, dq/dm/dqs/dqs relationships are maintained as shown wp event r(wp) = 0 r(event) = 0 5.6 pf 5.6 pf
rev. 0.3 / aug. 2007 8 1 200pin unbuffered ddr2 sdram so-dimms absolute maximum ratings notes: 1. stress greater than those listed may cause permanent dama ge to the device. this is a stress rating only, and device functional operation at or above the conditions indica ted is not implied. expousure to absolute maximum rating con ditions for extended periods may affect reliability. operating conditions notes: 1. up to 9850 ft. 2. if the dram case temperature is above 85 o c, the auto-refresh command inte rval has to be reduced to trefi=3.9us. for measurement conditions of t case , please refer to the jedec document jesd51-2. dc operating conditions (sstl_1.8) notes: 1. v ddq must be less than or equal to v dd . 2. peak to peak ac noise on v ref may not exceed +/-2% v ref (dc) 3. vtt of transmitting device must track vref of receiving device. parameter symbol value unit note voltage on v dd pin relative to vss v dd - 1.0 v ~ 2.3 v v 1 voltage on vddl pin relative to vss v ddl -0.5v ~ 2.3 v v 1 voltage on v ddq pin relative to vss v ddq - 0.5 v ~ 2.3 v v 1 voltage on any pin relative to vss v in, v out - 0.5 v ~ 2.3 v v 1 storage temperature t stg -50 ~ +100 o c 1 storage humidity(without condensation) h stg 5 to 95 % 1 parameter symbol rating units notes dimm operating temperature(ambient) t opr 0 ~ +55 o c dimm barometric pressure(operating & storage) p bar 105 to 69 k pascal 1 dram component case temperature range t case 0 ~+95 o c 2 parameter symbol min max unit note power supply voltage v dd 1.7 1.9 v v ddl 1.7 1.9 v v ddq 1.7 1.9 v 1 input reference voltage v ref 0.49 x v ddq 0.51 x v ddq v2 eeprom supply voltage v ddspd 1.7 3.6 v termination voltage v tt v ref -0.04 v ref +0.04 v 3
rev. 0.3 / aug. 2007 9 1 200pin unbuffered ddr2 sdram so-dimms input dc logic level input ac logic level ac input test conditions notes : 1. input waveform timing is referenced to the input signal crossing through the v ref level applied to the device under test. 2. the input signal minimum slew rate is to be maintained over the range from v ref to v ih(ac) min for rising edges and the range from v ref to v il(ac) max for falling edges as shown in the below figure. 3. ac timings are referenced with input waveforms switchin g from vil(ac) to vih(ac) on the positive transitions and vih(ac) to vil(ac) on the negative transitions. parameter symbol min max unit note input high voltage v ih (dc) v ref + 0.125 v ddq + 0.3 v input low voltage v il (dc) -0.30 v ref - 0.125 v parameter symbol ddr2 400/533 ddr2 667 unit min max min max ac input logic high v ih (ac) v ref + 0.250 - v ref + 0.200 - v ac input logic low v il (ac) -v ref - 0.250 - v ref - 0.200 v symbol condition value units notes v ref input reference voltage 0.5 * v ddq v1 v swing(max) input signal maximum peak to peak swing 1.0 v 1 slew input signal minimum slew rate 1.0 v/ns 2, 3 v ddq v ih(ac) min v ih(dc) min v ref v il(dc) max v il(ac) max v ss v swing(max) delta tr delta tf v ref - v il (ac) max delta tf falling slew = rising slew = v ih (ac) min - v ref delta tr < figure : ac input test signal waveform>
rev. 0.3 / aug. 2007 10 1 200pin unbuffered ddr2 sdram so-dimms differential input ac logic level 1. v in (dc) specifies the allowable dc execution of ea ch input of differential pair such as ck, ck , dqs, dqs , ldqs, ldqs , udqs and udqs . 2. v id (dc) specifies the input differential voltage |v tr -v cp | required for switching, where v tr is the true input (such as ck, dqs, ldqs or udqs) level and v cp is the complementary input (such as ck , dqs , ldqs or udqs ) level. the minimum value is equal to v ih (dc) - v il (dc). notes : 1. v id (ac) specifies the input differential voltage |v tr -v cp | required for switching, where v tr is the true input signal (such as ck, dqs, ldqs or udqs) and v cp is the complementary input signal (such as ck , dqs , ldqs or udqs ). the minimum value is equal to v ih (ac) - v il (ac). 2. the typical value of v ix (ac) is expected to be about 0.5 * v ddq of the transmitting device and v ix (ac) is expected to track variations in v ddq . v ix (ac) indicates the voltage at whitch differential input signals must cross. differential ac ou tput parameters notes: 1. the typical value of v ox (ac) is expected to be about 0.5 * v ddq of the transmitti ng device and v ox (ac) is expected to track variations in v ddq . v ox (ac) indicates the voltage at whitch di fferential output signals must cross. symbol parameter min. max. units note v id (ac) ac differential input voltage 0.5 v ddq + 0.6 v 1 v ix (ac) ac differential cross point voltage 0.5 * v ddq - 0.175 0.5 * v ddq + 0.175 v 2 symbol parameter min. max. units note v ox (ac) ac differential cross point voltage 0.5 * v ddq - 0.125 0.5 * v ddq + 0.125 v 1 v ddq crossing point v ssq v tr v cp v id v ix or v ox < differential signal levels >
rev. 0.3 / aug. 2007 11 1 200pin unbuffered ddr2 sdram so-dimms output buffer levels output ac test conditions notes: 1. the vddq of the device under test is referenced. output dc current drive notes: 1. v ddq = 1.7 v; v out = 1420 mv. (v out - v ddq )/i oh must be less than 21 ohm for values of v out between v ddq and v ddq - 280 mv. 2. v ddq = 1.7 v; v out = 280 mv. v out /i ol must be less than 21 ohm for values of v out between 0 v and 280 mv. 3. the dc value of v ref applied to the receiving device is set to v tt 4. the values of i oh (dc) and i ol (dc) are based on the conditions given in notes 1 and 2. they are used to test device drive current capability to ensure v ih min plus a noise margin and v il max minus a noise margin are delivered to an sstl_18 receiver. the actual current values are derive d by shifting the desired driver operating po int along a 21 ohm load line to define a convenient driver current for measurement. symbol parameter sstl_18 units notes v otr output timing measurement reference level 0.5 * v ddq v1 symbol parameter sstl_18 units notes i oh(dc) output minimum source dc current - 13.4 ma 1, 3, 4 i ol(dc) output minimum sink dc current 13.4 ma 2, 3, 4
rev. 0.3 / aug. 2007 12 1 200pin unbuffered ddr2 sdram so-dimms pin capacitance (vdd=1.8v,vddq=1.8v, ta=25 . f=1mhz ) 256mb : hymp532s64b[l]p6 512mb : hymp564s64b[l]p6 1gb : hymp512s64b[l]p8 notes: 1. pins not under test are tied to gnd. 2. these values are guaranteed by design and tested on a sample basis only. pin symbol min max unit ck, ck cck 12 15 pf cke, odt,cs ci1 27 30 pf address, ras , cas , we ci2 25 32 pf dq, dm, dqs, dqs cio 6.0 7.5 pf pin symbol min max unit ck, ck cck 17 20 pf cke, odt,cs ci1 22 25 pf address, ras , cas , we ci2 28.5 37.0 pf dq, dm, dqs, dqs cio 10.0 12.0 pf pin symbol min max unit ck, ck cck 25 49 pf cke, odt,cs ci1 32 58 pf address, ras , cas , we ci2 47 96 pf dq, dm, dqs, dqs cio 16 20 pf
rev. 0.3 / aug. 2007 13 1 200pin unbuffered ddr2 sdram so-dimms idd specifications (t case : 0 to 95 o c) 256mb, 32m x 64 so- dimm : hymp532s64b[l]p6 512mb, 64m x 64 so - dimm : hymp564s64b[l]p6 notes: 1. idd6 current values are guaranteed up to tcase of 85 max. symbol e3 (ddr 400@cl 3) c4 (ddr 533@cl 4) y5 (ddr 667@cl 5) unit note idd0 440 460 480 ma idd1 520 540 560 ma idd2p 32 32 32 ma idd2q 160 180 200 ma idd2n 180 200 220 ma idd3p(f) 120 120 140 ma idd3p(s) 48 48 48 ma idd3n 200 240 260 ma idd4w 840 1000 1120 ma idd4r 800 880 1000 ma idd5b 640 680 720 ma idd6 20 20 20 ma 1 idd6(l) 16 16 16 ma 1 idd7 1320 1340 1360 ma symbol e3 (ddr 400@cl 3) c4 (ddr 533@cl 4) y5 (ddr 667@cl 5) s5 (ddr 800@cl 5) unit note idd0 640 700 740 816 ma idd1 720 780 820 888 ma idd2p 64 64 64 64 ma idd2q 320 360 400 440 ma idd2n 360 400 440 480 ma idd3p(f) 240 240 280 280 ma idd3p(s) 96 96 96 96 ma idd3n 400 480 520 576 ma idd4w 1040 1240 1380 1488 ma idd4r 1000 1120 1260 1388 ma idd5b 840 920 980 1088 ma idd6 40 40 40 40 ma 1 idd6(l) 32 32 32 32 ma 1 idd7 1520 1580 1620 1688 ma
rev. 0.3 / aug. 2007 14 1 200pin unbuffered ddr2 sdram so-dimms 1gb, 128m x 64 so - dimm : hymp512s64b[l]p8 notes: 1. idd6 current values are guaranteed up to tcase of 85 max. symbol e3 (ddr 400@cl 3) c4 (ddr 533@cl 4) y5 (ddr 667@cl 5) s5 (ddr 800@cl 5) unit note idd0 1040 1080 1200 1328 ma idd1 1120 1160 1240 1368 ma idd2p 128 128 128 128 ma idd2q 480 640 720 800 ma idd2n 560 720 800 880 ma idd3p(f) 480 480 560 560 ma idd3p(s) 192 192 192 192 ma idd3n 800 880 960 1056 ma idd4w 1520 1800 2000 2288 ma idd4r 1440 1640 1920 2208 ma idd5b 1680 1800 1920 2128 ma idd6 80 80 80 80 ma 1 idd6(l) 64 64 64 64 ma 1 idd7 2160 2200 2240 2688 ma
rev. 0.3 / aug. 2007 15 1 200pin unbuffered ddr2 sdram so-dimms idd meauarement conditions notes: 1. idd specifications are tested after the device is properly initialized 2. input slew rate is specified by ac parametric test condition 3. idd parameters are specified with odt disabled. 4. data bus consists of dq, dm, dqs, dqs , rdqs, rdqs , ldqs, ldqs, udqs, and udqs . idd values must be me t with all combinations of emrs bits 10 and 11. 5. definitions for idd low is defined as vin vilac(max) high is defined as vin vihac(min) stable is defined as inputs st able at a high or low level floating is defined as inputs at vref = vddq/2 switching is defined as: inputs changi ng between high and low ever y other clock cycle (once per two clocks) for address and control signals, and inputs changing between high and low every other data transfer ( once per clock) for dq signals not including masks or strobes. symbol conditions units idd0 operating one bank active-precharge current ; t ck = t ck(idd), t rc = t rc(idd), t ras = t ras- min(idd);cke is high, cs is high between valid commands;address bus inputs are switching;data bus inputs are switching ma idd1 operating one bank active-read-precharge current ; iout = 0ma;bl = 4, cl = cl(idd), al = 0; t ck = t ck(idd), t rc = t rc (idd), t ras = t rasmin(idd), t rcd = t rcd(idd) ; cke is high, cs is high between valid commands ; address bus inputs are switching ; data pattern is same as idd4w ma idd2p precharge power-down current ; all banks idle ; t ck = t ck(idd) ; cke is low ; other control and address bus inputs are stable; data bus inputs are floating ma idd2q precharge quiet standby current ;all banks idle; t ck = t ck(idd);cke is high, cs is high; other control and address bus inputs are stable; data bus inputs are floating ma idd2n precharge standby current ; all banks idle; t ck = t ck(idd); cke is high, cs is high; other control and address bus inputs are switching; data bus inputs are switching ma idd3p active power-down current ; all banks open; t ck = t ck(idd); cke is low; other control and address bus inputs ar e stable; data bus inputs are float- ing fast pdn exit mrs(12) = 0 ma slow pdn exit mrs(12) = 1 ma idd3n active standby current ; all banks open; t ck = t ck(idd), t ras = t rasmax(idd), t rp = t rp(idd); cke is high, cs is high between valid commands; other control and address bus inputs are switching; data bus inputs are switching ma idd4w operating burst write current ; all banks open, continuous burst writes; bl = 4, cl = cl(idd), al = 0; t ck = t ck(idd), t ras = t rasmax(idd), t rp = t rp(idd); cke is high, cs is high between valid commands; address bus inputs are switching; data bus inputs are switching ma idd4r operating burst read current ; all banks open, continuous burst reads, iout = 0ma; bl = 4, cl = cl(idd), al = 0; t ck = t ck(idd), t ras = t rasmax(idd), t rp = t rp(idd); cke is high, cs is high between valid com- mands; address bus inputs are switching;; data pattern is same as idd4w ma idd5b burst refresh current ; t ck = t ck(idd); refresh command at every t rfc(idd) interval; cke is high, cs is high between valid commands; other control and addres s bus inputs are switchi ng; data bus inputs are switching ma idd6 self refresh current ; ck and ck at 0v; cke 0.2v; other control and address bus inputs are floating; data bus inputs are floating. idd6 current va lues are guaranted up to tcase of 85 max. ma idd7 operating bank interleave read current ; all bank interleaving reads, iout = 0ma; bl = 4, cl = cl(idd), al = t rcd(idd)-1* t ck(idd); t ck = t ck(idd), t rc = t rc(idd), t rrd = t rrd(idd), t rcd = 1* t ck(idd); cke is high, cs is high between valid commands; address bus inputs are stable during deselects; data pattern is same as idd4r; - refer to the following page for detailed timing conditions ma
rev. 0.3 / aug. 2007 16 1 200pin unbuffered ddr2 sdram so-dimms electrical characteristics & ac timings speed bins and cl,trcd,trp,trc an d tras for corresponding bin ac timing parameters by speed grade speed ddr2-800 ddr2-667 ddr2-533 ddr2-400 unit bin(cl-trcd-trp) 5-5-5 5-5-5 3-3-3 4-4-4 parameter min min min min cas latency 5535 ns trcd 12.5 15 11.25 15 ns trp 12.5 15 11.25 15 ns tras 45 45 45 40 ns trc 57.25 60 56.25 55 ns parameter symbol ddr2-400 ddr2-533 unit note min max min max data-out edge to clock edge skew tac -600 +600 -500 500 ps dqs-out edge to clock edge skew tdqsck -500 +500 -500 450 ns clock high level width tch 0.45 0.55 0.45 0.55 ck clock low level width tcl 0.45 0.55 0.45 0.55 ck clock half period thp min(tcl,tch) - min (tcl,tch) - ns system clock cycle time tck 5000 8000 3750 8000 ps dq and dm input setup time(differential strobe) tds 150 - 100 - ps 1 dq and dm input hold time(differential strobe) tdh 275 - 225 - ps 1 dq and dm input setup time(single ended strobe) tds1 25 --25 - ps 1 dq and dm input hold time(single ended strobe) tdh1 25 --25 - ps 1 control & address input pulse width for each input tipw 0.6 - 0.6 - tck dq and dm input pulse witdth for each input tdipw 0.35 - 0.35 - tck data-out high-impedance window from ck, /ck thz -tac max -tac max ps dqs low-impedance time from ck/ck tlz(dqs) tac min tac max tac min tac max ps dq low-impedance time from ck/ck tlz(dq) 2*tac min tac max 2*tac min tac max ps dqs-dq skew for dqs and associated dq signals tdqsq - 350 - 300 ps dq hold skew factor tqhs - 450 - 400 ps dq/dqs output hold time from dqs tqh thp - tqhs - thp - tqhs - ps first dqs latching transition to associated clock edge tdqss -0.25 + 0.25 -0.25 + 0.25 tck dqs input high pulse width tdqsh 0.35 - 0.35 - tck dqs input low pulse width tdqsl 0.35 - 0.35 - tck
rev. 0.3 / aug. 2007 17 1 200pin unbuffered ddr2 sdram so-dimms - continued - parameter symbol ddr2-400 ddr2-533 unit note min max min max dqs falling edge to ck setup time tdss 0.2 - 0.2 - tck dqs falling edge hold time from ck tdsh 0.2 - 0.2 - tck mode register set command cycle time tmrd 2 - 2 - tck write postamble twpst 0.4 0.6 0.4 0.6 tck write preamble twpre 0.35 - 0.35 - tck address and control input setup time tis 350 -250 - ps address and control input hold time tih 475 -375 - ps read preamble trpre 0.9 1.1 0.9 1.1 tck read postamble trpst 0.4 0.6 0.4 0.6 tck auto-refresh to active/auto-refresh command period trfc 105 - 105 - ns row active to row active delay for 1kb page size trrd 7.5 - 7.5 - ns row active to row active delay for 2kb page size trrd 10 - 10 - ns four activate window for 1kb page size tfaw 37.5 - 37.5 - ns four activate window for 2kb page size tfaw 50 - 50 - ns cas to cas command delay tccd 2 2 tck write recovery time twr 15 -15 - ns auto precharge write recovery + precharge time tdal wr+trp - twr+trp - tck write to read command delay twtr 10 -7.5 - ns internal read to precharge command delay trtp 7.5 7.5 ns exit self refresh to a non-read command txsnr trfc + 10 trfc + 10 ns exit self refresh to a read command txsrd 200 - 200 - tck exit precharge power down to any non-read command txp 2 - 2 - tck exit active power down to read command txard 2 2 tck exit active power down to read command (slow exit, lower power) txards 6 - al 6 - al tck cke minimum pulse width (high and low pulse width) t cke 3 3 tck odt turn-on delay t aond 2222 tck odt turn-on t aon tac(min) tac(max)+1 tac(min) tac(max)+1 ns odt turn-on(power-down mode) t aonpd tac(min)+2 2tck+ tac(max)+1 tac(min)+2 2tck+tac(m ax)+1 ns odt turn-off delay t aofd 2.5 2.5 2.5 2.5 tck odt turn-off t aof tac(min) tac(max)+0 .6 tac(min) tac(max)+ 0.6 ns odt turn-off (power-down mode) t aofpd 2.5 2.5 tac(min)+2 2.5tck+tac( max)+1 ns
rev. 0.3 / aug. 2007 18 1 200pin unbuffered ddr2 sdram so-dimms - continued - note : 1. for details and notes, please refer to the relevant hynix component datasheet(hy5ps12[8/16]21b[l]fp). 2. 0 c tcase 85 c 3. 85 c tcase 95 c parameter symbol ddr2-400 ddr2-533 unit note min max min max odt to power down entry latency tanpd tac(min) tac(max)+0. 6 3 tck odt power down exit latency taxpd tac(min)+2 2.5tck+ tac(max)+1 8 tck ocd drive mode output delay toit 3012 ns minimum time clocks remains on after cke asynchronously drops low tdelay 8 tis+tck+tih ns average periodic refresh interval trefi -7.8-7.8 us 2 trefi - 3.9 - 3.9 us 3
rev. 0.3 / aug. 2007 19 1 200pin unbuffered ddr2 sdram so-dimms parameter symbol ddr2-667 ddr2-800 unit note min max min max dq output access time from ck/ck tac -450 +450 -400 +400 ps dqs output access time from ck/ck tdqsck -400 +400 -350 +350 ps ck high-level width tch 0.45 0.55 0.45 0.55 tck ck low-level width tcl 0.45 0.55 0.45 0.55 tck ck half period thp min(tcl, tch) - min(tcl, tch) - ps clock cycle time, cl=x tck 3000 8000 2500 ps dq and dm input setup time (differential strobe) tds 100 - 50 - ps 1 dq and dm input hold time (differential strobe) tdh 175 - 125 - ps 1 control & address input pulse width for each input tipw 0.6 - 0.6 - tck dq and dm input pulse width for each input tdipw 0.35 - 0.35 - tck data-out high-impedance time from ck/ck thz - tac max - tac max ps dqs low-impedance time from ck/ck tlz(dqs) tac min tac max tac min tac max ps dq low-impedance time from ck/ck tlz(dq) 2*tac min tac max 2*tac min tac max ps dqs-dq skew for dqs and associated dq signals tdqsq - 240 - 200 ps dq hold skew factor tqhs - 340 - 300 ps dq/dqs output hold time from dqs tqh thp - tqhs - thp - tqhs - ps first dqs latching transition to associated clock edge tdqss - 0.25 + 0.25 - 0.25 + 0.25 tck dqs input high pulse width tdqsh 0.35 - 0.35 - tck dqs input low pulse width tdqsl 0.35 - 0.35 - tck dqs falling edge to ck setup time tdss 0.2 - 0.2 - tck dqs falling edge hold time from ck tdsh 0.2 - 0.2 - tck mode register set command cycle time tmrd 2 - 2 - tck write postamble twpst 0.4 0.6 0.4 0.6 tck write preamble twpre 0.35 - 0.35 - tck address and control input setup time tis 200 -175 - ps address and control input hold time tih 275 -250 - ps read preamble trpre 0.9 1.1 0.9 1.1 tck read postamble trpst 0.4 0.6 0.4 0.6 tck activate to precharge command tras 45 70000 45 70000 ns active to active command period for 1kb page size products trrd 7.5 -7.5 - ns active to active command period for 2kb page size products trrd 10 -10 - ns four active window for 1kb page size products tfaw 37.5 - 35 - ns four active window for 2kb page size products tfaw 50 - 45 - ns
rev. 0.3 / aug. 2007 20 1 200pin unbuffered ddr2 sdram so-dimms - continued - note : 1. for details and notes, please refer to the relevant hynix component datasheet(hy5ps12[8/16]21b[l]fp). 2. 0 c tcase 85 c 3. 85 c tcase 95 c parameter symbol ddr2-667 ddr2-800 unit note min max min max cas to cas command delay tccd 2 2 tck write recovery time twr 15 -15 - ns auto precharge write recovery + precharge time tdal wr+trp - wr+trp - tck internal write to read command delay twtr 7.5 -7.5 - ns internal read to precharge command delay trtp 7.5 7.5 ns exit self refresh to a non-read command txsnr trfc + 10 trfc + 10 ns exit self refresh to a read command txsrd 200 - 200 - tck exit precharge power down to any non-read command txp 2 - 2 - tck exit active power down to read command txard 2 2 tck exit active power down to read command (slow exit, lower power) txards 7 - al 8 - al tck cke minimum pulse width(high and low pulse width) t cke 3 3 tck odt turn-on delay t aond 2222tck odt turn-on t aon tac(min) tac(max)+0.7 tac(min) tac(max) +0.7 ns odt turn-on(power-down mode) t aonpd tac(min)+ 2 2tck+ tac(max)+1 tac(min) +2 2tck+ tac(max)+1 ns odt turn-off delay t aofd 2.5 2.5 2.5 2.5 tck odt turn-off t aof tac(min) tac(max)+ 0.6 tac(min) tac(max) +0.6 ns odt turn-off (power-down mode) t aofpd tac(min)+ 2 2.5tck+ tac(max)+1 tac(min) +2 2.5tck+ tac(max)+1 ns odt to power down entry latency tanpd 3 3 tck odt power down exit latency taxpd 8 8 tck ocd drive mode output delay toit 0 12 0 12 ns minimum time clocks remains on after cke asynchronously drops low tdelay tis+tck+ti h tis+tck +tih ns average periodic refresh interval trefi - 7.8 - 7.8 us 2 trefi - 3.9 - 3.9 us 3
rev. 0.3 / aug. 2007 21 1 200pin unbuffered ddr2 sdram so-dimms package outline 32mx64 - hymp532s64b[l]p6 front 67.60 2.00 min 4.00 +/-0.10 pin 1 pin 39 pin 41 pin 199 47.40 20.00 6.00 30.00 47.40 pin 2 pin 40 pin 42 pin 200 back 3.8 max 1.00 0.10 side note: 1. all dimensions are in millimeters. 2. all outline dimensions and tolerances follow the jedec standard. 0.45 0.03 0.60 0.20 0.15 detail of contacts a 2.55 detail of contacts b (front) 1.0 0.05 4.00 0.10 4.20 2.70 0.10 detail-a detail-b detail-b 4.20 2.40 0.10 1.80 1.50 detail of contacts b (back) 11.40 1.80 0.10 4.20 2.15 2.45 11.40 1.50 0.10
rev. 0.3 / aug. 2007 22 1 200pin unbuffered ddr2 sdram so-dimms package outline 64mx64 - hymp564s64b[l]p6 front 67.60 2.00 min 4.00 +/-0.10 pin 1 pin 39 pin 41 pin 199 47.40 20.00 6.00 30.00 47.40 pin 2 pin 40 pin 42 pin 200 back note: 1. all dimensions are in millimeters. 2. all outline dimensions and tolerances follow the jedec standard. 0.45 0.03 0.60 0.20 0.15 detail of contacts a 2.55 detail of contacts b (front) 1.0 0.05 4.00 0.10 4.20 2.70 0.10 4.20 2.40 0.10 1.80 1.50 detail of contacts b (back) detail-b detail-b detail-a 3.8 max 1.00 0.10 side 11.40 1.80 0.10 4.20 2.15 2.45 11.40 1.50 0.10
rev. 0.3 / aug. 2007 23 1 200pin unbuffered ddr2 sdram so-dimms package outline 128mx64 - hymp512s64b[l]p8 front 67.60 2.00 min 4.00 +/-0.10 pin 1 pin 39 pin 41 pin 199 47.40 20.00 6.00 30.00 47.40 pin 2 pin 200 back 3.8 max 1.00 0.10 side note: 1. all dimensions are in millimeters. 2. all outline dimensions and tolerances follow the jedec standard. 0.45 0.03 0.60 0.20 0.15 detail of contacts a 2.55 detail of contacts b (front) 1.0 0.05 4.00 0.10 4.20 2.70 0.10 detail-b 4.20 2.40 0.10 1.80 1.50 detail of contacts b (back) detail-a detail-b pin 40 pin 42 11.40 1.80 0.10 4.20 2.15 2.45 11.40 1.50 0.10
rev. 0.3 / aug. 2007 24 1 200pin unbuffered ddr2 sdram so-dimms revision history revision history date remark 0.1 first version release aug. 2005 corrected editorial typos sep. 2005 0.2 updated idd all values aug. 2006 0.3 dimm outline corrected aug. 2007


▲Up To Search▲   

 
Price & Availability of HYMP564S64BP6-S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X