Part Number Hot Search : 
HGBBN 74HC17 IC16F 240NS100 CXA2108 MC10125 ZSA5MA27 P000069
Product Description
Full Text Search
 

To Download HP3-ML-AC220V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hp 10 amp power relay hp relays features 1. high-capacity and long life mechanical life is more than 10 million operations and, with electrical life of more than 200,000 operations (resistive load 10 a; inductive load 7.5 a), the relay has excellent inductive load durability. 2. easy mounting and wiring the terminal arrangement is apparent at a glance and wiring is easy. moreover, quick tab terminal is also possible. 3. operation indicator option optional operation indicators are av ailable for easy visual con?mation that relays are operating. they simplify maintenance. 4. ul/csa approved 5. wide range of sockets and terminal sockets to enable use with din rails, din terminal sockets are also available. rohs directive compatibility information http://www.mew.co.jp/ac/e/environment/ typical applications hp relays enjoy wide use in various applications, particularly in automation controls and remote controls. applications include: 1. industrial machinery f or controlling positioning, pressure, and temperature in molding equipment, boilers, pumps, charging pressure equipment, measuring and evaluation equipment, textile machines, etc. 2. machine tools control of positioning and directional change in turning machines, lathes, borers, etc. 3. food processing packing machines automatic control of packing equipment for milk and seafood, bottling, canning, and packaging 4. of?e equipment control of copiers, time recorders, etc. 5. coin operate machines control of food, cigarette, and other vending machines 6. transportation ampli?ation of control signals in control devices for vehicles and vessels, functional parts of all kinds of equipment, control signal repeating installation in signaling devices and equipment. 7. measuring devices and equipment for repeating installation of control signals and in power ampli?rs 8. generators, transformers and power receiving equipment. functional parts in protective equipment, functional assistance in automatic adjustment equipment, telemeters and other remote monitoring equipment 9. control of conveyance equipment control panels for elevators, escalators, and other conveyance equipment, control of all kinds industrial transport equipment such as conveyors. 10. amusement equipment control of equipment in amusement parks, etc., control of bowling alley equipment, control of fountains in public parks about cd-free contacts we have introduced cadmium free type products to reduce environmental hazardous substances. (the suf? ? should be added to the part number. the suf? ? is required only for 4 form c contact type. the 2 form c and 3 form c contact type is originally cadmium-free, the suf? ? is not required.) please replace parts containing cadmium with cadmium-free products and evaluate them with your actual application before use because the life of a relay depends on the contact material and load. all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp ordering information types 1. plug-in type standard packing (2 form c): carton: 20 pcs.; case: 100 pcs. standard packing (3 form c, 4 form c): carton: 10 pcs.; case: 50 pcs. coil voltage 2 form c 3 form c 4 form c part no. part no. part no. 6v ac hp2-ac6v hp3-ac6v hp4-ac6v-f 12v ac hp2-ac12v hp3-ac12v hp4-ac12v-f 24v ac hp2-ac24v hp3-ac24v hp4-ac24v-f 48v ac hp2-ac48v hp3-ac48v hp4-ac48v-f 100v ac hp2-ac100v hp3-ac100v hp4-ac100v-f 115v ac hp2-ac115v hp3-ac115v hp4-ac115v-f 200v ac hp2-ac200v hp3-ac200v hp4-ac200v-f 220v ac hp2-ac220v hp3-ac220v hp4-ac220v-f 240v ac hp2-ac240v hp3-ac240v hp4-ac240v-f 6v dc hp2-dc6v hp3-dc6v hp4-dc6v-f 12v dc hp2-dc12v hp3-dc12v hp4-dc12v-f 24v dc hp2-dc24v hp3-dc24v hp4-dc24v-f 48v dc hp2-dc48v hp3-dc48v hp4-dc48v-f 100v dc hp2-dc100v hp3-dc100v hp4-dc100v-f 110v dc hp2-dc110v hp3-dc110v hp4-dc110v-f contact arrangement 2: 2 form c 3: 3 form c 4: 4 form c hp operation indication nil: l: without indication with indication contact material f: nil: 4 form c, silver alloy (cadmium-free) 2 form c, 3 form c (silver) with led indicator type coil voltage: 6, 12, 24 v ac 6, 12, 24, 48 v dc with neon lamp type coil voltage: 100, 115, 200, 220, 240 v ac 100, 110 v dc terminal arrangement nil: tm: m: standard plug-in terminal tm type (2 form c only) direct mounting (3 form c only) coil voltage ac dc 6, 12, 24, 48, 100, (115), 200, (220), (240) v 6, 12, 24, 48, 100, (110) v all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp 2. plug-in type (with led indication) standard packing (2 form c): carton: 20 pcs.; case: 100 pcs. standard packing (3 form c, 4 form c): carton: 10 pcs.; case: 50 pcs. 3. tm type and direct mount type standard packing: carton: 10 pcs.; case: 50 pcs. 4. direct mount type (with led indication) standard packing: carton: 10 pcs.; case: 50 pcs. notes: 1. standard packaging is handled in units of inner cartons. please specify if you require inner cartons to be boxed. 2. sockets, terminal sockets and installation brackets are not included. please order these separately. 3. for products compliant with international standards, please refer to the standards chart. coil voltage 2 form c 3 form c 4 form c part no. part no. part no. with led indication 6v ac hp2-l-ac6v hp3-l-ac6v hp4-l-ac6v-f 12v ac hp2-l-ac12v hp3-l-ac12v hp4-l-ac12v-f 24v ac hp2-l-ac24v hp3-l-ac24v hp4-l-ac24v-f with neon lamp 100v ac hp2-l-ac100v hp3-l-ac100v hp4-l-ac100v-f 115v ac hp2-l-ac115v hp3-l-ac115v hp4-l-ac115v-f 200v ac hp2-l-ac200v hp3-l-ac200v hp4-l-ac200v-f 220v ac hp2-l-ac220v hp3-l-ac220v hp4-l-ac220v-f 240v ac hp2-l-ac240v hp3-l-ac240v hp4-l-ac240v-f with led indication 6v dc hp2-l-dc6v hp3-l-dc6v hp4-l-dc6v-f 12v dc hp2-l-dc12v hp3-l-dc12v hp4-l-dc12v-f 24v dc hp2-l-dc24v hp3-l-dc24v hp4-l-dc24v-f 48v dc hp2-l-dc48v hp3-l-dc48v hp4-l-dc48v-f with neon lamp 100v dc hp2-l-dc100v hp3-l-dc100v hp4-l-dc100v-f 110v dc hp2-l-dc110v hp3-l-dc110v hp4-l-dc110v-f coil voltage 2 form c (tm type) 3 form c (direct mount type) part no. part no. 6v ac hp2-tm-ac6v hp3-m-ac6v 12v ac hp2-tm-ac12v hp3-m-ac12v 24v ac hp2-tm-ac24v hp3-m-ac24v 48v ac hp2-tm-ac48v hp3-m-ac48v 100v ac hp2-tm-ac100v hp3-m-ac100v 115v ac hp2-tm-ac115v hp3-m-ac115v 200v ac hp2-tm-ac200v hp3-m-ac200v 220v ac hp2-tm-ac220v hp3-m-ac220v 240v ac hp2-tm-ac240v hp3-m-ac240v 6v dc hp2-tm-dc6v hp3-m-dc6v 12v dc hp2-tm-dc12v hp3-m-dc12v 24v dc hp2-tm-dc24v hp3-m-dc24v 48v dc hp2-tm-dc48v hp3-m-dc48v 100v dc hp2-tm-dc100v hp3-m-dc100v 110v dc hp2-tm-dc110v hp3-m-dc110v coil voltage 3 form c part no. with neon lamp 100v ac hp3-ml-ac100v 115v ac hp3-ml-ac115v 200v ac hp3-ml-ac200v 220v ac HP3-ML-AC220V 240v ac hp3-ml-ac240v 100v dc hp3-ml-dc100v 110v dc hp3-ml-dc110v all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp rating 1. coil data 1) ac coils 2) dc coils (20 c 68 f ) notes: 1. the rated current area is 15% (60hz) [ac coils],. 10% (20 c) [dc coils] 2. the coil resistance for dc operation is the value measured when the coil temperature is 20 c 68 f . compensate 0.4% for every 1 c change in temperature. 3. the relay operates in a range of 80% to 110% v of the voltage rating, but ideally, in consideration of temporary voltage ?ctuations, it should be operated at the r ated voltage. in particular, for ac operation, if the impressed voltage drops to 80% v or more below the rated voltage, humming will occur and a large current will ?w leading possibly to coil burnout. 4. for use with 200 v dc, connect a 6.7k ? (10w) resistor, in series, to the 100 v dc relay [3 form c type is .6.4k ? (5w); 4 form c type is .6.2k ? (10w)]. 5. as a general rule, only a pure dc voltage should be used for the coil drive. however, a dc power supply that contains ripples has characteristics that differ from pure dc. therefore, please verify characteristics (operate voltage, release voltage, humming) using the actual circuit that will be used. contact arrangement nominal coil voltage nominal coil current (ma) nominal operating power (va) inductance (h) pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) max. allowable voltage (at 20 c 68 f ) 50hz 60hz 50hz 60hz 50hz 60hz 2 form c 6v ac 349ma 310ma 2.09va 1.9va 0.051 0.049 80%v or less of nominal voltage (initial) 30%v or more of nominal voltage (initial) 110%v of nominal voltage 12v ac 181.2ma 160ma 2.17va 1.9va 0.198 0.190 24v ac 94ma 78ma 2.25va 1.9va 0.753 0.776 48v ac 46.5ma 39ma 2.23va 1.9va 3.055 3.106 100v ac 25.3ma 21ma 2.36va 2.1va 12.60 12.03 115v ac 23.1ma 18ma 2.31va 2.1va 16.70 15.83 200v ac 12.4ma 11ma 2.48va 2.2va 48.03 45.81 220v ac 10.6ma 9.5ma 2.34va 2.1va 61.28 57.90 240v ac 10.0ma 9.0ma 2.40va 2.2va 69.00 66.26 3 form c 6v ac 594ma 520ma 3.56va 3.1va 0.03 0.030 80%v or less of nominal voltage (initial) 30%v or more of nominal voltage (initial) 110%v of nominal voltage 12v ac 297ma 260ma 3.56va 3.1va 0.123 0.119 24v ac 148.7ma 130ma 3.56va 3.1va 0.0494 0.475 48v ac 74.2ma 65ma 3.56va 3.1va 1.976 1.899 100v ac 36.4ma 32ma 3.64va 3.2va 8.500 8.038 115v ac 32.5ma 28.5ma 3.74va 3.3va 10.79 10.36 200v ac 18.2ma 16ma 3.65va 3.2va 33.53 32.10 220v ac 16.0ma 14.2ma 3.54va 3.1va 41.35 39.32 240v ac 15.8ma 13.9ma 3.79va 3.3va 45.94 44.05 4 form c 6v ac 909ma 800ma 5.46va 4.8va 0.020 0.019 80%v or less of nominal voltage (initial) 30%v or more of nominal voltage (initial) 110%v of nominal voltage 12v ac 456ma 400ma 5.47va 4.8va 0.080 0.077 24v ac 229ma 200ma 5.49va 4.8va 0.320 0.309 48v ac 108ma 95ma 5.18va 4.6va 1.348 1.292 100v ac 57.3ma 50ma 5.73va 5.0va 5.348 5.156 115v ac 47.6ma 42ma 5.47va 4.8va 7.264 6.953 200v ac 28.5ma 25ma 5.69va 5.0va 21.27 20.45 220v ac 23.8ma 21ma 5.24va 4.6va 27.75 26.57 240v ac 23.3ma 20.5ma 5.58va 4.9va 30.98 29.75 contact arrangement nominal coil voltage nominal coil current (ma) nominal operating power (w) coil resistance ( ? ) pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) max. allowable voltage (at 20 c 68 f ) 2 form c 6v dc 240ma 1.5w 25 ? 80%v or less of nominal voltage (initial) 15%v or more of nominal voltage (initial) 110%v of nominal voltage 12v dc 109ma 1.3w 110 ? 24v dc 54.5ma 1.3w 440 ? 48v dc 26.7ma 1.3w 1,800 ? 100v dc 14.9ma 1.5w 6,700 ? 110v dc 15.0ma 1.7w 7,300 ? 3 form c 6v dc 250ma 1.5w 24 ? 80%v or less of nominal voltage (initial) 15%v or more of nominal voltage (initial) 110%v of nominal voltage 12v dc 120ma 1.4w 100 ? 24v dc 60ma 1.4w 400 ? 48v dc 31ma 1.5w 1,560 ? 100v dc 15.6ma 1.6w 6,400 ? 110v dc 14.9ma 1.6w 7,450 ? 4 form c 6v dc 273ma 1.6w 22 ? 80%v or less of nominal voltage (initial) 15%v or more of nominal voltage (initial) 110%v of nominal voltage 12v dc 127ma 1.5w 95 ? 24v dc 63ma 1.5w 380 ? 48v dc 32.0ma 1.5w 1,500 ? 100v dc 16.3ma 1.6w 5,950 ? 110v dc 15.7ma 1.7w 7,000 ? all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp 2. speci?ations notes: *1 this value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2 for the ac coil types, the operate/release time will differ depending on the phase. *3 the upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. re f er to 6. conditions for operation, t r anspo r t and sto r age mentioned in ambient envi r onment. 3. electrical life 1) ac load note: when the electromagnet or exciting coil (solenoid, etc.) is the load, the value of motor or lamp load is applicable. 2) dc load note: for dc inductive loads, use an arc suppressing circuit. note: cautions at dc load use when used under a dc load operating at high repetition rate with considerable arcing, corrosion of the contacts and/or the contact blades is likely to occur. characteristics item speci?ations contact arrangement 2 form c, 3 form c, 4 form c initial contact resistance, max max. 15 m ? (by voltage drop 6 v dc 1a) contact material 2 form c, 3 form c a g 4 form c ag alloy (cd free) rating nominal switching capacity 10a 250v ac (resistive load) min. switching capacity (reference value)* 1 100ma 5v dc electrical characteristics insulation resistance (initial) min. 100m ? (at 500v dc) measurement at same location as ?nitial breakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1min (2 form c, 4 form c). 2,000 vrms for 1min (3 form c) (detection current: 10ma.) between contact sets 1,500 vrms for 1min (2 form c, 4 form c). 2,000 vrms for 1min (3 form c) (detection current: 10ma.) between contact and coil 1,500 vrms for 1min (2 form c, 4 form c). 2,000 vrms for 1min (3 form c) (detection current: 10ma.) temperature rise max. 65 c (by temperature method, at 40 c, nominal current) operate time* 2 max. 25ms (2 form c), max.30ms (3 form c, 4 form c) (nominal voltage applied to the coil, excluding contact bounce time.) release time* 2 max. 25ms (2 form c), max.30ms (3 form c, 4 form c) (nominal voltage applied to the coil, excluding contact bounce time.) (without diode) mechanical characteristics shock resistance functional min. 98 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive min. 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 2 mm expected life mechanical min. 10 7 conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +40 c ?8 f to +104 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 cpm (at max. rating) unit weight 2 form c: approx. 60g 2.12oz , 3 form c: approx. 100g 3.53oz , 4 form c: approx. 125g 4.41oz voltage 125v ac 250v ac expected life load resistive (a) (cos ? =1) inductive (a) (cos ? =0.4) resistive (a) (cos ? =1) inductive (a) (cos ? =0.4) current 10 7.5 min. 2 10 5 10 7.5 7.5 5 min. 5 10 5 5332 min. 10 6 1 0.7 0.6 0.4 min. 2 10 6 voltage 24v dc 125v dc expected life load resistive (a) inductive (a) resistive (a) inductive (a) current ? min. 2 10 5 7.5 5 0.5 0.4 min. 5 10 5 53 0.3 0.2 min. 10 6 1 0.6 0.1 0.06 min. 2 10 6 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp 4. life of led and neon lamp (with operation indication) reference data dimensions (unit: mm inch ) continuous use rating (on time) 50% with neon lamp 25,000 hours (approx. 3 years) approx. 6 years with led indication 50,000 hours (approx. 5.5 years) 100,000 hours (approx. 11 years) (coil terminal no.) schematic led protection diode schematic with led indication led with neon lamp neon lamp (coil terminal no.) coil terminal no. and polarity (dc type) polarity hp2 hp3 hp4 te r minal no. (+) 7 1 0 1 0 (? 2 2 1 1. life curve 2. max. switching capacity 10 0 100 200 300 400 500 600 700 800 900 1,000 load current, a operations, 10 4 125 v ac cos ? = 1 5 2 5 0 v a c c o s ? = 1 mechanical life more than 10,000,000 operations 100 500 1,00010 10 1 0.1 dc inductive load (l/r=7ms) ac inductive load (cos ? =0.4) dc resistive load ac resistive load contact voltage, v contact current, a 7 .276 51 2.008 .197.315 .197 58 5 44 1.732 0.5 .020 25 15 .984 .591 .031 8 7 63 54 1 5.26 5.26 5.26 .207 .207 10 .394 9.5 .374 7.5 .295 36 1.417 5.8 .228 5.3 .209 5.26 .207 .207 2 .031 0.8 0.8 0.8 0.8 .031 .031 compatible with tab terminal #205 series receptacle. plug-in type (2 form c) external dimensions schematic (bottom view) 8 7 6 5 1 2 3 4 dimension: max. 2mm .079 inch : 2 to 9mm .079 to .354 inch : 9 to 20mm .354 to .787 inch : min. 20mm .787 inch : t oler ance 0.2 .008 0.5 .020 1 .039 1.5 .059 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp 0.5 .020 44 1.732 3 .118 7 .276 .197 5 38 1.496 36 1.417 36 1.417 38 1.496 11 11 .433 .433 8.5 .335 .217 5.5 .226 5.75 .187 .187 .098 .098 2.5 2.5 7.65 .301 4.1 .161 0.5 .020 0.5 .020 .020 0.5 0.5 .020 2 .079 2 .079 .187 4.75 4.754.75 .197 .315 .197 585 compatible with tab terminal #187 series receptacle. plug-in type (3 form c) external dimensions schematic (bottom view) 10 11 9 8 3 6 7 1 2 4 5 dimension: max. 2mm .079 inch : 2 to 9mm .079 to .354 inch : 9 to 20mm .354 to .787 inch : min. 20mm .787 inch : t oler ance 0.2 .008 0.5 .020 1 .039 1.5 .059 0.5 .020 44 7 .276 51 1.732 2.008 36 1.417 10 10 .394 .394 25 .984 5.26 7 9 5 4 312148 5.26 5.26 5.26 .207 .207 .207 .207 50 1.969 40 1.575 10 .394 .031 .031 .031 .031 0.8 0.8 0.80.8 9 15 11 2 5.26 9.5 .374 7.5 .295 5.8 .228 5.3 .209 5.26 .207 .207 0.8 0.8 .031 .031 1 10 compatible with tab terminal #205 series receptacle. plug-in type (4 form c) external dimensions schematic (bottom view) 9 15 10 8 7 12 5 11 2 1 14 6 3 4 dimension: max. 2mm .079 inch : 2 to 9mm .079 to .354 inch : 9 to 20mm .354 to .787 inch : min. 20mm .787 inch : t oler ance 0.2 .008 0.5 .020 1 .039 1.5 .059 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp .110 2.8 46.8 1.843 24.7 .972 7 .276 5.5 .217 35.7 1.406 15 .591 .031 .031 0.8 0.8 58 2.283 45.5 1.791 9.5 .374 7.5 .295 5.3 .209 0.8 2.25r .089r 5.26 .207 5.26 .207 4.5 .177 10 .394 5.26 5.26 .207 .207 0.8 .031 .031 5.8 .228 compatible with tab terminal #205 series receptacle. tm type (2 form c) external dimensions schematic (bottom view) 8 7 6 5 1 2 3 4 mounting hole diagram tolerance: 0.1 .004 (pitch for side-by-side mounting) relay space (area shown by the broken line) 2-m.157 screw hole or 2-.177 dia. hole 2-m4 screw hole or 2-4.5 dia. hole 45.5 1.791 2 .079 30 1.181 installed relay nut panel (chassis) spring washer 2-m.157 2-m4 screw 35.7 1.406 52.3 2.059 dimension: max. 2mm .079 inch : 2 to 9mm .079 to .354 inch : 9 to 20mm .354 to .787 inch : min. 20mm .787 inch : t oler ance 0.2 .008 0.5 .020 1 .039 1.5 .059 .276 7 .118 3 5 .197 20.5 .807 .433 11 38 1.496 16 .630 4.2 .165 73.5 2.894 60 2.362 44 1.732 2.1r .083r 16 .630 .165 4.2 .083r 2.1r 36 1.417 36 1.417 38 1.496 11 11 .433 .433 8.5 .335 .217 5.5 .226 5.75 .187 .187 .187 4.75 4.75 4.75 2.5 .098 2.5 .098 7.65 .301 4.1 .161 0.5 .020 0.5 .020 0.5 .020 0.5 .020 2 .079 2 .079 compatible with tab terminal #187 series receptacle. direct mounting type (3 form c) external dimensions schematic (bottom view) 10 11 9 8 3 6 7 1 2 4 5 mounting hole diagram tolerance: 0.1 .004 (pitch for side-by-side mounting) 40 1.575 60 2.362 2 .079 2-m.157 screw hole (or 2-.165 dia. hole) 2-m4 screw hole (or 2-4.2 dia. hole) relay space (area shown by the broken line) installed relay 38 1.496 16 .630 .197 5 7 .276 .807 20.5 .433 11 73.5 2.894 2.362 60 44 1.732 2-m.157 2-m4 screw spring washer panel (chassis) nut 36 1.417 dimension: max. 2mm .079 inch : 2 to 9mm .079 to .354 inch : 9 to 20mm .354 to .787 inch : min. 20mm .787 inch : t oler ance 0.2 .008 0.5 .020 1 .039 1.5 .059 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
hp relay accessories types 1. for din rail terminal sockets, hold-down clip included. 2. for square hole sockets, powerful hold-down clip included. note: socket and terminal socket conform to ul, csa as standard. accessories (sockets and terminal sockets) hp relay t ype no. of poles item part no. pac king quantity carton case square hole socket 2-pole hp2-square hole socket hp2-srs 20 pcs. 100 pcs. 3-pole hp3-square hole socket hp3-srs 10 pcs. 50 pcs. 4-pole hp4-square hole socket hp4-srs 10 pcs. 50 pcs. din rail terminal socket 2-pole hp2-din terminal socket hp2-sfd 10 pcs. 50 pcs. 3-pole hp3-din terminal socket hp3-sfd 10 pcs. 50 pcs. 4-pole hp4-din terminal socket hp4-sfd 5 pcs. 25 pcs. common part 2/3/4-pole (common) hp-hold down clip for socket aw5806 50 pcs. vde partial approval socket for rectangular hold boring terminal socket for din rail assembly rohs directive compatibility information http://www.mew.co.jp/ac/e/environment/ all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
hp relay accessories dimensions (unit: mm inch ) 1. socket for rectangular hold boring (hold-down clip included) hp2-socket (hp2-srs) external dimensions general tolerance: 0.1 .004 33 1.299 6 .236 13 .512 38 1.496 1.0 .039 5.5 .217 30 1.181 6.2 .244 .866 22 56 2.205 1.890 .008 48 0.2 .197 5 5 .197 4.1 .161 front surface mounting tolerance: 0.1 .004 1.890 .020 48 0.5 34 1.339 24 .945 2-.165 dia. hole (or 2-m.157 screw hole) 2-4.2 dia. hole (or 2-m4 screw hole) when the socket is mounted from the top of the panel (chassis). rear surface mounting tolerance: 0.1 .004 when the socket is mounted from below the panel (chassis). 2.047 52 39 1.535 31 1.220 4.2 .165 mounting dimensions notes: 1. optimum space-saving panel cut-out. 2. can be mounted from either the front or the rear of the panel. 3. hold-down clip is included in package. hold-down clip hp relay spring washer panel (chassis) so cket hold-down clip hp relay so cket panel (chassis) spring washer m4 screw m.157 52 3 2.047 .118 14 .551 53 3 2.087 .118 13 .512 m4 screw m.157 hp3-socket (hp3-srs) external dimensions general tolerance: 0.1 .004 30 1.181 38 1.496 5.5 .217 14.5 .571 8 .315 1.0 .039 56 2.205 6.2 .244 45 1.772 4.13.5 3.5 .161.138 .138 22 .866 5 .197 5 .197 48 0.2 1.890 .079 front surface mounting tolerance: 0.1 .004 2-4.2 0.1 dia. hole (or m4 screw hole) 2-.165 .004 dia. hole (or m.157 screw hole) 31 48 0.5 1.890 .020 + 1 ? 0 1.220 + .039 ? 0 31 + 1 ? 0 1.220 + .039 ? 0 rear surface mounting tolerance: 0.1 .004 (48) (1.890) 46 4.2 .165 39 2.047 52 + 1 ? 0 1.535 + .039 ? 0 + 1 ? 0 1.811 + .039 ? 0 mounting dimensions notes: 1. optimum space-saving panel cut-out. 2. can be mounted from either the front or the rear of the panel. 3. hold-down clip is included in package. hold-down clip hp relay so cket pa nel (chassis) spring washer hold-down clip hp relay so cket panel (chassis) spring washer m4 screw m.157 m4 screw m.157 15.5 .610 52 3 2.047 .118 53 3 2.087 .118 14.5 .571 all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
hp relay accessories 2. terminal socket for din rail assembly (hold-down clip and installation screw included) hp4-socket (hp4-srs) external dimensions general tolerance: 0.1 .004 33 1.299 6 .236 13 .512 5.5 .217 38 1.496 1.0 .039 56 2.205 1.890 .008 48 0.2 58 2.283 22 .866 6.2 .244 4.1 .161 .197 5 5 .197 front surface mounting tolerance: 0.1 .004 2-m4 screw hole (or 4.2 0.1 dia. hole) 2-m.157 screw hole (or .165 .004 dia. hole) 48 0.5 1.890 .020 + .039 ? 0 + 1 ? 0 1.339 + 1 ? 0 34 48 + .039 ? 0 1.890 rear surface mounting tolerance: 0.1 .004 2-.165 dia. 2-4.2 dia. hole 48 0.2 1.890 .008 58 25 .984 3 .118 3 3 .118 3 .118 .118 1.535 a + .039 ? 0 39 + 1 ? 0 + 1 ? 0 2.283 + .039 ? 0 * when using the former hold-down clip, it is necessary to cut out the a section marked by the broken line (not necessary with the powerful hold-down clip). mounting dimensions notes: 1. optimum space-saving panel cut-out. 2. can be mounted from either the front or the rear of the panel. 3. hold-down clip is included in package. hold-down clip hp relay spring washer panel (chassis) so cket hold-down clip hp relay so cket panel (chassis) spring washer m4 screw m.157 m4 screw m.157 52 3 2.047 .118 53 3 2.087 .118 14 .551 13 .512 hp2-terminal socket for din rail assembly (hp2-sfd) external dimensions notes: 1. for direct mounting, use the included installation screw block. 2. a hold-down clip is included with the terminal socket. 30 0.6 1.181 .024 5.8 0.2 .228 .008 69 1 6 .012 6 0.3 2.717 .039 .866 .024 22 0.6 .591 .008 15 0.2 4.1 .012 4.1 0.3 8 0.2 .315 .008 9.5 0.2 .024 .006 0.6 0.15 7.5 0.2 .374 .008 .295 .008 * installation screw block (installation screw, hexagonal nut, spring washer) hold-down clip m.138 m3.5 screw 2.283 .039 58 1 36 1 1.417 .039 33.8 0.6 1.331 .024 37.9 0.6 1.492 .024 80 1 3.150 .039 .394 .024 10 0.6 .937 .024 23.8 0.6 hp2 relay schematic 27 1 36 45 8 mounting hole diagram panel hole dimensions for side-by-side installation 69 0.5 2.717 .020 30 30 1.1811.181 4 .866 .008 .866 .008.472 .008 22 0.2 22 0.212 0.2 3.150 80 2-m.157 screw hole (or .165 .004 dia. hole) 2-m4 screw hole (or 4.2 0.1 dia. hole) .157 all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
hp relay accessories hp3-terminal socket for din rail assembly (hp3-sfd) external dimensions notes: 1. for direct mounting, use the included installation screw block. 2. a hold-down clip is included with the terminal socket. hold-down clip 2.283 .039 58 1 36 1 1.417 .039 33.8 0.6 1.331 .024 37.9 0.6 1.492 .024 80 1 3.150 .039 .394 .024 10 0.6 .937 .024 23.8 0.6 hp3 relay 45 0.6 1.772 .024 5.5 0.2 .217 .008 69 1 2.717 .039 37 0.6 1.457 .024 .236 .012 6 0.3 4.1 0.3 .161 .012 8 0.2 .315 .008 7.65 0.2 .069 .006 1.75 0.15 8.5 0.2 .301 .008 .335 .008 m.138 m3.5 screw * installation screw block (installation screw, hexagonal nut, spring washer) schematic 2 1 5 4 7 6 8 9 10 113 mounting hole diagram pa nel hole dimensions for side-by-side installation 69 0.5 2.717 .020 45 45 1.772 1.772 4 .157 1.457 .0081.457 .008 12 .008 37 0.237 0.2 12 0.2 3.150 80 2-m.157 screw hole (or .165 .004 dia. hole) 2-m4 screw hole (or 4.2 0.1 dia. hole) hp4-terminal socket for din rail assembly (hp4-sfd) external dimensions notes: 1. for direct mounting, use the included installation screw block. 2. a hold-down clip is included with the terminal socket. hold-down clip m.138 m3.5 screw 2.283 .039 58 1 36 1 1.417 .039 33.8 0.6 37.9 0.6 1.331 .024 1.492 .024 80 1 3.150 .039 .394 .024 10 0.6 .937 .024 23.8 0.6 hp4 relay 25 0.1 .984 .004 10 0.2 10 0.2 .394 .008 .394 .008 61 0.6 2.402 .024 5.8 0.2 .228 .008 69 1 2.717 .039 53 0.6 2.087 .024 .591 .008 .591 .008 15 0.2 15 0.2 .315 .008 8 0.2 .236 .012 6 0.3 4.1 0.3 .161 .012 9.5 0.2 .024 .006 0.6 0.15 7.5 0.2 .374 .008 .295 .008 * installation screw block (installation screw, hexagonal nut, spring washer) schematic 1 2 16 11 17 15 10 9 312 45 14 8 67 mounting hole diagram panel hole dimensions for side-by-side installation 69 0.5 2.717 .020 61 61 2.402 2.402 4 .157 53 0.2 53 0.2 2.087 .008 2.087 .008 .472 .008 12 0.2 3.150 80 2-m.157 screw hole (or .165 .004 dia. hole) 2-m4 screw hole (or 4.2 0.1 dia. hole) all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
hp relay accessories notes for cautions f or us e , see rel a y t e c hnical in f ormation. 1. there are two types of hp relay: plug- in and direct mounting (hp2-tm and hp3-m only). av oid use of direct mounting types in sockets or terminal sockets. note: mounting measurements for direct mounting types (hp2-tm and hp3-m) are shown in the drawing on page 146. 2. the terminals are compatible with tab terminals. consequently, for direct mounting types, in addition to soldering, amp terminals can be used. 3. when tightening the ?ing screws of direct mounting types, use washers to prevent damage or distortion. the optimum torque range is 0.49 to 0.69 n?, (5 to 7 kgf?m). to prevent loosening of direct mounting types, terminal sockets and sockets, etc., when ?ing the screws, use spring washers, etc. moreover, wiring (soldering), should be done with care while ensuring strong connections. 4. when tightening terminal socket ?ing screws, to prevent damage, the optimum torque range should be 0.784 to 0.98 n?, (8 to 10 kgf?m). 5. avoid use in adverse conditions, such as where the relay will be subjected to strong vibrations or shock, where there is exposure to harmful gas, or where ambient temperatures are high (more than 40 c). 6. use in dc load abnormal wear of the contacts and contact springs will occur when the s witching frequency is high and there are large arcs. in particular, if high-frequency operation in hot or humid conditions is intended, use arc-suppressing circuits. 7. there is no particular speci?ation for hp relay mounting orientation. 8. do not insert or remove relays into or out of live circuits. pa rt number compatible tab terminal hp2 #205 series hp3 #187 series hp4 #205 series all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.


▲Up To Search▲   

 
Price & Availability of HP3-ML-AC220V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X