Part Number Hot Search : 
A2S1CSQ Z3742 SW1215 A78R33 DTA144TE NTE30002 00115 20150CT
Product Description
Full Text Search
 

To Download GBJ800508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbj8005 thru gbj810 8 amp glass passivated bridge rectifier 50 to 1000 volts features maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage gbj8005 50v 35v 50v gbj801 100v 70v 100v gbj802 200v 140v 200v gbj804 400v 280v 400v gbj806 600v 420v 600v gbj808 800v 560v 800v gbj810 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 8 a tc = 110 c peak forward surge current i fsm 170a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 5 a 500ua t j = 25 c t j = 125 c typical junction capacitance c j 55 pf measured at 1.0mhz, v r =4.0v gbj dimensions inches mm dim min max min max note a 1.170 1.190 29.70 30.30 b .780 .800 19.70 20.30 c .670 .710 17.00 18.00 d .019 .019 4.70 4.90 e .430 .440 10.80 11.20 g .120 .130 3.10 3.40 i .170 .190 4.40 4.80 j .100 .110 2.50 2.90 k .020 .030 0.60 0.80 l .080 .090 2.00 2.40 m .040 .040 0.90 1.10 o .290 .300 7.30 7.70 n .390 .400 9.80 10.20 h .130 .150 3.40 3.80 f .090 .110 2.30 2.70 typical thermal resistance r ojc 1.6 /w c + a b d e f g h i j k l m o n c o p p .150 .170 3.80 4.20 ideal for printed circuit board low forward voltage drop, high current capab ility. i fm = 4.0a  
 omponents 2 0736 marilla street chatsworth       
     mcc revision: 5 2008/01/30 tm micro commercial components www. mccsemi .com 1 of 3 gbj8005 gbj801 gbj802 gbj804 gbj806 gbj808 gbj810 case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 ? ul recognized file # e165989 case type ~ ~
mcc rating and characteristic curves gbj8005 thru gb810 fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 20 40 60 80 180 160 140 120 100 single half-sine-wave (jedec method) fig.1 - forward current derating curve average forward current amperes 40 60 80 100 4.0 1.0 20 2.0 6.0 140 case temperature , c 5.0 3.0 single phase half wave 60hz resistive or inductive load 120 without heatsink with heatsink 8.0 7.0 capacitance , (pf) reverse voltage , volts 10.0 100 10 1.0 1.0 100 4.0 fig.3 - typical junction capacitance instantaneous forward voltage, volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 .01 1.8 1.6 t j = 25 c pulse width 300us t j = 25 c, f = 1mhz fig.5 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 0 1.0 10 100 60 80 100 0.1 1000 t j = 25 c t j = 50 c t j = 125 c t j = 100 c percent of rated peak reverse voltage, (%) revision: 5 2008/01/30 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 5 2008/01/30 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk; 15 pcs/tube


▲Up To Search▲   

 
Price & Availability of GBJ800508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X