Part Number Hot Search : 
AX232CPE L190G 100000 CZRW5222 70N10 MB16CA IRF3007 MYGB64T
Product Description
Full Text Search
 

To Download FVDK12P6410S35A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21/4/2011 fvdk 12p6410/s35a photoelectric sensors www.baumer.com general data version fast version actual range sb (fse 200c1002) 140 mm sensing distance tw (fue 200c1003) 40 mm light source pulsed red led light indicator led green alignment / soiled lens indicator led green, fashing output indicator led yellow adjustment teach-in wave length 660 nm electrical data response time / release time < 0,05 ms voltage supply range +vs 10 ... 30 vdc current consumption max. 45 ma current consumption typ. 40 ma voltage drop vd < 1,8 vdc output function light / dark operate switchable output circuit pnp output current < 100 ma short circuit protection yes reverse polarity protection yes mechanical data width / diameter 12 mm height / length 33,2 mm depth 60 mm type rectangular housing material pbt / pc connection types connector m8 4 pin ambient conditions operating temperature -25 ... +55 c protection class ip 65 photo connection diagram 0 v pnp wh (2) bu (3) bn (1) bk (4) z +v s light/dark alarm z dimension drawing


▲Up To Search▲   

 
Price & Availability of FVDK12P6410S35A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X