21/4/2011 fpdm 12p3401/s35a retro-refective sensors photoelectric sensors www.baumer.com general data type retro-refective sensor light source pulsed red led actual range sb 5 m nominal range sn 5,2 m polarization flter yes alignment / soiled lens indicator fashing light indicator light indicator led yellow sensitivity adjustment no wave length 660 nm suppression of reciprocal infuence yes electrical data response time / release time < 1 ms voltage supply range +vs 10 ... 30 vdc current consumption max. 35 ma current consumption typ. 25 ma voltage drop vd < 1,8 vdc output function alarm output dark output circuit pnp output current < 100 ma short circuit protection yes reverse polarity protection yes mechanical data width / diameter 12,4 mm height / length 35 mm depth 35 mm type rectangular housing material die-cast zinc front (optics) pmma connection types connector m8 4 pin ambient conditions operating temperature -25 ... +65 c protection class ip 67 photo connection diagram 0 v wh (2) bu (3) bn (1) bk (4) z z +v s dark operate alarm pnp dimension drawing 2, 9 20 9, 2 2, 9 35 20, 5 * 35 25 2 12, 4 3, 2 3, 2 m8 x 1 13 le d * emitter axis output state: version with alarm output must be ordered either dark operate or light operate.
|