Part Number Hot Search : 
GDZJ11 SAA56XX Z0109 F71872FG MAA02012 1N6302 2SK30 24SR12
Product Description
Full Text Search
 

To Download FEDM08P3001S35L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21/4/2011 fedm 08p3001/s35l through beam sensors photoelectric sensors www.baumer.com general data type through beam sensor emitter / receiver receiver actual range sb 0,7 m nominal range sn 1 m alignment / soiled lens indicator fashing light indicator light indicator led red sensitivity adjustment no electrical data response time / release time < 2,5 ms voltage supply range +vs 10 ... 30 vdc current consumption max. 24 ma current consumption typ. 24 ma voltage drop vd < 2 vdc output function dark operate output circuit pnp output current < 100 ma short circuit protection yes reverse polarity protection yes mechanical data width / diameter 8 mm height / length 58 mm depth 12 mm type rectangular housing material aluminum anodized front (optics) pc connection types connector m8, 3 pin ambient conditions operating temperature -25 ... +65 c protection class ip 65 photo connection diagram 0 v +v s bu (3) bn (1) bk (4) z output pnp dimension drawing 8 12 67 58 11 25 3 le d 5 m3 m8 x 1


▲Up To Search▲   

 
Price & Availability of FEDM08P3001S35L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X