Part Number Hot Search : 
3A102 SN102 S21531D 180CA CX3SSM5 11N60CFD MIC861 PIC18F2
Product Description
Full Text Search
 

To Download EP3645ETTPD-25000MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs ep3645ettpd-25.000m tr ep36 45 et t pd -25.000m tr series rohs compliant (pb-free) 3.3v 4 pad 3.2mm x 5mm ceramic smd lvcmos programmable oscillator frequency tolerance/stability 50ppm maximum operating temperature range -40c to +85c duty cycle 50 5(%) packaging options tape & reel nominal frequency 25.000mhz pin 1 connection power down (disable output: logic low) electrical specifications nominal frequency 25.000mhz frequency tolerance/stability 50ppm maximum (inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range,supply voltage change, output load change, first year aging at 25c, shock, and vibration) aging at 25c 5ppm/year maximum operating temperature range -40c to +85c supply voltage 3.3vdc 0.3vdc input current 28ma maximum (unloaded) output voltage logic high (voh) vdd-0.4vdc minimum (ioh = -8ma) output voltage logic low (vol) 0.4vdc maximum (iol = +8ma) rise/fall time 4nsec maximum (measured at 20% to 80% of waveform) duty cycle 50 5(%) (measured at 50% of waveform) load drive capability 30pf maximum output logic type cmos pin 1 connection power down (disable output: logic low) tri-state input voltage (vih and vil) 70% of vdd minimum to enable output, 20% of vdd maximum to disable output, no connect to enable output. standby current 20a maximum (pin 1 = ground) disable current 16ma maximum (pin 1 = ground) absolute clock jitter 250psec maximum, 100psec typical one sigma clock period jitter 50psec maximum start up time 10msec maximum storage temperature range -55c to +125c environmental & mechanical specifications fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-202, method 213, condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007, condition a www.ecliptek.com | specification subject to change without notice | rev c 8/12/2010 | page 1 of 6
ep3645ettpd-25.000m tr mechanical dimensions (all dimensions in millimeters) pin connection 1 power down (logic low) 2 ground/case ground 3 output 4 supply voltage line marking 1 e25.000 e=ecliptek designator 1.14 1.0 1.2 (x4) 1.4 (x4) www.ecliptek.com | specification subject to change without notice | rev c 8/12/2010 | page 2 of 6 3.20 0.20 5.00 0.20 1.3 max 2.20 0.15 1.20 0.20 (x4) 1.00 0.20 (x4) 1.20 0.20 (x4) 2.54 0.15 1 2 3 4 marking orient a tion all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x4) all dimensions in millimeters
ep3645ettpd-25.000m tr www.ecliptek.com | specification subject to change without notice | rev c 8/12/2010 | page 3 of 6 output disable (logic lo w) output w a veform & timing dia gram v oh v ol 80% of w a v ef or m 50% of w a v ef or m 20% of w a v ef or m f all time rise time t w t duty cycle (%) = t w /t x 100 v ih v il t plz t pzl clock output po wer do wn input supply v oltage (v dd ) t est cir cuit f or cmos output output no connect or t r i-state ground + + + _ _ _ p o w er supply 0.01 f (note 1) 0.1 f (note 1) c l (note 3) note 1: an e xter nal 0.1 f lo w frequency tantalum b ypass capacitor in par allel with a 0.01 f high frequency cer amic b ypass capacitor close to the pac kage g round and v dd pin is required. note 2: a lo w capacitance (<12pf), 10x atten uation f actor , high impedance (>10mohms), and high bandwidth (>300mhz) passiv e probe is recommended. note 3: capacitance v alue c l includes sum of all probe and fixture capacitance . v oltage meter current meter oscilloscope f requency counter probe (note 2)
dia 50 min dia 20.2 min dia 13.0 0.2 2.5 min width 10.0 min depth t ape slot in core f or t ape star t dia 40 min access hole at slot location 1.5 min tape & reel dimensions *compliant to eia 481a ep3645ettpd-25.000m tr 12.0 0.2 5.5 0.1 6.5 0.1 4.0 0.1 2.0 0.1 8.0 0.1 b0* dia 1.5 +0.1/-0.0 a0* 0.30 0.05 k0* 18.4 max 180 max quantity per reel: 1,000 units 12.4 +2.0/-0.0 www.ecliptek.com | specification subject to change without notice | rev c 8/12/2010 | page 4 of 6
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods ep3645ettpd-25.000m tr high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev c 8/12/2010 | page 5 of 6
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods ep3645ettpd-25.000m tr low temperature infrared/convection 240c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 60 - 120 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 240c maximum target peak temperature (tp target) 240c maximum 1 time / 230c maximum 2 times time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev c 8/12/2010 | page 6 of 6


▲Up To Search▲   

 
Price & Availability of EP3645ETTPD-25000MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X