Part Number Hot Search : 
Z50FF5 A1504 01909 KBPC1502 MC1357 PIC16F85 10A30 AN17830
Product Description
Full Text Search
 

To Download EP2500TSL-24000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep25 ceramic 5.0v os48 07/08 ep25 series ? rohs compliant (pb-free) ? epo?programmable oscillators ? 5.0v supply voltage ? hcmos/ttl output ? ceramic smd package ? stability to 50ppm ? available on tape and reel oscillator ep25 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. h 1.6 l 7.0 w 5.0 1.000mhz to 125.000mhz -20c to 70c or -40c to 85c -55c to 125c 5.0v dc 10% 45ma maximum (unloaded) 30ma maximum (pin 1=ground) 50a maximum (pin 1=ground) 100ppm or 50ppm maximum 2.4v dc minimum i oh =-16ma v dd -0.4v dc minimum i oh =-16ma 0.4v dc maximum i ol =+16ma 4 nsec maximum 4 nsec maximum 50 10(%) (standard) 50 5(%) (optional) 50pf hcmos load maximum 15pf hcmos load maximum 10ttl load maximum 5ttl load maximum tri-state power down enables output disable output: high impedance disable output: logic low 5ppm / year maximum 10 mseconds maximum 250psec maximum, 100psec typical 100psec maximum, 50psec typical 50psec maximum 30psec maximum inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration w/ttl load w/hcmos load w/ttl load or w/hcmos load at 0.8v dc to 2.0v dc w/ttl load at 20% to 80% of waveform w/ hcmos load at 1.4v dc w/ttl load; at 50% of waveform w/hcmos load at 1.4v dc w/ttl load (<27.000mhz only), or at 50% of waveform w/hcmos load (<50.000mhz only) <50.000mhz >50.000mhz <40.000mhz >40.000mhz t s pd v ih : no connection or 2.0v dc v il : (ts option) <0.8v dc v il : (pd option) <0.8v dc <33.000mhz >33.000mhz <33.000mhz >33.000mhz frequency range operating temperature range storage temperature range supply voltage (v dd ) input current disable current (ts option) standby current (pd option) frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability / output type-hcmos load drive capability / output type-ttl output control function output control function input voltage aging (at 25c) start up time period jitter: absolute period jitter: one sigma
manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep25 ceramic 5.0v os48 07/08 ep25 00 et t ts l - 24.000m tr frequency tolerance / stability 00=100ppm max (standard), 45=50ppm maximum operating temp. range blank=-20c to 70c (standard) et=-40c to 85c duty cycle blank=50 10(%) (standard), t=50 5(%) output control function ts=tri-state, pd=power down part numbering guide mechanical dimensions all dimensions in millimeters tape and reel dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters *compliant to eia 481a tolerances = 0.1 pin 1: tri-state or power down pin 2: case ground pin 3: output pin 4: supply voltage 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. 1.60 0.20 5.00 0.15 7.00 0.15 marking orientation 3.68 0.15 1.4 0.1 1.4 0.2 2.20 0.15 5.08 0.15 1 2 3 4 available options blank=bulk (standard) tr=tape and reel frequency output type l=ttl, c=hcmos m n o p q 1.5 min 50 min 20.2 min 13.2 40 min r s t u v qty/reel 2.5 min 10 min 22.4 max 360 max 16.4+2-0 1,000 reel a b c d e f 16+.3-.1 7.5.1 6.75.1 4 .1 2.1 f g h j k l 8.1 b0* 1.5 +.1-0 a0* .3 .05 k0* tape characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a line 1: ecliptek line 2: xx.xxx m frequency in mhz (5 digits maximum + decimal) line 3: p xx y zz week of year last digit of year ecliptek manufacturing identifier configuration designator


▲Up To Search▲   

 
Price & Availability of EP2500TSL-24000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X