Part Number Hot Search : 
M2M2C 6038080 SC2449 M2M2C CY7C13 L8705 KKA6107Q C3005
Product Description
Full Text Search
 

To Download DTD143EG-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd dtd143e npn silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2011 unisonic technologies co., ltd qw-r206-084,c digital transistors (built- in resistors) ? features * built-in bias resistors that im plies easy on/off applications. * the bias resistors are thin-film resistors with complete isolation to allow positive input. ? equivalent circuit sot-323 1 2 3 sot-23 1 2 3 to-92 1 ? ordering information order number package pin assignment packing lead free halogen free 1 2 3 dtd143el-ae3-r DTD143EG-AE3-R sot-23 g i o tape reel dtd143el-al3-r DTD143EG-AE3-R sot-323 g i o tape reel dtd143el-t92-b dtd143eg-t92-b to-92 g o i tape box dtd143el-t92-k dtd143eg-t92-k to-92 g o i bulk dtd143el-t92-r dtd143eg-t92-r to-92 g o i tape reel ? marking(for sot-23/sot-323 package) de3e e: lead free e : halogen free
dtd143e npn silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r206-084,c ? absolute maximum ratings (t a =25c) parameter symbol ratings unit supply voltage v cc 50 v input voltage v in -10 ~ +30 v output current i out 500 ma power dissipation sot-23/sot-323 p d 200 mw to-92 625 mw junction temperature t j +150 c storage temperature t stg -55 ~ +150 c note absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical specifications (t a =25c) parameter symbol test conditions min typ max unit input voltage v in ( off ) v cc =5v, i out =100 a 0.5 v v in ( on ) v out =0.3v, i out =20ma 3 output voltage v out ( on ) i out /i in =50ma/2.5ma 0.1 0.3 v input current i in v in =5v 1.8 ma output current i out ( off ) v cc =50v, v in =0v 0.5 a dc current gain h fe v out =5v, i out =50ma 47 input resistance r 1 3.29 4.7 6.11 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t v ce =10v, i e = ? 50ma, f=100mhz(note) 200 mhz note: transition frequency of the device
dtd143e npn silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r206-084,c ? typical characteristic 1k 500 0.5 1 2 5 10 20 50 100 200 500 output current, i out (ma) -40 25 t a =100 v out =5v 200 100 50 20 10 5 2 1 dc current gain vs. output current 1000 500 0.5 1 2 5 10 20 50 100 200 500 output current, i out (ma) -40 25 t a =100 200 100 50 20 10 5 2 1 output voltage vs. output current l out /l in =20 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of DTD143EG-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X