Part Number Hot Search : 
TN80C196 ATTINY4 A1941 SC2627 AOZ1212 A01BAGD1 C2402 C3353
Product Description
Full Text Search
 

To Download DFAS2-LHZ16384MHZCS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency control products type dfa s2 siii revision 03 checked ne date 25.02.2006 page 09 stratum iii ultra miniature surface mount tcxo dfa s2-khz (5 v) & lhz (3.3 v) features 10 to 52 mhz stratum iii compliant over -40 to 85c up to 38.88 mhz sonet minimum clock compliant over -40 to 85c up to 52 mhz applications stratum iii and smc function dfa s2 e / d 1 gnd 2 output 3 vcc 4 type dfa s2-khz dfa s2-lhz frequency range 10 to 20 mhz, soon to 38.88 mhz* (bsm & esm up to 52 mhz) standard frequencies 12.8, 16.384, 19 .44, 20, 34.368, 38.88 & 44.736 mhz electrical specifications supply voltage 5 v 5 % 3.3 v 5 % supply current ( no load) 20 ma 10 ma output load hcmos 15 pf or 2 ttl hcmos 15 pf or 2 ttl duty cycle @ 50% level 45/55...55/45 % 45/55...55/45 % rise/fall times (10 to 90 %) 5 ns 5 ns high/low levels or output amplitude 4.5 v/ 0.5 v 2.8 v/ 0.3 v start-up 10 ms @ 4.75 v 10 ms @ 3.15 v tri-state control on pin 1 high or open = enable, low = high z high or open = enable, low = high z frequency stability detailed tolerances [ ppm ] temperature model stability versus : overall holdover 24 hrs calibration type range code temperature vcc 5 % age ing stability stability drift @ 25c telcordia gr-1244 core stratu m iii or itu-t g.813 option 1 0 to 50c as3 0 to 70c bs3 -20 to 70c cs3 all types -40 to 85c es3 0.28 0.1 3 over 15 years 4.6 over 15 years 0.37 0.04 0.8 telcordia gr-253 core smc or itu-t g.813 option 2 0 to 70c bsm all types -40 to 85c esm 3.5 0.3 10 over 20 years 20 over 20 years 4.6 0.5 1 definitions 24 hours drift gr-1244-core, gr-253-core or g.813 24 hours holdover mode over full temperature range and vcc 0.5 % ordering code type + option code + frequency + model code example dfa s2-lhz 19.44 mhz bs3 *please consult factory for availability pc board footprint 4 3 1 5.08 3.20.2 2.4 1.4 2.0 5.30.1 7.20.2 5.08 0.9 2


▲Up To Search▲   

 
Price & Availability of DFAS2-LHZ16384MHZCS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X