Part Number Hot Search : 
74HC405 MZP4748 51089 1875EEG 6208H O55CC 57VC3C M9960
Product Description
Full Text Search
 

To Download DC1EP4LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21 subminiature sealed dc series specifications electrical temperature rating: -40 to +85c /+120c (without wire leads) -40 to +85c / +105c (with wire leads) flammability rating: ul94v-o (pet, pbt) ul94hb (pom) materials case: pet / pbt actuator: pom (t85) , pbt (t120) auxiliary actuator: stainless steel or plastic terminals: silver-plated copper-zinc contacts: silver alloy (dc3 ? gold crosspoint) pbt = polybutyleneterephthalate ? pet = polyethyleneterephthalate ? pom = polyacetal stainless steel spring thermoplastic actuating button thermoplastic case and cover silicon gasket common terminal nc terminal no terminal silver-nickel or gold crosspoint contacts electrical ratings electrical life at rated load switch according to en according to ul series en61058 rating ul1054 rating (min. operations) (min. operations) dc1 6a, 250v~ 5a, 125/250vac; 1a, 48vdc 10,000 6,000 dc2 10(1.5)a, 250v~ 10.1a, 125/250vac; 1/4hp, 125vac 10,000 6,000 dc3 0.1a, 250v~ 0.1a, 125/250vac 50,000 6,000 dc4 3a, 250v~ 3a, 125/250vac 50,000 6,000 features  enclosed switch complying with ip 6k7  silicon-free version available  models available for operating temperatures up to 120c  rated for currents up to 10 amp at 250vac  range of auxiliary actuators available (can also be retrofitted)  various contact materials available, depending on application  mechanical life: min. 1 x10 6 operations  wide variety of connection options
22 straight (120 c rated) plastic straight (85 c rated) roller plastic roller plastic simulated roller operating point rest position ?l? 0.03 ( 0.8) ?l? 0.03 ( 0.8) r 0.10 (2.5) r 2 ?5 ?0.19 (?4.8) 0.14 (3.5) 0.14 (3.5) ?l? 0.03 ( 0.8) ?l? 0.03 ( 0.8) 0.14 (3.5) 0.14 (3.5) ?l? 0.03 ( 0.8) ?l? 0.03 ( 0.8) 0.11 (2.9) 0.22 ( 5.6) 0.22 ( 5.5) 0.14 (3.3) auxiliary actuators inches (mm) specifications subject to change without notice. actuator specifications maximum maximum operating max. movement operating force pre-travel point differential (cn) inches (mm) inches (mm) minimum inches (mm) max. rest actuation over-travel position length actuator switch dc1, dc1, dc1, inches dc1, inches inches code type dc3, dc4 dc2 dc3, dc4 dc2 dc3, dc4 dc2 (mm) dc3, dc4 dc2 (mm) (mm) aa 200 340 0.04 0.04 0.33 0.01 0.33 0.01 0.02 0.004 0.004 0.37 (1.0) (1.0) (8.4 0.3) (8.4 0.3) (0.6) (0.10) (0.10) (9.3) lb 80 150 0.18 0.20 0.42 0.05 0.42 0.06 0.06 0.02 0.03 0.55 0.189 (4.5) (5.0) (10.7 1.3) (10.7 1.6) (1.5) (0.5) (0.7) (14.0) (4.8) lc 70 120 0.20 0.22 0.44 0.06 0.44 0.07 0.06 0.02 0.04 0.59 0.276 (5.0) (5.5) (11.1 1.5) (11.1 1.8) (1.5) (0.6) (1.0) (15.0) (7.0) ld forces and travel available upon request 1.654 (42.0) sb 90 160 0.18 0.20 0.63 0.05 0.63 0.06 0.06 0.02 0.03 0.75 0.098 (4.5) (5.0) (16.0 1.3) (16.0 1.6) (1.5) (0.5) (0.7) (19.0) (2.5) sc 80 130 0.20 0.22 0.65 0.06 0.65 0.07 0.06 0.02 0.04 0.79 0.185 (5.0) (5.5) (16.4 1.5) (16.4 1.8) (1.5) (0.6) (1.0) (20.0) (4.7) sd forces and travel available upon request 1.563 (39.7) rb 90 160 0.18 0.20 0.62 0.05 0.62 0.06 0.06 0.02 0.03 0.75 0.098 (4.5) (5.0) (15.8 1.3) (15.8 1.6) (1.5) (0.5) (0.7) (19.0) (2.5) rc 80 130 0.20 0.22 0.64 0.06 0.64 0.07 0.06 0.02 0.04 0.79 0.185 (5.0) (5.5) (16.2 1.5) (16.2 1.8) (1.5) (0.6) (1.0) (20.0) (4.7) rd forces and travel available upon request 1.563 (39.7) wb 68 115 0.18 0.18 0.44 0.06 0.44 0.06 0.08 0.02 0.02 0.59 0.276 (4.5) (4.5) (11.1 1.5) (11.1 1.5) (2.0) (0.6) (0.6) (15.0) (7.0) wc 50 85 0.24 0.24 0.48 0.07 0.48 0.07 0.12 0.03 0.03 0.67 0.551 (6.0) (6.0) (12.2 1.8) (12.2 1.8) (3.0) (0.8) (0.8) (17.0) (14.0) vb 73 125 0.18 0.18 0.47 0.06 0.47 0.06 0.08 0.02 0.02 0.59 0.220 (4.5) (4.5) (11.9 1.4) (11.9 1.4) (2.0) (0.6) (0.6) (15.0) (5.6) zb 73 125 .018 0.18 0.63 0.06 0.63 0.06 0.06 0.02 0.02 0.75 0.205 (4.5) (4.5) (16.0 1.4) (16.0 1.4) (1.5) (0.6) (0.6) (19.0) (5.2)
23 specifications subject to change without notice. no lead (blue) nc lead (grey) min. 19.69 (500) max. 0.78 (20) min. 19.69 (500) rest position operating point 0.30 (7.5) 0.19 (4.85) ?0.09 (?2.2) 0.10 (2.54) 0.38 (9.53) 0.20 (5.16) 0.27 (6.9) ( type a type b cut-out special model available with tail pedestal on request 0.3 (7.7) max. 0.34 (8.6) max. 0.30 (7.7) max. 0.26 (6.65) model with connecting leads 0.09 (2.25) 0.26 (6.5) ?0.09 (?2.2) 0.38 (9.53) 0.20 (5.16) 0.30 (7.5) 0.30 (7.5) 0.11 (2.73) 0.10 (2.54) 0.09 (2.25) 0.09 (2.35) 0.30 (7.5) max. 0.79 (20) 0.19 (4.85) rest position operating point 0.27 (6.9) 0.24 (6.05) 0.26 (6.65) com lead (black) 0.24 (6.05) dc 3 g b 3 l c series/prefix code ul rating en 61058 rating 1 5a,125/250vac 6a, 250v~ 2 10.1a, 125/250vac 1/4hp, 125vac 10(1.5)a, 250v~ 3 0.1a, 125/250vac 0.1a, 250v~ 4 4 3a, 250vac 3a, 250v~ contact configuration +105?120? operating temp +85? operating temp * code code a spst no e spst no b spst nc f spst nc c spdt g spdt code terminal type inches (mm) notes a short solder 1 b 0.02 2 (0.5 2 ) leads (no ul) 5, 9 c 0.03 2 (0.75 2 ) leads (no ul) 5 h 0.05 x 0.02 (1.3 x 0.5) pcb 1 k 0.02 x 0.02 (0.6 x 0.5) pcb 1, 7 l 0.11 x 0.02 (2.8 x 0.5) qc 1 n without leads (type b) 6 p without leads (type a) 6 q without leads (no cut-out) 8 s welding 1 t leads, 20 awg 3, 11 u leads, 22awg 9, 11 non-european versions d leads 18 awg (ul only) 5, 8, 10 e leads 16 awg (ul only) 5 m leads 20 awg (ul only) 3, 5 code terminal configuration 1 30 twisted 3 leads on actuator side 4 leads on opposite side from actuator 5 leads attached to underside 6 pcb terminals right-hand side 7 pcb terminals left-hand side 8 pcb terminals right-hand side with location pins 9 pcb terminals left-hand side with location pins code actuation length inches (mm) code actuator type a b c d aa button only l lever 0.189 (4.8) 0.276 (7.0) 1.654 (42.0) r roller 0.098 (2.5) 0.185 (4.7) 1.563 (39.7) s simulated roller 0.098 (2.5) 0.185 (4.7) 1.563 (39.7) v 2 plastic sim. roller 0.220 (5.6) w 2 plastic straight 0.276 (7.0) 0.551 (14.0) z 2 plastic with roller 0.205 (5.2) ordering information dimensions inches (mm) 0.07 (1.8) 0.05 (1.3) 0.29 (7.3) 0.13 (3.2) 0.26 (6.6) 0.24 (6.2) 0.27 (6.75) 0.14 (3.5) 0.20 (5.08) 0.12 (3.0) 0.20 (5.08 ) 0.12 (3.0) 0.20 (5.08) 0.14 (3.5) 0.14 (3.5) 0.27 (6.75) 0.27 (6.75) 0.27 (6.75) 0.14 (3.5) 0.20 (5.08) qc 0.11 x 0.02 (2.8 x 0.5) max. 30 twisted solder short max. 30 twisted pcb 0.05 x 0.02 (1.3 x 0.5) max. 30 twisted pcb 0.02 x 0.02 (0.6 x 0.5) max. 30 twisted pcb 0.02 x 0.02 (0.6 x 0.5) rh side w/o location pins pcb 0.02 x 0.02 (0.6 x 0.5) rh side with location pins pcb 0.02 x 0.02 (.06 x 0.5) lh side w/o location pins pcb 0.02 x 0.02 (0.6 x 0.5) lh side with location pins top down view of lateral terminals drilling pattern for pcb terminals 0.05 x 0.02 (1.3 x 0.5) drilling pattern for pcb terminals with location pins 0.05 x 0.02 (0.6 x 0.5) drilling pattern for lateral/underside pcb terminals w/o location pins 0.05 x 0.02 (0.6 x 0.5) max. 30 twisted ?0.06 (1.6) 0.30 (7.5) 0.30 (7.5) ?0.05 (1.3) ?0.05 (?1.3) ?0.08 (?2.15) 0.38 (9.53) 0.11 (2.73) 0.30 (7.5) 0.30 (7.5) 0.20 (5.08) left right 0.30 (7.5) 0.30 (7.5) terminal options inches (mm) notes: wire leads 500mm min. (approximately 20 long) 1. only available with terminal configuration 1. 2. +85c rated only. 3. only available with dc1, dc3 and dc4. 4. rating code 4 only as lead-version leads 0.5mm 2 . 5. wire versions only rated to +105c. 6. only available with terminal configuration 3 or 4. 7. only available with terminal configuration 1, 6, 7, 8 or 9. 8. only available with terminal configuration 5. 9. only available with dc3 and dc4. 10. not available with dc2. 11. not available in north america. *85c versions use plastic levers


▲Up To Search▲   

 
Price & Availability of DC1EP4LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X