Part Number Hot Search : 
FA5310PS CM160 RN2909FS TC7660EV 18F26J53 2659R TS965C6R 09629821
Product Description
Full Text Search
 

To Download CR0402-JW-103GLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features small package dimensions rohs compliant* power rating at 70 c = 1/16 w tight dimensional tolerances three layer termination process with nickel barrier prevents leaching and provides excellent solderability suitable for most types of soldering processes standard packaging on paper tape and reel cr0402 - chip resistor *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. electrical characteristics power rating @ 70 c ................ 1/16 w operating temperature range ............................... -55 c to +125 c derated to 0 load at .................+125 c maximum working voltage ..............50 v maximum overload voltage ..........100 v resistance range 1 %, e-96 and e-24 ........................10 ohms to 1 megohm 5 %, e-24 ..................2.2 ohms to 5.6 megohms zero ohm jumper ............<0.05 ohms temperature coef? cient 1 % ................................ 100 ppm/c 5 % ................................ 200 ppm/c 2.2 ohm to 10 ohms ............ -200 ppm/c to +500 ppm/c for standard values used in capacitors, inductors, and resistors, click here. derating curve dimensional drawings dimensions: mm (inches) 100 80 60 40 20 0 rated power in percentage (%) -55 0 70 125 0.20 0.10 (0.008 0.004) 0.20 0.10 (0.008 0.004) 0.50 0.05 (0.020 0.002) 0.25 0.10 (0.010 0.004) 0.25 0.10 (0.010 0.004) 0.35 0.05 (0.014 0.002) 1.00 0.10 (0.040 0.004) overcoat resistor (ru0 2 ) (jumper chip is a conductor) alumina substrate internal electrode (ag-pd) secondary electrode (nickel plated) external electrode (see part numbering - may be ordered as solder-plated or tin-plated ) characteristic data 3.0 2.0 1.0 0 10 100 1k 10k 100k 1m load life 1000hr ? r/r (%) resistance value ( ? ) 3.0 2.0 1.0 0 10 100 1k 10k 100k 1m moisture load life 1000hr ? r/r (%) resistance value ( ? ) 1.0 0.5 0 -0.5 10 100 1k 10k 100k 1m short time overload ? r/r (%) resistance value ( ? ) *rohs compliant
speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. cr0402 - chip resistor soldering pro le for rohs compliant chip resistors and arrays packaging dimensions (conforms to eia rs-481a) 25 75 125 175 225 275 0 50 100 150 200 250 300 time (seconds) temperature (c) 60 - 120 seconds 60 - 90 seconds 260 c peak 190 c 150 c 220 c ramp down 6 c/second 255 c maximum of 20 seconds between +255 c and +260 c ramp up 3 c/second maximum 10 seconds minimum <1> <1> 1.5 + 0.1/-0 (0.059 + 0.004/-0) 4.0 0.1 (0.157 0.004) 0.65 0.1 (0.026 0.004) 1.15 0.1 (0.045 0.004) 2.0 0.1 (0.079 0.004) 0.45 0.1 (0.018 0.004) paper (punched) 3.5 0.05 (0.138 0.002) 1.75 0.1 (0.069 0.004) 8.0 0.2 (0.315 0.008) direction of feeding dia. 20.5 (.807) 13.0 0.5 (.512 .020) 2.0 (.080) 1.0 0.2 (.040 .020) 10.0 1.5 (.394 .059) 80.0 1.0 (3.150 .040) 178.0 2.0 (7.008 .080) dimensions: mm (inches) part marking system no marking on the cr0402 chip resistors.
rev. 07/10 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. cr0402 - chip resistor how to order cr 0402 - f x - 8252 g lf model (cr = chip resistor) size  0402 resistance tolerance f = 1 % .............used with ?x? tcr code only for values from 10 ohms through 1 megohm. j = 5 % ............... used with ?w? tcr code for values from 10 ohms through 5.6 megohms. used with ?/? tcr code for zero ohm (jumper ) and for values from 1 ohm through 9.1 ohms. tcr (ppm/c) x = 100 ..............used with ?f? resistance tolerance code only for values from 10 ohms through 1 megohm. w = 200 .............used with ?j? resistance tolerance code only for values from 10 ohms through 5.6 megohms. / = -250 to +500 ...used with ?j? resistance tolerance code only for zero ohm (jumper), and for values from 1 ohm through 9.1o hms. resistance value for 1 % tolerance: <100 ohms ...........?r? designates decimal point (example: 24r3 = 24.3 ohms) 100 ohms ...........first three digits are signi? cant, fourth digit represents number of zeros to follow (example: 8252 = 82.5k ohms). for 5 % tolerance: <10 ohms .............?r? designates decimal point (example: 4r7 = 4.7 ohms) 10 ohms .............first two digits are signi? cant, third digit represents number of zeros to follow (example: 474 = 470k ohms; 000 = jumper). packaging g = paper tape (10,000 pcs.) on 7 ? plastic reel termination lf = tin-plated (rohs compliant)


▲Up To Search▲   

 
Price & Availability of CR0402-JW-103GLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X