Part Number Hot Search : 
NTE221 4HC597 MC68HC9 TLOE1 MC74HC 2PFF0 STLC5465 KA2213
Product Description
Full Text Search
 

To Download CDBC130SL-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s u p e r l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 20 to 40 v olts forward current: 1.0 amp rohs device page 1 rev : a features -ultra high-speed switching. mechanical data -case: molded plastic, do-214ab / smc -t erminals: gold plated, solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -weight: 0.226 grams cdbc120sl-hf thru. cdbc140sl-hf qw -jl029 cdbc120sl-hf comchip t echnology co., l td. max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage forward surge current reverse current storage temperature CDBC130SL-HF cdbc140sl-hf units symbol parameter v rrm v dc v rms 20 20 14 30 30 21 40 40 28 v v v a a ma max. instantaneous forward voltage @ 1.0a, t a =25c v f 0.33 v operating t emperature t j -50 to +100 c parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 1.0 30 1.0 20 70 160 -50 +150 -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -hight current capability , low forward voltage drop. -hight surge capability . -guardring for overvoltage protection. units -epoxy: ul94-v0 rate flame retardant. -silicon epitaxial planar chip,metal silicon junction. halogen free maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a b ( s m c ) 0 . 1 1 4 ( 2 . 9 0 ) 0 . 0 7 5 ( 1 . 9 0 ) 0 . 1 2 6 ( 3 . 2 0 ) 0 . 1 1 4 ( 2 . 9 0 ) 0 . 2 4 5 ( 6 . 2 2 ) 0 . 2 2 0 ( 5 . 5 9 ) 0 . 2 8 0 ( 7 . 1 1 ) 0 . 2 6 0 ( 6 . 6 0 ) 0 . 0 1 9 ( 0 . 4 8 5 ) m a x . 0 . 3 2 5 ( 8 . 2 5 ) 0 . 3 0 5 ( 7 . 7 5 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 3 0 ( 0 . 7 6 ) 0 . 0 0 8 ( 0 . 2 0 ) 0 . 0 0 4 ( 0 . 1 0 )
qw -jl029 ra ting and characteristic cur ves (cdbc120sl-hf thru. cdbc140sl-hf) percent of rated peak reverse v oltage, (%) fig.5 - t ypical reverse characteristics forward v oltage, (v) fig.2 - t ypical forward characteristics reverse v oltage, (v) 0.01 fig.4 - t ypical junction capacitance 0 100 350 1 10 100 ambient t emperature, (c) comchip t echnology co., l td. page 2 rev : a number of cycles at 60hz fig.3 - maximum non-repetitive forward 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 30 50 1 10 100 10 40 20 o t j =25 c 8.3ms single half sine wave, jedec method 0.1 50 200 150 300 250 a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) r e v e r s e l e a k a g e c u r r e n t , ( m a ) j u n c t i o n c a p a c i t a n c e , ( p f ) surge current 0.1 0.5 1.5 1.3 0.3 0.7 0.9 1.1 0.1 1.0 50 p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e t j = 2 5 c 10 c d b c 1 2 0 s l - h f ~ c d b c 1 4 0 s l - h f 140 80 60 120 0 0.1 10 100 20 0.01 40 100 1.0 fig.1 - t ypical forward current derating curve 0.01 s u p e r l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s 0 0.6 0.8 0 100 175 0.2 1.2 0.4 25 50 75 150 125 1.0 r e s is t iv e o r in d u c t iv e lo a d s in g le p h a s e h a lf w a v e 6 0 h z t j = 1 0 0 c t j = 2 5 c
comchip t echnology co., l td. page 3 rev : a s u p e r l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jl029 reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1 b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 6 . 0 0 0 . 3 0 2 2 . 4 0 1 . 0 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 8 8 2 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 7 . 5 0 0 . 1 0 0 . 2 9 5 0 . 0 0 4 6 . 3 0 0 . 1 0 0 . 2 4 8 0 . 0 0 4 8 . 6 0 0 . 1 0 0 . 3 3 9 0 . 0 0 4 2 . 9 0 0 . 1 0 0 . 1 1 4 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 6 3 0 0 . 0 1 2 ( s m c ) d o - 2 1 4 a b ( s m c ) d o - 2 1 4 a b a
comchip t echnology co., l td. page 4 rev : a marking code part number sls12 marking code CDBC130SL-HF cdbc140sl-hf sls13 sls14 cdbc120sl-hf s u p e r l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jl029 xxxxx = product type marking code x x x x x cathod band suggested p ad layout a b c e d standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a b ( s m c ) size (inch) (mm) e a b c d d o -2 1 4 a b ( s m c ) 0.272 6.90 2.50 3.30 0.098 0.130 9.40 0.370 4.40 0.173


▲Up To Search▲   

 
Price & Availability of CDBC130SL-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X