Part Number Hot Search : 
S71XX GM6535 01400 YF333 BUK10 BUL416 CY7C149 ST16HDSE
Product Description
Full Text Search
 

To Download CDBA2100-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 20 to 100 v olts forward current: 2.0 amp rohs device page 1 rev :b features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -built-in strain relief. -low forward voltage drop. mechanical data -case: jedec do-214ac, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -polarity: color band denotes cathode end. -approx. weight: 0.064 grams cdba220-hf thru. CDBA2100-HF maximum ratings and electrical characteristics d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) cdba 220-hf 2 no tes : 1. th erm al r esi sta nce fro m jun ctio n t o a mb ien t a nd jun ctio n t o le ad mo unt ed on p .c. b. wit h 5 .0 5.0 m m cop per pa d a rea . comchip t echnology co., l td. 0.1 10(2.79) 0.086(2.18) 0.067(1.70) 0.051(1.29) 0.209(5.31) 0.185(4.70) 0.012(0.31) 0.006(0.15) 0.008(0.20) 0.004(0.10) 0.059(1.50) 0.035(0.89) 0.091(2.31) 0.067(1.70) 0.180(4.57) 0.160(4.06) max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward current max. instantaneous forward voltage at 2.0a max. dc reverse current at t a =25c rated dc blocking voltage t a =100c max. thermal resistance (note 1) max. operating junction temperature storage temperature cdba 240-hf cdba 260-hf cdba 280-hf cdba 2100-hf units symbol parameter v rrm v dc v rms i fsm i o v f i r r ja r jl t j t stg 20 20 14 40 40 28 60 60 42 50 2.0 0.70 0.5 10 75 17 125 -65 to +150 80 80 56 100 100 70 v v v a a v ma c/w c c 0.50 0.85 qw -jb005 halogen free
ra ting and characteristic cur ves (cdba220-hf thru. CDBA2100-HF) percent of rated peak reverse v oltage (%) 200 120 80 160 0 fig.1 reverse characteristics 0.01 0.1 1 10 100 forward v oltage (v) 0.1 fig.2 forward characteristics 0.01 0.1 1 10 100 0.9 reverse v oltage (v) 0.01 fig.3 junction capacitance 0 50 150 300 350 1 10 100 o ambient t emperature ( c) fig.4 current derating curve 0 1.2 1.6 2.8 comchip t echnology co., l td. page 2 rev :b 1.3 2.1 100 200 250 0 100 175 0.4 2.4 40 0.5 1.7 0.8 s m d s c h o t t k y b a r r i e r r e c t i f i e r s o t j =75 c o t j =25 c cdba220-hf~240-hf cdba260-hf cdba280-hf~2100-hf o t j =25 c pulse width 300 s 4% duty cycle 0.1 o t j =25 c f=1mhz and applied 4vdc reverse voltage number of cycles at 60hz fig.5 non-repetitive forward surge current 0 30 40 60 1 10 100 10 50 20 o t j =25 c 8.3ms single half sine wave, jedec method 25 50 75 150 125 2.0 c d b a 2 2 0 - h f ~ 2 4 0 - h f c d b a 2 6 0 - h f ~ 2 1 0 0 - h f qw -jb005 r e v e r s e c u r r e n t ( m a ) j u n c t i o n c a p a c i a t n c e ( p f ) f o r w a r d ( a ) c u r r e n t a v e r a g e f o r w r d c u r r e n t ( a ) p e a k f o r w a r d s u r g e c u r r e n t ( a )
comchip t echnology co., l td. page 3 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jb005 polarity b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 1 . 0 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 2 . 0 0 . 2 0 1 8 . 4 ( m a x ) 3 3 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 5 3 1 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 4 7 2 0 . 0 0 8 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 7 2 4 ( m a x ) e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 6 8 9 0 . 0 0 4 5 . 5 0 0 . 0 5 0 . 2 1 7 0 . 0 0 2 2 . 7 0 ( m a x ) 0 . 1 0 6 ( m a x ) 5 . 3 0 ( m a x ) 0 . 2 0 9 ( m a x ) 2 . 6 6 ( m a x ) 0 . 1 0 5 ( m a x ) s m a ( d o - 2 1 4 a c ) s m a ( d o - 2 1 4 a c ) reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1
comchip t echnology co., l td. page 4 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jb005 a b c e d xxxx case t ype qty per reel (pcs) 5000 reel size (inch) 13 d o - 2 1 4 a c ( s m a ) xxxx = product type marking code part number 220 marking code cdba240-hf cdba260-hf 240 260 cdba220-hf size (inch) 0.150 (mm) 3.80 1.60 2.80 0.063 0.1 10 5.40 0.213 e 2.20 0.087 b c d a do-214ac(sma) suggested p ad layout standard packaging marking code cdba280-hf 280 CDBA2100-HF 2100


▲Up To Search▲   

 
Price & Availability of CDBA2100-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X