Part Number Hot Search : 
TOP245Y 17000 SAA7135 12003 0JFLL DTR2G C1501 C2766
Product Description
Full Text Search
 

To Download BC847AE6327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008-04-29 1 bc846...-bc850... npn silicon af transistors ? for af input stages and driver applications ? high current gain ? low collector-emitter saturation voltage ? low noise between 30 hz and 15 khz ? complementary types: bc856...-bc860...(pnp) ? pb-free (rohs compliant) package 1) ? qualified according aec q101 1 pb-containing package may be available upon special request
2008-04-29 2 bc846...-bc850... type marking pin configuration package bc846a bc846b bc846bw bc847a bc847b bc847bf* bc847bl3 bc847bw bc847c bc847cw bc848a bc848b bc848bl3 bc848bw bc848cw bc849b bc849c bc849cw bc850b bc850bw bc850c bc850cw 1as 1bs 1bs 1es 1fs 1fs 1f 1fs 1gs 1gs 1js 1ks 1k 1ks 1ls 2bs 2cs 2cs 2fs 2fs 2gs 2gs 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 1=b 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 2=e 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c 3=c - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - sot23 sot23 sot323 sot23 sot23 tsfp-3 tslp-3-1 sot323 sot23 sot323 sot23 sot23 tslp-3-1 sot323 sot323 sot23 sot23 sot323 sot23 sot323 sot23 sot323 * not for new design
2008-04-29 3 bc846...-bc850... maximum ratings parameter symbol value unit collector-emitter voltage bc846... bc847..., bc850... bc848..., bc849... v ceo 65 45 30 v collector-emitter voltage bc846... bc847..., bc850... bc848..., bc849... v ces 80 50 30 collector-base voltage bc846... bc847..., bc850... bc848..., bc849... v cbo 80 50 30 emitter-base voltage bc846... bc847..., bc850... bc848..., bc849... v ebo 6 6 6 collector current i c 100 ma peak collector current, t p 10 ms i cm 200 total power dissipation- t s 71 c, bc846-bc850 t s 128 c, bc847f t s 135 c, bc847l3-bc848l3 t s 124 c, bc846w-bc850w p tot 330 250 250 250 mw junction temperature t j 150 c storage temperature t stg -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 1) bc846-bc850 bc847f bc847l3-bc848l3 bc846w-bc850w r thjs 240 90 60 105 k/w 1 for calculation of r thja please refer to application note thermal resistance
2008-04-29 4 bc846...-bc850... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 10 ma, i b = 0 , bc846... i c = 10 ma, i b = 0 , bc847..., bc850... i c = 10 ma, i b = 0 , bc848..., bc849... v (br)ceo 65 45 30 - - - - - - v collector-base breakdown voltage i c = 10 a, i e = 0 , bc846... i c = 10 a, i e = 0 , bc847..., bc850... i c = 10 a, i e = 0 , bc848..., bc849... v (br)cbo 80 50 30 - - - - - - emitter-base breakdown voltage i e = 0 , i c = 10 a v (br)ebo - 6 - collector-base cutoff current v cb = 45 v, i e = 0 v cb = 30 v, i e = 0 , t a = 150 c i cbo - - 0.015 5 - - a dc current gain 1) i c = 10 a, v ce = 5 v, h fe -grp.a i c = 10 a, v ce = 5 v, h fe -grp.b i c = 10 a, v ce = 5 v, h fe -grp.c i c = 2 ma, v ce = 5 v, h fe -grp.a i c = 2 ma, v ce = 5 v, h fe -grp.b i c = 2 ma, v ce = 5 v, h fe -grp.c h fe - - - 110 200 420 140 250 480 180 290 520 - - - 220 450 800 - collector-emitter saturation voltage 1) i c = 10 ma, i b = 0.5 ma i c = 100 ma, i b = 5 ma v cesat - - 90 200 250 600 mv base emitter saturation voltage 1) i c = 10 ma, i b = 0.5 ma i c = 100 ma, i b = 5 ma v besat - - 700 900 - - base-emitter voltage 1) i c = 2 ma, v ce = 5 v i c = 10 ma, v ce = 5 v v be(on) 580 - 660 - 700 770 1 pulse test: t < 300s; d < 2%
2008-04-29 5 bc846...-bc850... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics transition frequency i c = 10 ma, v ce = 5 v, f = 100 mhz f t - 250 - mhz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 0.95 - pf emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 9 - short-circuit input impedance i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.a i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.b i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.c h 11e - - - 2.7 4.5 8.7 - - - k ? open-circuit reverse voltage transf. ratio i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.a i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.b i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.c h 12e - - - 1.5 2 3 - - - 10 -4 short-circuit forward current transf. ratio i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.a i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.b i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.c h 21e - - - 200 330 600 - - - open-circuit output admittance i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.a i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.b i c = 2 ma, v ce = 5 v, f = 1 khz, h fe -grp.c h 22e - - - 18 30 60 - - - s noise figure i c = 200 a, v ce = 5 v, f = 1 khz, ? f = 200 hz , r s = 2 k ? , bc849..., bc850... f - 1.2 4 db equivalent noise voltage i c = 200 a, v ce = 5 v, r s = 2 k ? , f = 10 ... 50 hz , bc850... v n - - 0.135 v
2008-04-29 6 bc846...-bc850... dc current gain h fe = ? ( i c ) v ce = 5 v 10 10 10 10 ehp00365 h ma -2 -1 12 fe 3 10 10 2 0 10 5 5 10 1 0 10 5 555 100 25 -50 c c c c collector-emitter saturation voltage i c = ? ( v cesat ), h fe = 20 10 0 ehp00367 v cesat 10 ma 10 c 10 2 1 0 -1 5 5 v 0.3 0.5 100 25 -50 0.1 0.2 0.4 c c c base-emitter saturation voltage i c = ? ( v besat ), h fe = 20 0 10 ehp00364 besat v 0.6 v 1.2 -1 10 0 10 1 2 10 5 5 c ma 0.2 0.4 0.8 c 25 c 100 c -50 c collector cutoff current i cbo = ? ( t a ) v cb = 30 v 10 0 50 100 150 ehp00415 t a 10 na 10 cb0 10 10 4 3 2 1 0 max typ 5 5 5 ?c
2008-04-29 7 bc846...-bc850... transition frequency f t = ? ( i c ) v ce = 5 v 10 10 10 10 ehp00363 f ma mhz -1 0 1 2 5 t 3 10 10 2 1 10 5 5 5 c collector-base capacitance c cb = ? ( v cb ) emitter-base capacitance c eb = ? ( v eb ) 0 4 8 12 16 v 22 v cb / v eb 0 1 2 3 4 5 6 7 8 9 10 11 pf 13 c cb / c eb ccb ceb total power dissipation p tot = ? ( t s ) bc846-bc850 0 15 30 45 60 75 90 105 120 c 150 t s 0 30 60 90 120 150 180 210 240 270 300 mw 360 p tot total power dissipation p tot = ? ( t s ) bc847bf 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot
2008-04-29 8 bc846...-bc850... total power dissipation p tot = ? ( t s ) bc847bl3/bc848bl3 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) bc846w-bc850w 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot permissible pulse load p totmax / p totdc = ? ( t p ) bc846/w-bc850/w 10 ehp00362 -6 0 10 5 d = 5 10 1 10 2 3 10 10 -5 10 -4 10 -3 10 -2 10 0 s 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 t p = d t t p t tot max tot p dc p p t permissible puls load r thjs = ? ( t p ) bc847bf 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
2008-04-29 9 bc846...-bc850... permissible pulse load p totmax / p totdc = ? ( t p ) bc847bf 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 p totmax / p totdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) bc847bl3, bc848bl3 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) bc847bl3, bc848bl3 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 noise figure f = ? ( v ce ) i c = 0.2ma, r s = 2k ? , f = 1khz 0 10 10 10 10 bc 846...850 ehp00370 v ce f v 10 5 15 db 20 -1 0 1 2 5
2008-04-29 10 bc846...-bc850... noise figure f = ? ( f ) i c = 0.2 ma, v ce = 5v, r s = 2 k ? 10 10 10 10 bc 846...850 ehp00371 f khz db -2 -1 1 2 20 10 0 5 15 f 0 10 noise figure f = ? ( i c ) v ce = 5v, f = 120hz 10 10 10 10 bc 846...850 ehp00372 f ma -3 -2 0 1 20 10 0 5 15 -1 10 = 1 m 100 k 10 k db 500 1 k ??? s r ? ? c noise figure f = ? ( i c ) v ce = 5v, f = 1khz 10 10 10 10 bc 846...850 ehp00373 f ma -3 -2 0 1 20 10 0 5 15 -1 10 = 1 m 100 k 10 k db 500 1 k ??? s r ? ? c noise figure f = ? ( i c ) v ce = 5v, f = 10khz 10 10 10 10 bc 846...850 ehp00374 f ma -3 -2 0 1 20 10 0 5 15 -1 10 = 1 m 100 k 10 k db 500 1 k ? ? ? s r ? ? c
2008-04-29 11 bc846...-bc850... package sot23 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 0.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 0.1 10? max. m 2.4 0.15 0.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2008-04-29 12 bc846...-bc850... package sot323 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 1.25 0.1 0.1 max. 2.1 0.1 0.15 +0.1 -0.05 0.3 +0.1 0.1 0.9 12 3 a 0.2 2 -0.05 0.65 0.65 m 3x 0.1 0.1 min. 0.1 m 0.2 a 0.2 4 2.15 1.1 8 2.3 pin 1 pin 1 2005, june date code (ym) bcr108w type code 0.6 0.8 1.6 0.65 0.65 manufacturer
2008-04-29 13 bc846...-bc850... package tsfp-3 4 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 0.05 0.2 3 0.05 1.2 12 10? max. 0.05 0.8 1.2 0.05 0.04 0.55 0.05 0.2 0.05 0.15 0.05 0.2 0.4 0.05 0.4 0.05 0.4 0.45 1.05 0.4 0.4 bcr847bf type code pin 1 0.2 1.35 0.3 0.7 1.2 1.5 8 pin 1 manufacturer
2008-04-29 14 bc846...-bc850... package tslp-3-1 2 3 1 0.4 +0.1 bfr193l3 type code pin 1 marking laser marking 0.76 4 1.16 0.5 pin 1 marking 8 reel ?180 mm = 15.000 pieces/reel for board assembly information please refer to infineon website "packages" package outline foot print marking layout (example) standard packing stencil apertures copper solder mask 0.275 0.2 0.315 0.945 0.45 0.17 0.355 0.2 0.35 0.225 1 0.6 0.225 0.15 0.35 0.3 r0.1 1 2 0.05 0.35 0.035 2 x 0.15 1) top view bottom view 1) dimension applies to plated terminal 0.035 0.5 1) 0.05 0.6 3 0.05 0.65 0.035 2x 0.25 1) 0.035 0.25 1) 1 0.05 pin 1 marking 0.05 max.
2008-04-29 15 bc846...-bc850... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BC847AE6327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X