Part Number Hot Search : 
LM317 ILX103A 7E221 2SK2402 AM2942 A332J UZ7706L XXXGX
Product Description
Full Text Search
 

To Download AVT3442613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  av3,avm3/avt3,avl3 new subminiature switches with high precision av (fs fs-t) switches vde fs fs-t rohs directive compatibility information http://www.nais-e.com/ features consistent quality and high precision through sophisticated automatic fabrication system o.p.: 8.4 0.3 mm (o.p.of conventional subminiature switches: 8.4 0.5) flux-resistant construction with integrally molded terminals solder terminal; self-standing, internationally common pitch, right angle, left angle terminals for pc board; quick connect .110 terminals for easy mounting insulation guard available for safety mounting 2 lever pivot positions available for applications where low operating force is required typical applications communication equipment vending machines security systems data systems medical equipment vcr pc board thickness: 1.6 mm construction (example: av3/avm3 type) standard version long life version remark: as for fs-t switches, the terminals are the different shape. 2 lever pivot positions spring optional insulation guard flux resistant construction solder-terminal self-standing pc terminal .110 quick connect terminal arch-shaped independent spring contact arrangement com nc no all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 ordering information 1.fs switches 2.fs-t switches * gold-clad triple layer contact type of switch terminals actuators contacts 1: solder terminal with guard 2: solder terminal without guard 3: solder terminal with opposite side guard 4: self-standing pc terminal 5: internationally common pitch pc terminal 6: right angle terminal 7: left angle terminal 8: .110 quick-connect terminal av3(fs) switch version 3: standard 0: pin plunger 1: short hinge lever 2: hinge lever 3: long hinge lever 4: simulated roller lever 5: roller lever nil: standard [11: forward] 0: 0.25 n (gold-clad contact only) 2: 0.49 n 4: 0.98 n operating force by pin plunger, max. lever position international standard nil: agni alloy 61: gold-clad triple layer* 3: ul/csa/ vde/ semko ex. av 3 2 0 2 3 type of switch terminals actuators contacts 1: solder terminal with guard 2: solder terminal without guard 3: solder terminal with opposite side guard 4: self-standing pc terminal 5: internationally common pitch pc terminal 6: right angle terminal 7: left angle terminal 8: .110 quick-connect terminal av3 (fs long life ver.) switch version m3: long life 0: pin plunger 1: short hinge lever 2: hinge lever 3: long hinge lever 4: simulated roller lever 5: roller lever nil: standard [11: forward] 5: 1.47 n operating force by pin plunger, max. lever position international standard nil: agni alloy 61: gold-clad triple layer* 3: ul/csa/ vde/ semko ex. av m3 2 0 2 3 type of switch terminals actuators contacts 2: solder terminal 4: pc terminal 8: .110 quick-connect terminal avt3 (fs-t) switch version t3: standard 0: pin plunger 1: short hinge lever 2: hinge lever 3: long hinge lever 4: simulated roller lever 5: roller lever 0: 0.25 n (gold-clad contact only) 2: 0.49 n 4: 0.98 n operating force by pin plunger, max. nil: agni alloy (not applicable to 0.25 n type) 61: gold-clad triple layer* agency standard 3: ul/csa/ vde/ semko ex. av t3 2 0 2 3 lever position nil: standard [11: forward] type of switch terminals actuators contacts 2: solder terminal 4: pc terminal 8: .110 quick-connect terminal avl3 (fs-t long life ver.) switch version l3: long life 0: pin plunger 1: short hinge lever 2: hinge lever 3: long hinge lever 4: simulated roller lever 5: roller lever 5: 1.47 n operating force by pin plunger, max. nil: agni alloy (not applicable to 0.25 n type) 61: gold-clad triple layer* agency standard 3: ul/csa/ vde/ semko ex. av l3 2 0 2 3 lever position nil: standard [11: forward] au cuni agni all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 applicable current range product types 1. fs switches (in-line terminal type) standard type actuator operating force, max. part no. self-standing solder terminal self-standing pc terminal internationally common pitch pc terminal without guard with guard with opposite side guard agni alloy contact type pin plunger 0.49n av32023 av31023 av33023 av34023 av35023 0.98n av32043 av31043 av33043 av34043 av35043 short hinge lever 0.20n av32123 av31123 av33123 av34123 av35123 0.39n av32143 av31143 av33143 av34143 av35143 hinge lever 0.16n av32223 av31223 av33223 av34223 av35223 0.34n av32243 av31243 av33243 av34243 av35243 long hinge lever 0.12n av32323 av31323 av33323 av34323 av35323 0.25n av32343 av31343 av33343 av34343 av35343 simulated roller lever 0.16n av32423 av31423 av33423 av34423 av35423 0.34n av32443 av31443 av33443 av34443 av35443 roller lever 0.20n av32523 av31523 av33523 av34523 av35523 0.39n av32543 av31543 av33543 av34543 av35543 gold-clad triple layer contact type pin plunger 0.25n av3200613 av3100613 av3300613 av3400613 av3500613 0.49n av3202613 av3102613 av3302613 av3402613 av3502613 0.98n av3204613 av3104613 av3304613 av3404613 av3504613 short hinge lever 0.098n av3210613 av3110613 av3310613 av3410613 av3510613 0.20n av3212613 av3112613 av3312613 av3412613 av3512613 0.39n av3214613 av3114613 av3314613 av3414613 av3514613 hinge lever 0.078n av3220613 av3120613 av3320613 av3420613 av3520613 0.16n av3222613 av3122613 av3322613 av3422613 av3522613 0.34n av3224613 av3124613 av3324613 av3424613 av3524613 long hinge lever 0.12n av3232613 av3132613 av3332613 av3432613 av3532613 0.25n av3234613 av3134613 av3334613 av3434613 av3534613 simulated roller lever 0.16n av3242613 av3142613 av3342613 av3442613 av3542613 0.34n av3244613 av3144613 av3344613 av3444613 av3544613 roller lever 0.20n av3252613 av3152613 av3352613 av3452613 av3552613 0.39n av3254613 av3154613 av3354613 av3454613 av3554613 contacttype standard version long life version rating o.f. 1ma 100ma 3a 5a silver alloy contact gold-clad triple layer contact type silver alloy contact gold-clad triple layer contact type remark: for high capacity contact rating up to 10.1 a, please refer to ps (avm3 p) switches catalog. 1.47 n0.98 n0.49 n0.25 n all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 remark: when ordering, please refer to remarks of ordering information. actuator operating force, max. part no. right angle terminal left angle terminal .110 quick-connect agni alloy contact type pin plunger 0.49n av36023 av37023 av38023 0.98n av36043 av37043 av38043 short hinge lever 0.20n av36123 av37123 av38123 0.39n av36143 av37143 av38143 hinge lever 0.16n av36223 av37223 av38223 0.34n av36243 av37243 av38243 long hinge lever 0.12n av36323 av37323 av38323 0.25n av36343 av37343 av38343 simulated roller lever 0.16n av36423 av37423 av38423 0.34n av36443 av37443 av38443 roller lever 0.20n av36523 av37523 av38523 0.39n av36543 av37543 av38543 gold-clad triple layer contact type pin plunger 0.25n av3600613 av3700613 av3800613 0.49n av3602613 av3702613 av3802613 0.98n av3604613 av3704613 av3804613 short hinge lever 0.098n av3610613 av3710613 av3810613 0.20n av3612613 av3712613 av3812613 0.39n av3614613 av3714613 av3814613 hinge lever 0.078n av3620613 av3720613 av3820613 0.16n av3622613 av3722613 av3822613 0.34n av3624613 av3724613 av3824613 long hinge lever 0.12n av3632613 av3732613 av3832613 0.25n av3634613 av3734613 av3834613 simulated roller lever 0.16n av3642613 av3742613 av3842613 0.34n av3644613 av3744613 av3844613 roller lever 0.20n av3652613 av3752613 av3852613 0.39n av3654613 av3754613 av3854613 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 2. fs-t switches (cross-line terminal type) standard type actuator operating force, max. part no. solder terminal without guard pc terminal .110 quick-connect terminal agni alloy contact type pin plunger 0.49n avt32023 avt34023 avt38023 0.98n avt32043 avt34043 avt38043 short hinge lever 0.20n avt32123 avt34123 avt38123 0.39n avt32143 avt34143 avt38143 hinge lever 0.16n avt32223 avt34223 avt38223 0.34n avt32243 avt34243 avt38243 long hinge lever 0.12n avt32323 avt34323 avt38323 0.25n avt32343 avt34343 avt38343 simulated roller lever 0.16n avt32423 avt34423 avt38423 0.34n avt32443 avt34443 avt38443 roller lever 0.20n avt32523 avt34523 avt38523 0.39n avt32543 avt34543 avt38543 gold-clad triple layer contact type pin plunger 0.25n avt3200613 avt3400613 avt3800613 0.49n avt3202613 avt3402613 avt3802613 0.98n avt3204613 avt3404613 avt3804613 short hinge lever 0.098n avt3210613 avt3410613 avt3810613 0.20n avt3212613 avt3412613 avt3812613 0.39n avt3214613 avt3414613 avt3814613 hinge lever 0.078n avt3220613 avt3420613 avt3820613 0.16n avt3222613 avt3422613 avt3822613 0.34n avt3224613 avt3424613 avt3824613 long hinge lever 0.12n avt3232613 avt3432613 avt3832613 0.25n avt3234613 avt3434613 avt3834613 simulated roller lever 0.16n avt3242613 AVT3442613 avt3842613 0.34n avt3244613 avt3444613 avt3844613 roller lever 0.20n avt3252613 avt3452613 avt3852613 0.39n avt3254613 avt3454613 avt3854613 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 3. fs switches (in-line terminal type) long life version remark: when ordering, please refer to remarks of ordering information. 4. fs-t switches (cross-line terminal type) long life version remark: when ordering, please refer to remarks of ordering information. actuator operating force, max. part no. self-standing solder terminal self-standing pc terminal internationally common pitch pc terminal without guard with guard with opposite side guard agni alloy contact type pin plunger 1.47n avm32053 avm31053 avm33053 avm34053 avm35053 short hinge lever 0.59n avm32153 avm31153 avm33153 avm34153 avm35153 hinge lever 0.54n avm32253 avm31253 avm33253 avm34253 avm35253 long hinge lever 0.44n avm32353 avm31353 avm33353 avm34353 avm35353 simulated roller lever 0.54n avm32453 avm31453 avm33453 avm34453 avm35453 roller lever 0.59n avm32553 avm31553 avm33553 avm34553 avm35553 gold-clad triple layer contact type pin plunger 1.47n avm3205613 avm3105613 avm3305613 avm3405613 avm3505613 short hinge lever 0.59n avm3215613 avm3115613 avm3315613 avm3415613 avm3515613 hinge lever 0.54n avm3225613 avm3125613 avm3325613 avm3425613 avm3525613 long hinge lever 0.44n avm3235613 avm3135613 avm3335613 avm3435613 avm3535613 simulated roller lever 0.54n avm3245613 avm3145613 avm3345613 avm3445613 avm3545613 roller lever 0.59n avm3255613 avm3155613 avm3355613 avm3455613 avm3555613 actuator operating force, max. part no. right angle terminal left angle terminal .110 quick-connect without guard with guard with opposite side guard agni alloy contact type pin plunger 1.47n avm36053 avm37053 avm38053 short hinge lever 0.59n avm36153 avm37153 avm38153 hinge lever 0.54n avm36253 avm37253 avm38253 long hinge lever 0.44n avm36353 avm37353 avm38353 simulated roller lever 0.54n avm36453 avm37453 avm38453 roller lever 0.59n avm36553 avm37553 avm38553 gold-clad triple layer contact type pin plunger 1.47n avm3605613 avm3705613 avm3805613 short hinge lever 0.59n avm3615613 avm3715613 avm3815613 hinge lever 0.54n avm3625613 avm3725613 avm3825613 long hinge lever 0.44n avm3635613 avm3735613 avm3835613 simulated roller lever 0.54n avm3645613 avm3745613 avm3845613 roller lever 0.59n avm3655613 avm3755613 avm3855613 actuator operating force, max. part no. solder terminal without guard pc terminal .110 quick-connect terminal agni alloy contact type pin plunger 1.47n avl32053 avl34053 avl38053 short hinge lever 0.59n avl32153 avl34153 avl38153 hinge lever 0.54n avl32253 avl34253 avl38253 long hinge lever 0.44n avl32353 avl34353 avl38353 simulated roller lever 0.54n avl32453 avl34453 avl38453 roller lever 0.59n avl32553 avl34553 avl38553 gold-clad triple layer contact type pin plunger 1.47n avl3205613 avl3405613 avl3805613 short hinge lever 0.59n avl3215613 avl3415613 avl3815613 hinge lever 0.54n avl3225613 avl3425613 avl3825613 long hinge lever 0.44n avl3235613 avl3435613 avl3835613 simulated roller lever 0.54n avl3245613 avl3445613 avl3845613 roller lever 0.59n avl3255613 avl3455613 avl3855613 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 specifications 1.contact rating remark: time constant shall be less than 7 msec. for dc inductive loads. 2.characteristics 3.operating characteristics 1) pin plunger 2) short hinge lever voltage standard version long life version agni alloy contact type gold-clad contact type agni alloy contact type gold-clad contact type triple layer triple layer resistive load (cos ] 1) inductive load (cos ] 0.6-0.7) resistive load (cos ] 1) resistive load (cos ] 1) inductive load (cos ] 0.6-0.7) resistive load (cos ] 1) 125v ac 3a 2a 0.1a 5a 3a 0.1a 250v ac 3a 2a 0.1a 5a 3a 0.1a 30v dc 3a 2a 0.1a 5a 3a 0.1a 125v dc 0.4a 0.05a 0.4a 0.05a standard version long life version agni alloy contact type gold-clad contact type agni alloy contact type gold-clad contact type electrical life at rated load (o.t.max.) 5 10 4 at 20 cpm 2 10 5 at 20 cpm 5 10 4 at 20 cpm 2 10 5 at 20 cpm mechanical life 5 10 5 at 60 cpm (o.t.max.) 3 10 7 (o.t.: speci ed value) 10 7 (o.t.max.) at 60 cpm insulation resistance min.100m ? at 500v dc dielectric strength between non-continuous terminals between each terminal and other exposed metal parts between each terminal and ground 1,000 vrms 1,500 vrms 1,500 vrms vibration resistance (pin plunger type) 10 to 55 hz at single amplitude of 1.5mm (contact opening: max.1 msec.) shock resistance (pin plunger type) (contact opening: less than 1 msec.) 294 m/s 2 min. (o.f. 0.98 n) 147 m/s 2 min. (o.f. 0.49 n) 294 m/s 2 min. (o.f. 0.98 n) 147 m/s 2 min. (o.f. 0.49 n) 49 m/s 2 min. (o.f. 0.25 n) 294 m/s 2 min. contact resistance (initial) 50 m ? max. (by voltage drop 1 a 6 to 8v dc) 100 m ? max. (by voltage drop 0.1 a 6 to 8v dc) au: 50 m ? max. (by voltage drop 0.1 a 6 to 8v dc) ag: 50 m ? max. (by voltage drop 1 a 6 to 8v dc) allowable operating speed 0.1 to 1,000 mm/sec. max.operating cycle rate 300 cpm ambient temeprature 25 c to +85 c (no freezing below 0 c) unit weight approx.2g 4th digit number of part no. o.f.max. r.f.min. p.t.max. m.d.max. o.t.max. o.p. 0 0.25n 0.020n 0.6mm 0.1mm 0.4mm distance from mounting holes: 8.4 0.3mm distance from stand-off: fs 11.8 0.4mm fs-t 11.7 0.4mm 2 0.49n 0.074n 4 0.98n 0.15n 5 1.47n 0.20n 4th digit number of part no. o.f.max. r.f.min. p.t.max. m.d.max. o.t.max. o.p. 0 0.098n 0.004n 2.5mm 0.5mm 0.8mm distance from mounting holes: 8.8 0.8mm distance from stand-off: fs 12.2 0.9mm fs-t 12.1 0.9mm 2 0.20n 0.017n 4 0.39n 0.034n 5 0.59n 0.039n all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 3) hinge lever 4) long hinge lever 5) simulated roller lever 6) roller lever dimensions mm general tolerance: 0.25 4th digit number of part no. o.f.max. r.f.min. p.t.max. m.d.max. o.t.max. o.p. 0 0.078n 0.003n 2.8mm 0.8mm 1.2mm distance from mounting holes: 8.8 0.8mm distance from stand-off: fs 12.2 0.9mm fs-t 12.1 0.9mm 2 0.16n 0.015n 4 0.34n 0.029n 5 0.54n 0.034n 4th digit number of part no. o.f.max. r.f.min. p.t.max. m.d.max. o.t.max. o.p. 0 3.5mm 1.0mm 1.6mm distance from mounting holes: 8.8 1.2mm distance from stand-off: fs 12.2 1.3mm fs-t 12.1 1.3mm 2 0.12n 0.012n 4 0.25n 0.025n 5 0.44n 0.029n 4th digit number of part no. o.f.max. r.f.min. p.t.max. m.d.max. o.t.max. o.p. 0 2.8mm 0.8mm 1.2mm distance from mounting holes: 11.65 0.8mm distance from stand-off: fs 15.05 0.9mm fs-t 14.95 0.9mm 2 0.16n 0.015n 4 0.34n 0.029n 5 0.54n 0.034n 4th digit number of part no. o.f.max. r.f.min. p.t.max. m.d.max. o.t.max. o.p. 0 2.5mm 0.5mm 0.8mm distance from mounting holes: 14.5 0.8mm distance from stand-off: fs 17.9 0.9mm fs-t 17.8 0.9mm 2 0.20n 0.017n 4 0.39n 0.034n 5 0.59n 0.039n 1. fs switches (in-line terminal type) 1-(1) solder terminal (without guard) 1.25 0.5 7.4 2.8 nc no c 0.15 3.4 0.2 0.1 1.5 1.1 6.4 5.2 4.0 19.8 15.4 8.7 0.15 0.15 0.3 0.12 0.12 1.85 0.2 0.2 dimensions other than drawn above is same as self-standing pc board terminal. all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 1-(2) solder terminal (with guard) 8.0 24.0 nc no c dimensions other than drawn above is same as guardless type. mm general tolerance: 0.25 1-(3) solder terminal (with opposite side guard) 8.0 24.0 dimensions other than drawn above is same as guardless type. 1-(4) self-standing pc terminal pin plunger 0.6 max. 2.4 9.5 nc no c 7.6 1.8 1.5 1.1 6.4 5.2 1.25 0.5 4.0 11.8 8.4 ( o.p. ) ( p.t. ) 7.4 6.7 7.7 -0.05 +0.1 2.4 0.9 2.2 19.8 15.4 8.7 2.5 0.3 0.1 0.1 0.15 0.15 0.3 2.2 0.1 0.15 ( o.p. ) 0.4 0.3 3.4 0.12 0.12 1.85 0.2 0.2 0.1 2.4 dia. +0.1 -0.05 pc board pattern pretravel, max. mm 0.6 movement differential, max. mm 0.1 overtravel, min. mm 0.4 operating position distance from mounting hole, mm 8.4 0.3 distance from standoff, mm 11.8 0.4 3-1.2 0.05 dia. 8.7 0.1 15.4 0.1 short hinge lever 12.85 5.0 nc no c 0.4 2.5 max. 6.6 4.0 12.2 ( o.p. ) ( p.t. ) 0.9 8.8 ( o.p. ) 0.8 pretravel, max. mm 2.5 movement differential, max. mm 0.5 overtravel, min. mm 0.8 operating position distance from mounting hole, mm 8.8 0.8 distance from standoff, mm 12.2 0.9 hinge lever nc no c 7.15 0.4 2.8 max. 4.0 12.2 ( o.p. ) ( p.t. ) 0.9 8.8 ( o.p. ) 0.8 pretravel, max. mm 2.8 movement differential, max. mm 0.8 overtravel, min. mm 1.2 operating position distance from mounting hole, mm 8.8 0.8 distance from standoff, mm 12.2 0.9 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 long hinge lever nc no c 13.1 0.4 3.5 max. 4.0 12.2 ( o.p. ) ( p.t. ) 1.3 8.8 ( o.p. ) 1.2 pretravel, max. mm 3.5 movement differential, max. mm 1.0 overtravel, min. mm 1.6 operating position distance from mounting hole, mm 8.8 1.2 distance from standoff, mm 12.2 1.3 mm general tolerance: 0.25 simulated roller lever r2.5 nc no c 6.3 0.4 2.8 max. 4.0 ( p.t. ) 15.05 ( o.p. ) 0.9 11.65 ( o.p. ) 0.8 pretravel, max. mm 2.8 movement differential, max. mm 0.8 overtravel, min. mm 1.2 operating position distance from mounting hole, mm 11.65 0.8 distance from standoff, mm 15.05 0.9 roller lever 3.2 5.0 dia. nc no c 5.15 0.4 2.5 max. 17.9 ( o.p. ) ( p.t. ) 0.9 14.5 ( o.p. ) 0.8 pretravel, max. mm 2.5 movement differential, max. mm 0.5 overtravel, min. mm 0.8 operating position distance from mounting hole, mm 14.5 0.8 distance from standoff, mm 17.9 0.9 1-(5) internationally common pitch pc terminal (p.t.) 0.6max. 4.0 2.4 1.3 (4.0) 3.2 7.4 6-c0.3 7.62 0.1 19.8 0.3 7.62 0.1 (o.p.) 8.4 0.3 (o.p.) 11.8 0.4 3.4 0.15 0.5 pc board pattern 3-1.5 0.05 dia. 7.62 0.1 7.62 0.1 1-(6) right angle terminal (p.t.) 0.6max. 4.0 2.4 (4.0) (2.8) 7.62 0.1 19.8 0.3 7.62 0.1 (o.p.) 8.4 0.3 3.4 0.15 6.4 0.5 r0.5 5.08 0.2 pc board pattern 3-1.5 0.05 dia. 7.62 0.1 7.62 0.1 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 1-(7) left angle terminal (p.t.) 0.6max. 4.0 2.4 (4.0) (2.8) 7.62 0.1 19.8 0.3 7.62 0.1 (o.p.) 8.4 0.3 3.4 0.15 6.4 0.5 r0.5 5.08 0.2 pc board pattern 3-1.5 0.05 dia. 7.62 0.1 7.62 0.1 mm general tolerance: 0.25 1-(8) .110 quick-connect terminal 3-1.2 dia. 2.8 -0.15 0 4.0 15.2 5.5 nc no c 0.1 7.1 0.15 0.15 0.15 0.05 0.1 6-c0.6 0.1 7.6 0.5 0.15 3.4 6.4 5.2 4.0 0.2 9.5 19.8 2.5 0.1 0.1 0.3 11.0 dimensions other than drawn above is same as self-standing pc board terminal. 2.fs-t switches (cross-line terminal type) 2-(1) pc board terminal pin plunger 6.4 3.2 7.0 1.2 0.5 16.1 8.8 19.8 no nc c 0.3 0.2 0.1 0.6 max. 2.4 9.5 7.6 4.0 8.4 ( p.t. ) 6.7 7.7 3.3 -0.05 +0.1 2.4 2.5 0.3 0.1 0.1 ( o.p. ) 0.3 2.4 dia. +0.1 -0.05 pc board pattern 10.9 (button position) 8.8 0.1 16.1 0.1 3-1.35 to 1.50 dia. pretravel, max. mm 0.6 movement differential, max. mm 0.1 overtravel, min. mm 0.4 operating position distance from mounting hole, mm 8.4 0.3 distance from standoff, mm 11.7 0.4 short hinge lever no nc c 12.85 5.0 0.4 2.5 max. 4.0 ( p.t. ) 8.8 ( o.p. ) 0.8 pretravel, max. mm 2.5 movement differential, max. mm 0.5 overtravel, min. mm 0.8 operating position distance from mounting hole, mm 8.8 0.8 distance from standoff, mm 12.1 0.9 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 hinge lever no nc c 7.15 0.4 2.8 max. 4.0 ( p.t. ) 8.8 ( o.p. ) 0.8 12.85 pretravel, max. mm 2.8 movement differential, max. mm 0.8 overtravel, min. mm 1.2 operating position distance from mounting hole, mm 8.8 0.8 distance from standoff, mm 12.1 0.9 mm general tolerance: 0.25 long hinge lever no nc c 13.1 0.4 3.5 max. 4.0 ( p.t. ) 8.8 ( o.p. ) 1.2 pretravel, max. mm 3.5 movement differential, max. mm 1.0 overtravel, min. mm 1.6 operating position distance from mounting hole, mm 8.8 1.2 distance from standoff, mm 12.1 1.3 simulated roller lever no nc c r2.5 6.3 0.4 2.8 max. 4.0 ( p.t. ) 11.65 ( o.p. ) 0.8 12.85 pretravel, max. mm 2.8 movement differential, max. mm 0.8 overtravel, min. mm 1.2 operating position distance from mounting hole, mm 11.65 0.8 distance from standoff, mm 14.95 0.9 roller lever no nc c 3.2 5.0 dia. 5.15 0.4 2.5 max. ( p.t. ) 14.5 ( o.p. ) 0.8 pretravel, max. mm 2.5 movement differential, max. mm 0.5 overtravel, min. mm 0.8 operating position distance from mounting hole, mm 14.5 0.8 distance from standoff, mm 17.8 0.9 2-(2) solder terminal 16.1 8.8 no nc c 6.4 1.8 dia. 6-c 0.3 ( 3.9 ) 2.8 0.2 6.4 4.0 1.5 0.2 0.6 max. 2.4 9.5 7.6 0.5 8.4 ( p.t. ) 6.7 7.7 3.3 -0.05 +0.1 2.4 2.5 0.3 0.1 0.1 ( o.p. ) 0.3 2.4 dia. +0.1 -0.05 19.8 0.3 as for the dimensions of lever types, dimensions other than terminals are same as self-standing solder terminal. all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
av3,avm3/avt3,avl3 notes 2-(3) .110 quick-connect terminal 5.5 7.1 11.0 16.1 8.8 no nc c 0.1 0.15 0.6 max. 2.4 9.5 7.6 6.4 2.8 0.5 4.0 8.4 ( p.t. ) 6.7 7.7 3.3 -0.05 +0.1 2.4 2.5 0.3 0.1 0.1 ( o.p. ) 0.3 0.2 0.1 2.4 dia. +0.1 -0.05 1.2 dia. 0.05 19.8 0.3 as for the dimensions of lever types, dimensions other than terminals are same as self-standing solder terminal. mm general tolerance: 0.25 1.regarding fastening of switch body in fastening the switch body, use at lister head m2.3 screws, with tightening torque of not more than 0.29n m.to prevent loosening of the screws, it is recommended that spring washers be used with the screws and adhesive be applied to lock the screws. after mounting the switch and making wiring connections, the insulation distance between ground and each terminal should be con rmed as suf cient. the positioning of the switch should be such that the pushbutton or actuator for the switch should not directly apply force to the operating section in the free condition.for a pushbutton, the force from the pushbutton should be applied in a perpendicular direction. in setting the movement after operation, the over-travel should be set not less than 70% as a standard.setting the movement at less than 70% of o.t.may cause troubles such as mis-contact and welding due to small contact force of the switch. 2.soldering operation for manual soldering: 60w soldering iron, soldering completed within 3 seconds; do not apply force to the terminals. for automatic soldering tank: 250 c immersion, completed within 6 seconds, 350 c immersion, completed within 3 seconds. terminal portions must not be moved in min.1 minute after soldering.also no tensile strength of lead wires should be applied to terminals. 3.regarding connector connections (.110 quick connect terminals) for making connections, a dedicated receptacle for .110 quick connect terminals should be used, and the terminals should be inserted parallel to the receptacle.consideration should be given to mounting so that no tensile load is applied to the lead wires. 4.in making the switch selection consideration should be given to provide for no interference up to +20% variation of the standard characteristics values. 5.environment locations where corrosive gases having a bad in uence on contacts are present, and locations where there is an excessive amount of siliceous or other abrasive dust should be avoided. 6.cautions regarding use this subminiature switch has been designed as a dedicated switch for ac use, but it can be used for low capacity dc circuits. please select gold-clad contact types when loads are in the low-level area of 1ma up to 100ma and 5v up to 30v. for switching of inductive loads (relays, solenoids, buzzers, etc.), in order to prevent damage to contacts due to the occurrence of arcing, an arc absorbing circuit should be applied 7.quality check under actual loading condition to assure reliability, check the switch under actual loading conditions.avoid any situation that may adversely affect switching performance. 8.when using lever type switch, care should be taken not to apply undue force on the body from the opposite side or side ways to its operating direction. n.c. side n.o. side contact force stroke 0 o.t. max. usable area p.t. o.t. spedified value 70% of o.t. specified value ag au (-61) triple layer contact type 3 a 100 ma 1 ma 0 dc ac (reference only) 5 5 15 30v 30 250v all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.


▲Up To Search▲   

 
Price & Availability of AVT3442613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X