Part Number Hot Search : 
C103M KTD1028 EDZ11 MBRF3010 MBRF3010 TDA7241B IPB80N06 0F3TR
Product Description
Full Text Search
 

To Download AP9412AGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet lower gate charge bv dss 30v simple drive requirement r ds(on) 6m fast switching characteristic i d 68a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 2.8 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice AP9412AGP rohs-compliant product parameter rating drain-source voltage 30 gate-source voltage 20 continuous drain current, v gs @ 10v 68 operating junction temperature range -55 to 150 continuous drain current, v gs @ 10v 43 pulsed drain current 1 250 storage temperature range total power dissipation 44.6 -55 to 150 200805141 thermal data parameter 1 g d s a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-220 package is widely preferred for commercial-industrial power applications and suited for low voltage applications such as dc/dc converters. g d s to-220(p)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =40a - - 6 m  v gs =4.5v, i d =30a - - 8 m  v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =30a - 30 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 10 ua i gss gate-source leakage v gs =20v - - 100 na q g total gate charge 2 i d =30a - 21 34 nc q gs gate-source charge v ds =24v - 3.6 nc q gd gate-drain ("miller") charge v gs =4.5v - 12 nc t d(on) turn-on delay time 2 v ds =15v - 9 - ns t r rise time i d =30a - 80 - ns t d(off) turn-off delay time r g =3.3 ? v gs =10v - 23 - ns t f fall time r d =0.5  -15- ns c iss input capacitance v gs =0v - 1790 2860 pf c oss output capacitance v ds =25v - 435 - pf c rss reverse transfer capacitance f=1.0mhz - 250 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =30a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =10a, v gs =0 v , - 34 - ns q rr reverse recovery charge di/dt=100a/s - 33 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP9412AGP
ap9412ag p fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 50 100 150 200 250 012345 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10 v 7.0 v 6.0 v 5.0 v v g = 4.0 v 0 20 40 60 80 100 120 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) 10v 7.0v 6.0v 5.0v v g = 4.0 v t c =150 o c 4 5 6 7 8 246810 v gs gate-to-source voltage (v) r ds(on) (m  ) i d =30a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =40a v g =10v 0 10 20 30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j ,junction temperature ( o c) normalized v gs(th) (v)
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP9412AGP 0 2 4 6 8 10 12 0 1020304050 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =15v v ds =18v v ds =24v i d =30a t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 100 1000 10000 1 5 9 1317212529 v ds ,drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 1 10 100 1000 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s ingle pulse 100us 1ms 10ms 100ms dc


▲Up To Search▲   

 
Price & Availability of AP9412AGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X