Part Number Hot Search : 
ADV601LC IL34063 P5164SL FEF4065 A2C47 AN5270 CDH04 ON0811
Product Description
Full Text Search
 

To Download 97-DSP64-3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6-38 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon f eatures straight solder tails for solder termination to printed circuit board. available with .145" or .190" tail lengths to suit applications with any thickness pc boar d. all-plastic design reduces cost. available in plug and socket styles in 14, 24, 36, 50, and 64 position sizes. all plugs lock with instalatch passive latch feature for automatic latching. sockets available with instalatches, with bail latches in sizes indicated, or with no latches. available with through holes or with #4-40 holes for mounting/latching. ul recognized - files e170218 (ul1977), e130965 (ul1863). csa approved - file lr31996-7. vertical-mount solder tail all-plastic m aterials insulator: gray ul94v-0 rated glass-filled polyester contact: copper alloy contact plating: select gold over 50in. select nickel standard; 30in. select gold over 50in. select nickel available where indicated. gold flash on solder tails e nvironmental operating temperature: -40c to +105c shock: 50g peak, per eia std. rs364, tp27, condition a vibration: 3 cycles @ 10-55hz in each of 3 axes per eia std. 364, tp28, condition a moisture resistance: per eia std. rs364, tp31, condition b, with step 7b excluded e lectrical voltage rating: 500 vac @ sea level; 125 vac @ 70,000 ft. withstanding voltage: 1200 vac rms @ sea level, per eia std. rs364, tp20 contact rating: 5 amps (4 amps per csa) contact resistance: 6 milliohms maximum, per eia std. rs364, tp6 insulation resistance: 5000 megohms minimum initial; 1000 megohms minimum after moisture m echanical durability: 200 mating/unmating cycles mating / unmating forces: mating force (max.) unmating force (min.) with instalatches without instalatches size lb. kg lb. kg 14 12 5.44 2 0.91 24 17 7.71 4 1.81 36 23 10.43 6 2.72 50 32 14.52 7 3.18 64 37 16.78 8 3.63
6-39 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon vertical-mount solder tail all-plastic dimensions vertical-mount miniature ribbon connectors provide i/o directly from printed circuit boards, where the mating face of the connector is in a plane parallel to that of the board. see page 6-51 for accessories such as dust covers, bent bail latches, and mounting screws that make the use of cinch miniature ribbon connectors even more cost-effective in board-mount applications. recommended pcb hole layout with bail latches with instalatches socket plug ab sizeinmminmm 14 1.745 44.32 1.417 35.99 24 2.170 55.12 1.842 46.79 36 2.680 68.07 2.352 59.74 50 3.275 83.19 2.947 74.85 64 3.875 98.43 3.542 89.97 j .238 (6.05) j
ordering information, vertical-mount solder tail plug, instalatching .138" tail length (j) .183" tail length (j) (for pcb thickness (for pcb thickness up to .093" nominal) up to .125" nominal) mount size commercial 30au/ni commercial 30au/ni 14 97-dsp14-2 97-dsp14-2a 97-dsp14-3 97-dsp14-3a 24 97-dsp24-2 97-dsp24-2a 97-dsp24-3 97-dsp24-3a .125 hole 36 97-dsp36-2 97-dsp36-2a 97-dsp36-3 97-dsp36-3a 50 97-dsp50-2 97-dsp50-2a 97-dsp50-3 97-dsp50-3a 64 97-dsp64-2 97-dsp64-2a 97-dsp64-3 97-DSP64-3A 14 97-dsp14-12 97-dsp14-12a 97-dsp14-13 97-dsp14-13a 24 97-dsp24-12 97-dsp24-12a 97-dsp24-13 97-dsp24-13a #4-40 hole 36 97-dsp36-12 97-dsp36-12a 97-dsp36-13 97-dsp36-13a 50 97-dsp50-12 97-dsp50-12a 97-dsp50-13 97-dsp50-13a 64 97-dsp64-12 97-dsp64-12a 97-dsp64-13 97-dsp64-13a socket .138" tail length (j) .183" tail length (j) (for pcb thickness (for pcb thickness up to .093" nominal) up to .125" nominal) latch mount size commercial 30au/ni commercial 30au/ni 14 97-dss14-22 97-dss14-22a 97-dss14-23 97-dss14-23a 24 97-dss24-22 97-dss24-22a 97-dss24-23 97-dss24-23a .125 hole 36 97-dss36-22 97-dss36-22a 97-dss36-23 97-dss36-23a 64 97-dss64-22 97-dss64-22a 97-dss64-23 97-dss64-23a .160 hole 50 97-dss50-22 97-dss50-22a 97-dss50-23 97-dss50-23a 14 97-dss14-32 97-dss14-32a 97-dss14-33 97-dss14-33a 24 97-dss24-32 97-dss24-32a 97-dss24-33 97-dss24-33a #4-40 hole 36 97-dss36-32 97-dss36-32a 97-dss36-33 97-dss36-33a 50 97-dss50-32 97-dss50-32a 97-dss50-33 97-dss50-33a 64 97-dss64-32 97-dss64-32a 97-dss64-33 97-dss64-33a 14 97-dss14-2 97-dss14-2a 97-dss14-3 97-dss14-3a 24 97-dss24-2 97-dss24-2a 97-dss24-3 97-dss24-3a .125 hole 36 97-dss36-2 97-dss36-2a 97-dss36-3 97-dss36-3a 64 97-dss64-2 97-dss64-2a 97-dss64-3 97-dss64-3a .160 hole 50 97-dss50-2 97-dss50-2a 97-dss50-3 97-dss50-3a 14 97-dss14-12 97-dss14-12a 97-dss14-13 97-dss14-13a 24 97-dss24-12 97-dss24-12a 97-dss24-13 97-dss24-13a #4-40 hole 36 97-dss36-12 97-dss36-12a 97-dss36-13 97-dss36-13a 50 97-dss50-12 97-dss50-12a 97-dss50-13 97-dss50-13a 64 97-dss64-12 97-dss64-12a 97-dss64-13 97-dss64-13a 24 97-dss24-42 97-dss24-42a 97-dss24-43 97-dss24-43a bail latches, .116 hole 36 97-dss36-42 97-dss36-42a 97-dss36-43 97-dss36-43a 50 97-dss50-42 97-dss50-42a 97-dss50-43 97-dss50-43a 6-40 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon vertical-mount solder tail all-plastic no latches instalatches


▲Up To Search▲   

 
Price & Availability of 97-DSP64-3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X