Part Number Hot Search : 
12101 MIW3126 TIP12 50010 7805C ALC5631Q SP485EN CT6A06
Product Description
Full Text Search
 

To Download 940C12P33K-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type 940 round, axial leaded f lm capacitors have polypropylene f lm and dual metallized electrodes for both self healing properties and high peak current carrying capability (dv/dt). this series features low esr characteristics, excellent high frequency and high voltage capabilities. highlights - high dv/dt - high pulse current - low inductance - self healing specif cations capacitance range 0.01 to 4.7 f capacitance tolerance 10% standard tolerance rated voltage 600 to 3000 vdc (275 to 500 vac, 60 hz) operating temperature range with ripple C55 oc to 105 oc* *full rated voltage at 85 oc - derated linearly to 50% rated at 105 oc maximum rms current check tables for values insulation resistance > 100,000 m x f test voltage between terminals @ 25 oc 160% rated dc voltage for 60 s test voltage between terminals & case @ 25 oc 3 kvac @ 50/60 hz for 60 s life test 2,000 h @ 85 oc, 125% rated dc voltage life expectancy 60,000 h @ rated vdc, 70 oc 30,000 h @ rated vac, 70 oc rohs compliant dimensions construction details case material ul510 polyester tape wrap resin material ul94v-0 epoxy fill terminal material tin plated copper cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 high dv/dt for snubber applications type 940 round, axial leaded f lm capacitors have polypropylene f lm and dual metallized electrodes for both self healing properties and high peak current carrying capability (dv/dt). this series features low esr characteristics, excellent high frequency and high voltage capabilities. highlights - high dv/dt - high pulse current - low inductance - self healing construction diagram type 940c, polypropylene capacitors, for pulse, snubber high dv/dt for snubber applications l max 41 mm min 41 mm min d d max copy & paste a cde part number to check stock online: go
ratings i rms catalog typical typical 70 oc cap. part number d l d esr esl dv/dt i peak 100 khz (f) mm mm mm (m) (nh) v/s (a) (a) 600 vdc (275 vac) .10 940c6p1k-f 9.0 34.0 0.8 28 19 196 20 2.5 .15 940c6p15k-f 10.5 34.0 0.8 13 20 196 29 4.0 .22 940c6p22k-f 11.5 34.0 0.8 12 20 196 43 4.4 .33 940c6p33k-f 13.5 34.0 0.8 9 21 196 65 5.6 .47 940c6p47k-f 15.5 34.0 1.0 7 22 196 92 6.9 .68 940c6p68k-f 18.0 34.0 1.0 6 23 196 134 8.1 1.00 940c6w1k-f 21.0 34.0 1.0 6 24 196 196 8.9 1.50 940c6w1p5k-f 25.0 34.0 1.2 5 26 196 295 10.9 2.00 940c6w2k-f 23.5 46.0 1.2 5 31 128 255 11.8 3.30 940c6w3p3k-f 27.0 54.0 1.2 4 36 105 346 15.3 4.70 940c6w4p7k-f 31.5 54.0 1.2 4 38 105 492 16.8 850 vdc (450 vac) .15 940c8p15k-f 13.0 34.0 0.8 8 21 713 107 5.8 .22 940c8p22k-f 15.5 34.0 1.0 8 22 713 157 6.4 .33 940c8p33k-f 18.0 34.0 1.0 7 23 713 235 7.5 .47 940c8p47k-f 21.0 34.0 1.0 5 24 713 335 9.8 .68 940c8p68k-f 24.5 34.0 1.2 4 26 713 485 12.0 1.00 940c8w1k-f 22.5 46.0 1.2 5 30 400 400 11.5 1.50 940c8w1p5k-f 27.0 46.0 1.2 4 32 400 600 14.3 2.00 940c8w2k-f 30.5 46.0 1.2 3 34 400 800 17.9 2.20 940c8w2p2k-f 32.0 46.0 1.2 3 34 400 880 18.4 2.50 940c8w2p5k-f 34.0 46.0 1.2 3 35 400 1000 19.1 1000 vdc (500 vac) .15 940c10p15k-f 15.0 34.0 1.0 7 22 856 128 6.7 .22 940c10p22k-f 17.5 34.0 1.0 7 23 856 188 7.4 .33 940c10p33k-f 20.5 34.0 1.0 6 24 856 283 8.8 .47 940c10p47k-f 24.0 34.0 1.2 5 26 856 402 10.6 .68 940c10p68k-f 28.0 34.0 1.2 5 27 856 582 11.7 1.00 940c10w1k-f 26.0 46.0 1.2 5 32 480 480 12.5 1.50 940c10w1p5k-f 31.0 46.0 1.2 4 34 480 720 15.6 2.00 940c10w2k-f 35.5 46.0 1.2 3 36 480 960 19.6 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 940 c 6 p 22 k Cf capacitance rohs compliant indicator termination capacitance signifcant fgures in f tolerance series code voltage code decimal point code 940 c = bare copper wire 6 = 600 vdc 16 = 1600 vdc s = 0.0 k = 10% f = insulated stranded 8 = 800 vdc 20 = 2000 vdc p = 0. wire 10 = 1000 vdc 30 = 3000 vdc w = no decimal h = tinned lugs 12 = 1200 vdc point part numbering system note: other ratings, sizes and performance specifcations are available. contact us. type 940c, polypropylene capacitors, for pulse, snubber high dv/dt for snubber applications copy & paste a cde part number to check stock online: go
i rms typical typical 70 oc cap. catalog d l d esr esl dv/dt i peak 100 khz (f) part number mm mm mm (m) (nh) v/s (a) (a) 1200 vdc (500 vac) .10 940c12p1k-f 15.5 34.0 1.0 9 22 1142 114 6.1 .15 940c12p15k-f 18.5 34.0 1.0 7 23 1142 171 7.6 .22 940c12p22k-f 21.5 34.0 1.0 7 24 1142 251 8.4 .33 940C12P33K-F 20.0 46.0 1.0 7 29 640 211 9.0 .47 940c12p47k-f 23.0 46.0 1.2 7 30 640 301 9.8 .68 940c12p68k-f 27.0 46.0 1.2 6 32 640 435 11.7 1.00 940c12w1k-f 33.0 46.0 1.2 5 35 640 640 14.5 1.50 940c12w1p5k-f 35.0 54.0 1.2 4 39 502 754 17.9 1600 vdc (500 vac) .10 940c16p1k-f 18.0 34.0 1.0 7 23 1427 143 7.5 .15 940c16p15k-f 21.5 34.0 1.0 5 24 1427 214 9.9 .22 940c16p22k-f 25.5 34.0 1.2 7 26 1427 314 9.3 .33 940c16p33k-f 23.5 46.0 1.2 7 31 800 264 10.0 .47 940c16p47k-f 27.5 46.0 1.2 6 32 800 376 11.8 .68 940c16p68k-f 32.5 46.0 1.2 6 35 800 544 13.1 1.00 940c16w1k-f 39.0 46.0 1.2 5 37 800 800 16.2 1.50 940c16w1p5k-f 42.0 54.0 1.2 4 42 628 942 20.1 2000 vdc (500 vac) .022 940c20s22k-f 11.5 34.0 0.8 35 6 1712 38 2.6 .033 940c20s33k-f 13.5 34.0 0.8 20 21 1712 57 3.8 .047 940c20s47k-f 15.0 34.0 1.0 12 22 1712 80 5.2 .068 940c20s68k-f 17.5 34.0 1.0 8 23 1712 116 6.9 .100 940c20p1k-f 21.0 34.0 1.0 7 24 1712 171 8.3 .150 940c20p15k-f 19.5 46.0 1.0 7 29 960 144 8.9 .220 940c20p22k-f 22.0 46.0 1.0 8 30 960 211 9.0 .330 940c20p33k-f 27.0 46.0 1.2 8 32 960 317 10.1 .470 940c20p47k-f 32.0 46.0 1.2 6 34 960 451 13.0 .560 940c20p56k-f 31.0 54.0 1.2 7 37 754 422 12.6 .680 940c20p68k-f 34.0 54.0 1.2 6 39 754 513 14.3 1.00 940c20w1k-f 41.0 54.0 1.2 5 42 754 754 17.7 3000 vdc (500 vac) .010 940c30s1k-f 11.5 34.0 0.8 60 20 2568 26 2.0 .015 940c30s15k-f 13.5 34.0 0.8 40 21 2568 39 2.7 .022 940c30s22k-f 15.5 34.0 1.0 25 22 2568 57 3.6 .033 940c30s33k-f 18.0 34.0 1.0 14 23 2568 85 5.3 .047 940c30s47k-f 16.5 46.0 1.0 14 28 1440 68 5.7 .068 940c30s68k-f 19.0 46.0 1.0 12 29 1440 98 6.7 .100 940c30p1k-f 22.5 46.0 1.2 10 30 1440 144 8.1 .150 940c30p15k-f 27.0 46.0 1.2 8 32 1440 216 10.1 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 940c, polypropylene capacitors, for pulse, snubber high dv/dt for snubber applications copy & paste a cde part number to check stock online: go
cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 rms voltage vs frequency @ 25 oc 0 50 100 150 200 250 300 10 100 1000 10000 100000 vrms frequency (hz) 940c/ 941c - 600 vdc 0.1 f 0.47 f 1 f 0 100 200 300 400 500 10 100 1000 10000 100000 vrms frequency (hz) 940c/ 941c - 850 vdc 0.15 f 0.68 f 2.2 f 0 100 200 300 400 500 600 10 100 1000 10000 100000 vrms frequency (hz) 940c/ 941c - 1000 vdc 0.15 f 0.47 f 2 f 0 100 200 300 400 500 600 10 100 1000 10000 100000 vrms frequency (hz) 940c/ 941c - 1200 vdc 0.1 f 0.47 f 1 f 0 100 200 300 400 500 600 10 100 1000 10000 100000 vrms frequency (hz) 940c/ 941c - 1600 vdc 0.1 f 0.47 f 1.5 f 0 100 200 300 400 500 600 10 100 1000 10000 100000 vrms frequency (hz) 940c/ 941c - 2000 vdc 0.022 f 0.22 f 1 f type 940c, polypropylene capacitors, for pulse, snubber high dv/dt for snubber applications copy & paste a cde part number to check stock online: go go


▲Up To Search▲   

 
Price & Availability of 940C12P33K-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X