Part Number Hot Search : 
CS51221 M3494EZ NC7SV32 SB400 1431C MDT10P CXA13 CY7C43
Product Description
Full Text Search
 

To Download 62P22-N4S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optical and mechanical encoders grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical encoders features ? low cost ? compact size ? pc mount ? no de-bouncing required ? reliable, up to 2 million cycles ? choice of detent and pushbutton force ? available in 16 positions ? quadrature output dimensions in inches (and millimeters) applications ? automotive controls ? white goods ? audio series 62p low cost, pc mount circuitry t olerance: .002 suggested hole la y out det ail .109 (2,77) 4 plcs . .525 (13,34) .403 (10,24) .403 (10,24) ?.187.004 (4,750,1) ?.375 (9,53) ?.059.002 (1,50,05) .335 (8,51) .805 (20,45) .156.004 (3,960,1) .030 (0,76) .700 (17,78) .220 (5,59) .325 (8,26) .660.015 (16,760,38) .038 (0,96) 4 plcs . .332 (8,43) .366 (9,29) chamfer .025 x 45 .403 (10,24) 6 plcs . .202 (5,14) .655 (16.64) .400 (10,16) .250 (6,35) .100 (2,54) .625 (15,88) .200 (5,08) .080 (2,03) .250 (6,35) .070 (1,78) 4 plcs . .064 (1,63) .100 (2,54) 2 plcs . .250 (6,35) .263 (6,67) .400 (10,16) .042 (1,07) 6 plcs . .365 (9,27) .730 (18,54) .200 (5,08) 2 plcs . .030 (0,76) .250.004 (6.350,1) .660.015 (16,760,38) .219.002 (5,560,1) .625 (15,88) .403 (10,24) 6 plcs . .250 (6,35) .080 (2,03) .805 (20,45) .335 (8,51) ?.059.002 (1,50,05) .025 x 45 .366 (9,29) .332 (8,43) chamfer .030 (0,76) ?.375 (9,53) .700 (17,78) .030 (0,76) .038 (0,96) 4 plcs . .220 (5,59) .325 (8,26) .100 (2,54) .250 (6,35) .201 (5,14) .400 (10,16) .200 (5,08) .655 (16.64) .010 to lerance applies to all dimensions unless o ther wise no ted pin design at ion
grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical and mechanical encoders optical encoders waveform and truth table standard quadrature 2-bit code specifications electrical ratings operating voltage: 5 vdc +/-.25 vdc supply current: 30ma maximum at 5 vdc logic high: 3.0v minimum logic low: 1.0v maximum logic rise and fall: less than 30 ms pushbutton switch ratings rating: 5.0 vdc at 10ma resistive contact resistance: less than 10 ohms (ttl or cmos compatible) voltage breakdown: 250 vac between mutually insulated parts contact bounce: less than 4 ms at make and less than 10 ms at break actuation life: 3,000,000 operations actuation force: 6: 600 +/- 200 grams 4: 450 +/- 150 grams shaft travel: .015 .010 inch mechanical ratings operating torque: h: 1.4 in-oz +/- 0.6 in-oz initial l: 0.6 in-oz +/- 0.3 in-oz initial n: 0.5 in-oz initial rotational life: h&l: 500,000 cycles n: 2 million cycles (1 cycle = 360 degree rotation and return) shaft push out force: 20 lbs minimum operating speed: 100 rpm maximum axial shaft play: .010 maximum environmental ratings operating temperature range: -40c to 85c storage temperature range: -55c to 100c relative humidity: 90-95% at 40c for 96 hours vibration resistance: harmonic motion with amplitude of 15g, within a varied 10 to 2000 hz frequency for 12 hours per mil-std-202, method 204 mechanical shock resistance: test 1: tested at 100g for 6ms, half sine, 12.3 ft/s. test 2: 100g for 6ms, sawtooth, 9.7 ft/s materials and finishes code/pushbutton housing: thermoplastic shaft: thermoplastic code/detent rotor: reinforced thermoplastic bushing: thermoplastic terminal pins: brass, tin plated detent spring: stainless steel dome: stainless steel pushbutton contact: nickel plated brass phototransistor: planar silicon detent balls: .0625 dia. stainless steel infrared emitter: gallium aluminum arsenide label: white thermal transfer cast film. adhesive coated bracket: stainless steel, tin plated ordering i nformation 62pxx-xxx rotational t orque: n - non-detent l - lo w torque h - high torque ser ies angle of thro w: 22-16 p osition (22) pushb utton f orce: 0 - no pushb utton 4 - 450 grams 6 - 600 grams shaft option: blank - standard ?.187 shaft s - ?.250 shaft slee ve


▲Up To Search▲   

 
Price & Availability of 62P22-N4S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X