Part Number Hot Search : 
AX6005 8S2632 RDFS02 CSR327 XWS4805 MPC82 01VXC 50E05A
Product Description
Full Text Search
 

To Download 5KP45AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  84 www.littelfuse.com ?2007 littelfuse speci?cations are subject to change without notice. transient voltage suppression diodes axial leaded C 5000w 5kp series agency agency file number e128662/e230531 5kp series rohs tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. applications features the 5kp series is designed speci?cally to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. description parameter symbol value unit peak pulse power dissipation by 10x1000s test wavef orm (fig.1) (note 1) p ppm 5000 w steady state power dissipation on ini?nite heat sink at t l =75oc (fig. 5) p d 8.0 w peak forward surge current, 8.3ms single half sine wave unidirectional only (note 2) i fsm 400 a maximum instantaneous forward voltage at 100a for unidirectional only (note 3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg -55 to 175 c typical thermal resistance junction to lead r ujl 8.0 c/w typical thermal resistance junction to ambient r uja 40 c/w notes: 1. non-repetitive current pulse , per fig. 3 and derated above t a = 25 o c per fig. 2. 2. measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. 3. v f <3.5v for devices of v br _ < 200v and v f <5.0v for devices of v br _ > 201v. maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted) agency approvals t 3p)4dpnqmjbou t 5zqjdbmnbyjnvn temperature coef?cient v br = 0.1% v br @25c t (mbttqbttjwbufedijq kvodujpojo1qbdlbhf t 8qfblqvmtf capability at 101000s wavef orm, repetition rate (duty cycles):0.01% t 'btusftqpotfujnf typically less than 1.0ps from 0 volts to bv min t &ydfmmfoudmbnqjoh capability t -pxjodsfnfoubmtvshf resistance t 5zqjdbm* r less than 2a above 12v t )jhiufnqfsbuvsf soldering guaranteed: 260c/40 seconds / w  nn
mfbe length, 5 lbs., (2.3kg) tension t 1mbtujdqbdlbhfibt underwriters laboratory flammability classi?cation 94v-o t .buuf5jo-fbeogsff plated
www.littelfuse.com ?2007 littelfuse speci?cations are subject to change without notice. 85 transient voltage suppression diodes axial leaded C 5000w 5kp series electrical characteristics part number (uni) part number (bi) reverse stand off voltage v r (volts) breakdown voltage v br (volts) @ i t test current i t (ma) maximum clamping voltage v c @ i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @ v r ( a) agency approval min max 5kp5.0a 5kp5.0ca 5.0 6.40 7.00 50 9.2 554.3 5000 x 5kp6.0a 5kp6.0ca 6.0 6.67 7.37 50 10.3 495.1 5000 x 5kp6.5a 5kp6.5ca 6.5 7.22 7.98 50 11.2 455.4 2000 x 5kp7.0a 5kp7.0ca 7.0 7.78 8.60 50 12.0 425.0 1000 x 5kp7.5a 5kp7.5ca 7.5 8.33 9.21 5 12.9 395.3 250 x 5kp8.0a 5kp8.0ca 8.0 8.89 9.83 5 13.6 375.0 150 x 5kp8.5a 5kp8.5ca 8.5 9.44 10.40 5 14.4 354.2 50 x 5kp9.0a 5kp9.0ca 9.0 10.00 11.10 5 15.4 331.2 20 x 5kp10a 5kp10ca 10.0 11.10 12.30 5 17.0 300.0 15 x 5kp11a 5kp11ca 11.0 12.20 13.50 5 18.2 280.2 2 x 5kp12a 5kp12ca 12.0 13.30 14.70 5 19.9 256.3 2 x 5kp13a 5kp13ca 13.0 14.40 15.90 5 21.5 237.2 2 x 5kp14a 5kp14ca 14.0 15.60 17.20 5 23.2 219.8 2 x 5kp15a 5kp15ca 15.0 16.70 18.50 5 24.4 209.0 2 x 5kp16a 5kp16ca 16.0 17.80 19.70 5 26.0 196.2 2 x 5kp17a 5kp17ca 17.0 18.90 20.90 5 27.6 184.8 2 x 5kp18a 5kp18ca 18.0 20.00 22.10 5 29.2 174.7 2 x 5kp20a 5kp20ca 20.0 22.20 24.50 5 32.4 157.4 2 x 5kp22a 5kp22ca 22.0 24.00 26.90 5 35.5 143.7 2 x 5kp24a 5kp24ca 24.0 26.70 29.50 5 38.9 131.1 2 x 5kp26a 5kp26ca 26.0 28.90 31.90 5 42.1 121.1 2 x 5kp28a 5kp28ca 28.0 31.10 34.40 5 45.4 112.3 2 x 5kp30a 5kp30ca 30.0 33.30 36.80 5 48.4 105.4 2 x 5kp33a 5kp33ca 33.0 36.70 40.60 5 53.3 95.7 2 x 5kp36a 5kp36ca 36.0 40.00 44.20 5 58.1 87.8 2 x 5kp40a 5kp40ca 40.0 44.40 49.10 5 64.5 79.1 2 x 5kp43a 5kp43ca 43.0 47.80 52.80 5 69.4 73.5 2 x 5kp45a 5kp45ca 45.0 50.00 55.30 5 72.7 70.2 2 x 5kp48a 5kp48ca 48.0 53.30 58.90 5 77.4 65.9 2 x 5kp51a 5kp51ca 51.0 56.70 62.70 5 82.4 61.9 2 x 5kp54a 5kp54ca 54.0 60.00 66.30 5 87.1 58.6 2 x 5kp58a 5kp58ca 58.0 64.40 71.20 5 93.6 54.5 2 x 5kp60a 5kp60ca 60.0 66.70 73.70 5 96.8 52.7 2 x 5kp64a 5kp64ca 64.0 71.10 78.60 5 103.0 49.5 2 x 5kp70a 5kp70ca 70.0 77.80 86.00 5 113.0 45.1 2 x 5kp75a 5kp75ca 75.0 83.30 92.10 5 121.0 42.1 2 x 5kp78a 5kp78ca 78.0 86.70 95.80 5 126.0 40.5 2 x 5kp85a 5kp85ca 85.0 94.40 104.00 5 137.0 37.2 2 x 5kp90a 5kp90ca 90.0 100.00 111.00 5 146.0 34.9 2 x 5kp100a 5kp100ca 100.0 110.00 123.00 5 162.0 31.5 2x 5kp110a 5kp110ca 110.0 122.00 135.00 5 177.0 28.8 2 x 5kp120a 5kp120ca 120.0 133.00 147.00 5 193.0 26.4 2 x 5kp130a 5kp130ca 130.0 144.00 159.00 5 209.0 24.4 2 x 5kp150a 5kp150ca 150.0 167.00 185.00 5 243.0 21.0 2 x 5kp160a 5kp160ca 160.0 178.00 197.00 5 259.0 19.7 2 x 5kp170a 5kp170ca 170.0 189.00 209.00 5 275.0 18.5 2 x 5kp180a 5kp180ca 180.0 200.00 221.00 5 292.0 17.5 2 x 5kp190a 5kp190ca 190.0 211.00 233.00 5 310.0 16.5 2 x 5kp200a 5kp200ca 200.0 222.00 246.00 5 329.2 15.5 2 x 5kp210a 5kp210ca 210.0 233.00 258.00 5 349.5 14.6 2 x 5kp220a 5kp220ca 220.0 244.00 270.00 5 371.1 13.7 2 x 5kp250a 5kp250ca 250.0 277.00 306.00 5 425.0 12.0 2 x for bidirectional type having v r of 10 volts and less, the i r limit is double. for parts without a , the v br is 10% and v c is 5% higher than with a parts
86 www.littelfuse.com ?2007 littelfuse speci?cations are subject to change without notice. transient voltage suppression diodes axial leaded C 5000w 5kp series p ppm - peak pulse power (kw) t d - pulse width (sec.) 0.1s 1.0s 10s 100s 1.0ms 10ms 100 10 1 0.1 non-repetitive pulse waveform shown in fig.3 t a =25oc ratings and characteristic curves (t a =25c unless otherwise noted) i ppm - peak pulse current, % i rsm 0 0 5 0 100 1 5 0 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =2 5 c pulse width(td) is de?ned as the point where the peak current decays to 5 0% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) peak pulse power (kw) t a - ambient temperature (oc) 0 25 50 75 100 125 150 175 200 100 75 50 25 0 1 10 100 1000 10000 100000 1.0 10.0 100.0 1000.0 cj (pf) tj=25c f=1.0mhz vsig=50mvp-p uni-directional v=0v v br - reverse breakdown voltage (v) uni-directional @ v r bi-directional v=0v bi-directional @ v r 0 1 2 3 4 5 6 7 8 9 0 25 50 75 100 125 150 175 200 steady state po wer dissipation (w) t l - lead temperature(oc) l = 0.375 (9.5mm) lead lengths figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power derating curve 0 50 100 150 200 250 300 350 400 450 110100 number of cycles at 60 hz i fsm , peak forward surge current (a) figure 6 - maximum non-repetitive peak forward surge current
www.littelfuse.com ?2007 littelfuse speci?cations are subject to change without notice. 87 transient voltage suppression diodes axial leaded C 5000w 5kp series physical speci?cations weight 0.07oz., 2.1g case p600 molded plastic body over qbttjwbufekvodujpo polarity color band denotes the cathode except bipolar. terminal matte tin axial leads, solderable per +&4%#% dimensions dimensions inches millimeters min max min max a 1.000 - 25.40 - b 0.340 0.360 8.60 9.10 c 0.048 0.052 1.22 1.32 d 0.340 0.360 8.60 9.10 c b a a d p600 environmental speci?cations temperature cycle +&4%" pressure cooker +&4%" high temp. storage +&4%" htrb +&4%" thermal shock +&4%" soldering parameters temperature (t ) time (t) t s(min) t s(max) t l t p t s preheat t l t p ramp-up critical zone t l to t p ramp-down t 25?c to peak 25?c re?ow condition -fbeogsffbttfncmz pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) otfdt average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max re?ow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) otfdpoet peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) otfdpoet ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c flow/wave soldering (solder dipping) peak temperature : 265 o c dipping time : 10 seconds soldering : 1 time
88 www.littelfuse.com ?2007 littelfuse speci?cations are subject to change without notice. transient voltage suppression diodes axial leaded C 5000w 5kp series part numbering system packaging part number component package quantity packaging option packaging speci?cation 5kpxxxxx p600 800 tape & reel &*"45%34& 5kpxxxxxb p600 500 box littelfuse concord packing spec. dm-0016 stand off voltage bi-directional 5 % voltage tolerance series 5 kp xxx c a option: suf?x b is for bulk packing. part marking system f 5kpxxx product type littelfuse logo cathode band


▲Up To Search▲   

 
Price & Availability of 5KP45AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X