Part Number Hot Search : 
VTFXXX 1321156K 106K0 7264EDZ FR107G AD2712 0720EDJ PCI50
Product Description
Full Text Search
 

To Download 45E75AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal filter 2 pole mcf (surface-mount type) cf12_071102_nm7050sa_e1 model number of poles nominal frequency 3db passband width stop bandwidth ripple insertion loss (insertion attenuation) guaranteed attenuation spurious characteristics terminating impedance operating temperature range package type code for placing an order 21e7.5ad 2 21.4mhz 3.75khz min. 12.5 khz max. at 15 db 1db max. 2db max. 60 db min. at C910 khz 15 db min. 1500//5pf C20 to +70c nm7050sa 21e7.5ad-21.4m- mn15-358 21e15ab 2 21.4mhz 7.5khz min. 25 khz max. at 15 db 1db max. 1.5db max. 60 db min. at C910 khz 15 db min. 1500//1pf C20 to +70c nm7050sa 21e15ab-21.4m- mn15-211 21e30ad 2 21.4mhz 15khz min. 50 khz max. at 15 db 1.5db max. 1.5db max. 50 db min. at C910 khz 15 db min. 2500//1.2pf C20 to +70c nm7050sa 21e30ad-21.4m- mn15-359 21e7.5a 2 21.7mhz 3.75khz min. 12.5 khz max. at 15 db 1db max. 2db max. 60 db min. at C910 khz 15 db min. 850//6pf C20 to +70c nm7050sa 21e7.5a-21.7m- mn15-366 21e15aa 2 21.7mhz 7.5khz min. 25 khz max. at 15 db 1db max. 1.5db max. 60 db min. at C910 khz 15 db min. 1500//1pf C20 to +70c nm7050sa 21e15aa-21.7m- mn15-209 21e30af 2 21.7mhz 15khz min. 50 khz max. at 15 db 1.5db max. 1.5db max. 50 db min. at C910 khz 15 db min. 2000//1.2pf C20 to +70c nm7050sa 21e30af-21.7m- mn15-365 model number of poles nominal frequency 3db passband width stop bandwidth ripple insertion loss (insertion attenuation) guaranteed attenuation spurious characteristics terminating impedance operating temperature range package type code for placing an order 45e7.5ab 2 45mhz 3.75khz min. 25 khz max. at 20 db 1db max. 2db max. 60 db min. at C910 khz 10 db min. 200//4pf C20 to +70c nm7050sa 45e7.5ab-45m- mn15-367 45e15a 2 45mhz 7.5khz min. 25 khz max. at 13 db 1db max. 3db max. 70 db min. at C910 khz 10 db min. 1000//4pf C30 to +70c nm7050sa 45e15a-45m- mn15-297 45e30an 2 45mhz 15khz min. 60 khz max. at 20 db 1db max. 2db max. 60 db min. at C910 khz 5 db min. 650//1.5pf C20 to +70c nm7050sa 45e30an-45m- mn15-369 90e9a 2 90mhz 4khz min. 50 khz max. at 25 db 0.5db max. 5db max. 70 db min. at C910 khz 20 db min. 200//8pf C20 to +70c nm7050sa 90e9a-90m- mn15-226 mm nm7050sa 7.00.2 1.350.15 5.00.2 2 5 4 1 3 6 6 C 1.2 6 C 1.0 2.54 4.0 2.54 6 C 1.4 6 C 2.2 6.0 2.0 pad no 1 2 3 4 5 6 pad connection gnd gnd output gnd gnd input reference land pattern pb free n features this is a crystal filter that supports surface mounting. adoption of a ceramic container has enabled the dimensions of the filter to be 7 x 5 x 1.35 mm. supports a wide frequency range. l supports ir reflow and vsp. (contact us for information on the temperature profile.) l supports surface mounting. (packed with embossed tape) l excellent heat- and shock-resistance. l good guaranteed attenuation. l frequency range fundamental: 20 to 100 mhz, overtone: 45 to 150 mhz l also supports 3-pole mcf. n specifications n dimensions


▲Up To Search▲   

 
Price & Availability of 45E75AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X