Part Number Hot Search : 
28F01 113IP5X 48000 MBR30 LX509 MB9AF 1N518 1403D
Product Description
Full Text Search
 

To Download STP-48AMP10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to order call tel: (630) 628-9999 fax:(630) 628-9922 300 w factory road toll free: (888) 797-8658 addison, il 60101 email: sales@powervolt.com stepperpower ? rohs the power supply for stepping motors series: stp fully compatible with applied motion products (and other) stepping motor drivers integral motor (35vdc) and logic (5vdc 5%) power space saving compact modules provide mounting studs for motor drivers dual 120/240v switch-selectable input voltage power-on leds, screw terminal connections ideal for use with a.m.p step motor drives 1335, 2035, 2035 o, 3535, 3535 o, 3540m or 3540mo. safety agency approvals stp series: ? ul 1950, third edition, file #e181899. ? csa, c22.2 no.950, file #e181899. ? ce marked. description : the stp series of power supplies provide unregulated dc voltage for motor power and tightly regulated 5vdc power for logic circuitry. they are especially suitable for applied motion?s step motor drives model numbers 1335, 2035, 2035 o,3535, 3535 o, 3540m or 3540mo. the pc board and transformer are assembled on l- shaped aluminum chassis with threaded (# 6-32) pem nuts provided on the side for mounting drive module, thus making an integral power and driver unit. led?s indicate the power-on status of the motor and logic outputs. input and motor output are fuse protected to avoid damage due to short circuits. the 5v logic output is electronically protected for overload and short circuit. the input is easily set to 120v or 240v with a slide switch provided on the pc board.
to order call series: stp tel: (630) 628 - 9999 fax: (630) 628 - 9922 300 w. factory road toll free: (888) 628 - 8658 addison, il 60101 email: sales@powervolt.com specification : input power: 120/240vac 10%, 50/60hz. humidity: 95% non - condensing relative humidity switch - selectable. factory set at 240v input. maximum. inrush current: estimated 12a at 120v and 15a at 240v. cooling method: natural convection; a llow unrestricted connections: screw terminals air flow f or optimum operation. storage temperature: - 55c to + 85c. mounting: 4 each 0.213"dia holes, use #8 or #10 screws; operating temperature: 0 - 50c at full rated load, clear anodized chassis. dera te linearly 20% up to 70c maximum. agency approvals: ul, csa approved; ce marked. output: dimension drawing : (all dimensions in inches) part number motor power logic power ( regulated, electronically overload/short circuit protected ) stp - 35xxx2.5 35vdc @ 2.5a full load (no load 42vdc) 5vdc 5% @ 500ma stp - 32xxx4 32vdc @ 4.0a full load (no load 42vdc) 5vdc 5% @ 500ma stp - 35xxx5 35vdc @ 5.0a full load (no load 42vdc) 5vdc 5% @ 500ma stp - 48xxx5 48vdc @ 5.0a full load (no load 58vdc ) 5vdc 5% @ 500ma stp - 48xxx10 48vdc @ 10.0a full load (no load 58vdc) 5vdc 5% @ 500ma stp - 70xxx5 70vdc @ 5. .0a full load (no load 87vdc ) 5vdc 5% @ 500ma model a b0 b1 c0 c1 d e f g h ( dia. & no. of places ) j k l m stp - 35amp2.5 7.0 6.5 na 0.25 na 3.25 2.4 0.70 4.0 .213 8 holes 0.125 0.25 0.25 2.4 stp - 32amp4 7.0 6.5 na 0.25 na 3.75 2.4 0.70 4.0 .213 8 holes 0.125 0.25 0.25 2.4 stp - 35amp5 8.10 7.5 6.9 0.35 0.95 3.88 3.8 0.33 5.0 .20 8 holes 0.125 0.25 0.35 3.03 stp - 48amp5 8.10 7.5 6.9 0.35 0.95 3.88 3.8 0.33 5.0 .20 8 holes 0.125 0.25 0.35 3.03 stp - 48amp10 9.0 8.24 na 0.41 na 4.62 2.5 1.56 5.62 .281 7 holes 0.125 0.35 0.35 3.77 stp - 70amp 5 9.0 8.24 na 0.41 na 4.62 2.5 1.56 5.62 0.281 7 holes 0.125 0.35 0.35 3.77 dimensions


▲Up To Search▲   

 
Price & Availability of STP-48AMP10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X