Part Number Hot Search : 
20114 C100EP 200S1 M54HC00D P4SMAJ20 1N6277L LTC3555 PSD813FH
Product Description
Full Text Search
 

To Download SN080M0010APF-1012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  y ag eo corporation alum inum ele ctrolytic capaci tors miniature aluminum e lectrolytic capacitors sn [ for n on polar ] 10  c single- e nded lead aluminum e lectrolytic capacitors for n on-polar general purpose description n on-polar miniature type for used in reversing polarity d c voltage circuits. electrical c haracteristics operating temperature : - 0c ~ +10c working voltage : .3 ~ 100v rate capacitance range : 0.  ~ 2200f capacitance tolerance : -20 ~ +20% d c leakage current (a) : i = 0.03 cv + 3a ( after  minutes application of d c working voltage at 2c ) d issipation factor : at 120hz, 2c wv (v) :  .3 10 1 2 3  0 100 d .f (%) : 2 20 1 1 1 12 10 for capacitor whose capacitance exceeds 1000f. the value of d .f(%) is increased by 2% for every addition of 1000f. load life : 1000 hours at 10  c with the polarity i nverted e very 20 hours (a) capacitance change : within 2 % of i nitial value (b) d issipation factor : not exceed 10% of i nitial requirement (c) leakage current : not exceed the i nitial requirement shelf life :  00 hours, n o voltage applied, at 10c (a) capacitance change : within 2 % of i nitial value (b) d issipation factor : not exceed 200% of i nitial requirement (c) leakage current : not exceed 200% of i nitial requirement diagram o f dimensions d ? f d ? .0 1. 0. .0 2.0 0. .3 2. .0 3. 10.0 .0 0. 12.0 13.0 1.0 . 0. 1.0 22.0 10.0 0. d imensions : mm rubber end seal vin yl slee ve (p .v .c) l 1min. d0. f0. min. l 1min. 0.max. d0. f0. rubber end seal vin yl slee ve (p .v .c) min. rubber stand-off frequency(hz)  0 120 300 1k 10k~100k factor 0. 1.00 1.20 1.32 1. frequency coeffcient temperature(c)   10 factor 1.30 1.20 1.00 temperature coeffcient d? <20 : d?+0.5 d? 20 : d?+1 l 16 : l+1.5max l >16 : l+2max d? =8&10 : l+2.5
 case size & permissible ripple current of standard products c ap. ( f) r ated voltage w v 6.3 10 16 25 35 50 63 80 100 size ripple size ripple size ripple size ripple size ripple size ripple size ripple size ripple size ripple 0.22  x11  0.  x11 11 x11 11 x11 11 x11 1 0. 1  x11 1  x11 1  x11 1  x11 21 1. 2.2  x11 2  x11 2  x11 2  .3x11 3 3.3  x11 31 x11  .3x11 3  .3x11 3  x11  . x11 3  x11 3  x11 3  x11  x11   .3x11 1 .3x11  10  .3x11 2 x11 2 .3x11  .3x11  x11  10x12  x11 0  .3x11 0 x11 0 10x12 100  x11  x11  .3x11  x11  x11  x11  10x1. 10 13x20 10 22  .3x11  x11  x11  10x1 130 10x12 11 33 x11 3 .3x11  x11  x11 10 10x12 12  x11 110 x11 11 13x20 20 13x20 220 10x1 10 10x1. 1  .3x11  .3x11 3 x11 11 10x12 10 10x1 1  x11 130 13x20 230 13x20 2 13x2 2 10x1. 10  100 x11 10 x11 13 x11 10 10x1. 20 13x20 2 13x20 310 1x2  10 1x2  3 1x32 10 10x12 1 10x1 20  10x1 230 220 10x12 23 10x1 2 10x1. 330 13x20 30 1x2  20 1x2  0 1x32 0 330 10x1 310 10x1. 30 13x20  1x2  0 1x2  30 1x3  0 0 10x1. 00 13x20 0 13x2  0 1x2  0 1x32 20 1000 13x2  0 1x2   1x32 1020 2200 1x32 120 1x3 10 note : * 1. d x l : mm * 2. ripple current ma rms at 10  c, 120khz


▲Up To Search▲   

 
Price & Availability of SN080M0010APF-1012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X