Part Number Hot Search : 
2SK27 DN8797SE FA13844P MPW2033 FA13844P T2955 D2058 MPW2033
Product Description
Full Text Search
 

To Download SIHFP9240-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 91239 www.vishay.com s11-0444-rev. b, 14-mar-11 1 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power mosfet irfp9240, sihfp9240 vishay siliconix features ? dynamic dv/dt rating ? repetitive avalanche rated ? p-channel ? isolated central mounting hole ?fast switching ? ease of paralleling ? simple drive requirements ? compliant to rohs directive 2002/95/ec description third generation power mosfets from vishay provide the designer with the best combi nation of fast switching, ruggedized device design , low on-resistance and cost-effectiveness. the to-247ac package is preferred for commercial-industrial applic ations where higher power levels preclude the use of to-220ab devices. the to-247ac is similar but superior to the earlier to-218 package because of its isolated mounting hole. it also provides greater creepage distance between pins to meet the requirements of most safety specifications. notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. v dd = - 50 v, starting t j = 25 c, l = 8.2 mh, r g = 25 , i as = - 12 a (see fig. 12). c. i sd - 12 a, di/dt 150 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. product summary v ds (v) - 200 v r ds(on) (max.) ( )v gs = - 10 v 0.50 q g (max.) (nc) 44 q gs (nc) 7.1 q gd (nc) 27 configuration single s g d p-channel mosfet to-247ac g d s available rohs* compliant ordering information package to-247ac lead (pb)-free irfp9240pbf SIHFP9240-E3 snpb irfp9240 sihfp9240 absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds - 200 v gate-source voltage v gs 20 continuous drain current v gs at - 10 v t c = 25 c i d - 12 a t c = 100 c - 7.5 pulsed drain current a i dm - 48 linear derating factor 1.2 w/c single pulse avalanche energy b e as 790 mj repetitive avalanche current a i ar - 12 a repetitive avalanche energy a e ar 15 mj maximum power dissipation t c = 25 c p d 150 w peak diode recovery dv/dt c dv/dt - 5.0 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d mounting torque 6-32 or m3 screw 10 lbf in 1.1 n m * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com document number: 91239 2 s11-0444-rev. b, 14-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfp9240, sihfp9240 vishay siliconix notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -40 c/w case-to-sink, flat, greased surface r thcs 0.24 - maximum junction-to-case (drain) r thjc -0.83 specifications (t j = 25 c, unless otherwise noted) parameter symbol test condi tions min. typ. max. unit static drain-source brea kdown voltage v ds v gs = 0 v, i d = - 250 a - 200 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = - 1 ma - - 0.20 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = - 250 a - 2.0 - - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = - 200 v, v gs = 0 v - - - 100 a v ds = - 160 v, v gs = 0 v, t j = 125 c - - - 500 drain-source on-state resistance r ds(on) v gs = - 10 v i d = - 7.2 a b - - 0.50 forward transconductance g fs v ds = - 50 v, i d = - 7.2 a 4.2 - - s dynamic input capacitance c iss v gs = 0 v, v ds = - 25 v, f = 1.0 mhz, see fig. 5 - 1200 - pf output capacitance c oss - 370 - reverse transfer capacitance c rss -81- total gate charge q g v gs = - 10 v i d = - 11 a, v ds = - 160 v see fig. 6 and 13 b --44 nc gate-source charge q gs --7.1 gate-drain charge q gd --27 turn-on delay time t d(on) v dd = - 100 v, i d = - 11 a r g = 9.1 , r d = 8.6 , see fig. 10 b -14- ns rise time t r -43- turn-off delay time t d(off) -39- fall time t f -38- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -5.0- nh internal source inductance l s -13- drain-source body diode characteristics continuous source-dr ain diode current i s mosfet symbol showing the integral reverse p - n junction diode --- 12 a pulsed diode forward current a i sm --- 48 body diode voltage v sd t j = 25 c, i s = - 12 a, v gs = 0 v b --- 5.0v body diode reverse recovery time t rr t j = 25 c, i f = - 11 a, di/dt = 100 a/s b - 250 300 ns body diode reverse recovery charge q rr -2.93.6c forward turn-on time t on intrinsic turn-on time is negligible (turn-on is dominated by l s and l d ) d s g s d g
document number: 91239 www.vishay.com s11-0444-rev. b, 14-mar-11 3 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfp9240, sihfp9240 vishay siliconix typical characteristics (25 c, unless otherwise noted) fig. 1 - typical output characteristics, t c = 25 c fig. 2 - typical output characteristics, t c = 150 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature
www.vishay.com document number: 91239 4 s11-0444-rev. b, 14-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfp9240, sihfp9240 vishay siliconix fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-dra in diode forward voltage fig. 8 - maximum safe operating area
document number: 91239 www.vishay.com s11-0444-rev. b, 14-mar-11 5 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfp9240, sihfp9240 vishay siliconix fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. - 10 v + - v ds v dd v gs 10 % 90 % v ds t d(on) t r t d(off) t f
www.vishay.com document number: 91239 6 s11-0444-rev. b, 14-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfp9240, sihfp9240 vishay siliconix fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit r g i as 0.01 t p d.u.t. l v ds + - v dd - 10 v var y t p to obtain required i as i as v ds v dd v ds t p q gs q gd q g v g charge - 10 v d.u.t. - 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v current regulator current sampling resistors same type as d.u.t. + -
document number: 91239 www.vishay.com s11-0444-rev. b, 14-mar-11 7 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfp9240, sihfp9240 vishay siliconix fig. 14 - for p-channel vishay siliconix maintains worldw ide manufacturing capability. prod ucts may be manufactured at on e of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents su ch as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?91239 . p.w. period di/dt diode recovery dv/dt body diode forward drop body diode forward current driver gate drive inductor current d = p.w. period + - - - - + + + peak dio d e recovery d v/ d t test circuit ? dv/dt controlled by r g ? d.u.t. - device under te s t d.u.t. circuit layout con s ideration s ? low stray inductance ? g round plane ? low leakage inductance current tran s former r g ? compliment n-channel of d.u.t. for driver v dd ? i s d controlled by duty factor d note note a. v gs = - 5 v for logic level and - 3 v drive device s v gs = - 10 v a d.u.t. l s d waveform d.u.t. v d s waveform v dd re-applied voltage ripple 5 % i s d rever s e recovery current
document number: 91360 www.vishay.com revision: 15-sep-08 1 package information vishay siliconix to-247ac (high voltage) notes 1. dimensioning and toler ancing per asme y14.5m-1994. 2. contour of slot optional. 3. dimension d and e do not include mold flash. mold flash shal l not exceed 0.127 mm (0.005") per side. these dimensions are me asured at the outermost extremes of the plastic body. 4. thermal pad contour optional with dimensions d1 and e1. 5. lead finish uncontrolled in l1. 6. ? p to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154"). 7. outline conforms to jedec outline to-247 with exception of dimension c. 0.10 a c mm e e/2 (2) (4) r/2 b 2 x r s d see v ie w b 2 x e b 4 3 x b 2 x b 2 l c l1 1 2 3 q d a a2 a a a1 c ? k b d mm a ?p (dat u m b) ?p1 d1 4 e1 0.01 b d mm v ie w a - a thermal pad d2 dde e c c v ie w b ( b 1, b 3, b 5) base metal c1 ( b , b 2, b 4) section c - c, d - d, e - e (c) planting 4 3 5 7 5 5 millimeters inches millimeters inches dim. min. max. min. max. dim. min. max. min. max. a 4.65 5.31 0.183 0.209 d2 0.51 1.30 0.020 0.051 a1 2.21 2.59 0.087 0.102 e 15.29 15.87 0.602 0.625 a2 1.50 2.49 0.059 0.098 e1 13.72 - 0.540 - b 0.99 1.40 0.039 0.055 e 5.46 bsc 0.215 bsc b1 0.99 1.35 0.039 0.053 ? k 0.254 0.010 b2 1.65 2.39 0.065 0.094 l 14.20 16.10 0.559 0.634 b3 1.65 2.37 0.065 0.093 l1 3.71 4.29 0.146 0.169 b4 2.59 3.43 0.102 0.135 n 7.62 bsc 0.300 bsc b5 2.59 3.38 0.102 0.133 ? p 3.56 3.66 0.140 0.144 c 0.38 0.86 0.015 0.034 ? p1 - 7.39 - 0.291 c1 0.38 0.76 0.015 0.030 q 5.31 5.69 0.209 0.224 d 19.71 20.70 0.776 0.815 r 4.52 5.49 0.178 0.216 d1 13.08 - 0.515 - s 5.51 bsc 0.217 bsc ecn: s-81920-rev. a, 15-sep-08 dwg: 5971
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SIHFP9240-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X