Part Number Hot Search : 
K10101TA 3KP15CA HD74LV 593802 SPD5806S M54537FP C4001 TA1814A
Product Description
Full Text Search
 

To Download RX03-L15S-P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). l 15 p C fe 1 rx03 C * * * ** * series locking type no. of contacts 9, 15, 25 connector type s C cable side p C card side termination f C smt, straddle mount (card side) (see offset below) p C idc, 9 pos only (cable side) u C solder, 15 & 25 pos only (cable side) contact finish 1 C 0.1 m m (.000004") min. gold over nickel rx03l series connectors 1.0mm (.039") contact spacing, i/o card rear side interface connectors ordering information dimensions and specifications subject to change without notice. features ? smt (straddle) type pcb mounting side ? rapid sure-locking mechanism ? ribbon type contacts withstand twisting force ? cable side hood included ? polarizing key prevents mismating ? card kit cr10-fsb & cr10-cp applicable ? grounding dimples on receptacle side shell ? 15 pos 2 cable sizes available ? backshell incorporated in hood for idc cable side enhances shielding ? both card and cable sides have grounding tabs ? emi protection rx03l series connectors are tailored to meet the requirements for use as interface connectors for i/o (lan, modem) cards. the smt type (straddle mount) card side connector is designed for pcb mounting and the cable side connector is available in idc (9 pos only) or solder (15 & 25 pos only). the low profile connectors feature high density contact spacing of 1.0mm (.039"). the smt card connector is 3.5mm (.138") thick and the idc cable connector is 5mm (.197") thick. ribbon type contacts assure contact durability against twisting force. the connectors are shielded to protect from emi. n locking type ? ? ? ? ? ? ? ? ? ? ? ? ? ? general specifications number of contacts 9, 15, 25 contact spacing 1.0mm (.039") current rating 0.5 amps dielectric withstanding voltage 250 vac r.m.s. (for one minute) insulation resistance 100 megohms min. contact resistance 40 milliohms max. applicable pcb thickness 0.4 0.05mm (.016 .002") applicable wire size idc #28 awg 9 pos solder #24-30 awg 15 & 25 pos operating temperature -20 c to +60 c durability 5000 cycles materials and finishes card side description materials/finishes contact phosphor bronze: connecting area: gold plating, 0.1 m m min. (.000004") over nickel terminal area: tin plating insulator glass-filled pps (ul94v-0, black) shell steel/nickel plating cable side contact copper alloy: gold plating, 0.1 m m min. (.000004") over nickel insulator glass-filled pbt (ul94v-0) cover insulator glass-filled 6-6 nylon (ul94v-0) hood 6-6 nylon connector profile (ref.) 45.2 (1.78) 5.15 (.216)
dimensions in mm (inches). rx03l series connectors 1.0mm (.039") contact spacing, i/o card rear side interface connectors card side ? smt (straddle) type 0.85 (.033) 0 .1 (.0 0 4) 3.5 (.138) 0 .1 (.0 0 4 ) 5 (.197) - 0.3 (.01 2) + 0 .1 (.00 4) 2 (.079) 0.05 (.00 2 ) 4.15 (.163) 0.3 (.0 12) 3.95 (.156) 0.1 (.004 ) 24 (.945) 0 .0 5 (.0 02 ) 1 (.039) 0 .0 5 (.0 0 2) 1 (.039) 0 .0 5 (.0 0 2 ) 25 (.985) 0 .5 (.0 0 2) 12 (.472) 0.5 (.0 02 ) 11 (.433) 0.5 (.00 2 ) 0.5 (.020) 0 .05 (.0 02 ) 1 (.039) 0.1 (.0 04) 0.3 (.012) 0.1 (.00 4) 2.3 (.091) + 0 .1 (.0 0 4 ) 0 (0 ) 2.05 (.081) 0.2 (.00 8) 0.6 (.024) 0.6 (.024) a a d e 0 .2 (.0 0 8) b - 0.2 (.0 08 ) 0 .2 (.00 8) 0 .2 (.0 0 8) e 0.1 5 (.00 6) f 0.1 5 (.00 6) d25 (.984) 0.1 5 (.00 6 ) c 34 (1.339) 0.1 (.0 04 ) pin no.1 + 0 .1 (.0 0 4) 9 rx03- l9p-f*1 11 ( .433) 16.6 ( .654) 18 ( .709) 9 ( .354) 3 ( .118) 4 ( .157) 15 rx03-l15p-f*1 17 ( .669) 17 ( .669) 24 ( .945) 15 ( .591) 6 ( .236) 7 ( .276) 25 rx03-l25p-f*1 27 (1.063) 32.6 (1.283) 34 ( 1.339) 25 ( .984) 11 ( .433) 12 ( .472) no. of contacts a 0.2 ( .008) bcdef note 1: * add pcb straddle position code. (offset code) no letter: 0.6mm (.024") offset from center e: 0.4mm g: 0.85mm a: -0.25mm card side part number
dimensions in mm (inches). 9.8 (.386) 4.1 (.161) 3.4 (.134) 5 (.197) 6 (.236) 0.4 (.010) 4 (.157) 0.4 (.010) 37 (1.457) 0.4 (.010) 31.2 (1.228) 0.2 (.008) 2.2 (.087) 0.2 (.008) 11 (.433) 1 (.039) 0.1 (.004) 3.7 (.146) 0.3 (.012) a 12 13 25 e 0.2 (.008) d 0.2 (.008) c 0.2 (.008) b 0.2 (.008) h 0.2 (.008) g f pin no. 1 rx03l series connectors 1.0mm (.039") contact spacing, i/o card rear side interface connectors cable side ? idc/solder termination 9 rx03- l9s-p1 13.3 ( .524) 15.8 ( .622) 9 ( .354) 3 ( .118) 4 ( .157) 21.2 ( .835) 16.8 ( .661) 15.8 ( .622) 3.1 ( .154) 15 rx03- l15s-p1 19.3 ( .760) 21.8 ( .858) 15 ( .591) 6 ( .236) 7 ( .276) 27.2 (1.071) 22.9 ( .902) 21.8 ( .834) 4.1 ( .161) 25 rx03- l25s-u1 29.3 (1.154) 31.8 (1.252) 25 ( .984) 11 ( .433) 12 ( .472) 37.2 (1.465) 32.9 (1 .295) 31.8 ( 1.252) 4.1 ( .161) no. of contacts part number bcdef gh i a cable side tooling ht205-2c-rx03*** bench type cable-sheath crimping machine for series fi connector ht205-2c-rx03 700-05175-100-*** crimping die applicable to each no. of poles for connector 700-051**-1*1-** crimper unit 700-051**-1*2-** anvil note 1: *** indicate number of poles for connector. please see the table below. note 2: this machine is fitted with one set of crimping die. when ordering, designate part number of crimping die for applicable number of poles. other crimping dies must be ordered for different number of poles. rx03- l9s-p1 700-05158-100-09 700-05158-101-09 725-05158-102-09 rx03- 15s-p1 700-05158-100-15 700-05158-101-15 725-05158-102-15 rx03- l15s-p1 700-05158-110-15 700-05177-111-15 725-05177-112-15 rx03- l9s-u1 (see note 3) rx03-l15s1-u1 700-05177-120-15 700-05177-121-15 725-05177-122-15 rx03 -l25s-u1 700-05158-110-25 700-05158-111-25 725-05158-112-15 applicable connector part number of crimping die part number of crimper unit part number of anvil 700-05177-110-09 700-05177-111-09 725-05177-112-09 crimping die (a crimping die consists of a crimper unit and anvil.) note 3: applicable for smaller size of cable in sheathe diameter.


▲Up To Search▲   

 
Price & Availability of RX03-L15S-P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X