Part Number Hot Search : 
AKD4631 EMK11 12802 00200 111UX T4119 MBR1045 14514
Product Description
Full Text Search
 

To Download RSB3VT131701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3,8 (.15) dia. 4,8 (.19) 3,5 (.14) 4,8 (.19) 8,6 (.34) 5,8 (.23) 1,4 (.055) 6,3 (.25) 4,6 (.18) 3,8 (.15) dia. suggested panel cutout 6,3 (.25) 4,6 (.18) 1,8 (.073) 9,0 .351 dia. 8,3 (.325) 5,8 (.23) 3,8 (.150) dia. 6,3 (.25) (for dual pin configuration) right angle vertical printed circuit board layout right angle center printed circuit board layout barrier strips tri-barriers 60 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in millimeters (inches.) lr30811 e54800 0.325?pitch series #4 tri-barrier p hysical p roperties h ousing m aterial : polyamide f lammability : ul94v-0 c olor : black t erminal t erminals : bright acid tin over copper alloy s crews : #4-40 steel, zinc plating with clear chromate coating. wire clamping screw standard. binding head screw with undercut optional. m echanical p itch (t erminal s pacing ): 0.325 r ecommended pcb h ole d ia .: 1.8mm (.073? r ecommended t ightening t orque : 7 in.-lbs. max. e lectrical p roperties m aximum c urrent : 20a o perating v oltage : 150v/300v (limited rating) w ire r ange : 14-22 awg e nvironmental p roperties o perating t emperature r ange : 105? max. 4pcv-06
barrier strips tri-barriers 61 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in inches. 0.325?pitch series #4 tri-barrier o rdering i nformation lr30811 e54800 4 pcv -04 -004 mounting construction no mounting no mounting no mounting no mounting dbl 000 006 wire clamp 001 007 binding head pcv 000 006 wire clamp 001 007 binding head 004 008 wire clamp 005 009 binding head pcr 000 006 wire clamp 001 007 binding head 004 008 wire clamp 005 009 binding head wwv 000 006 wire clamp 001 007 binding head 004 008 wire clamp 005 009 binding head terminal modifier modifier style slotted head phil-slot head screw style screw size spacing 4 = #4-40 on .325" centers no. of circuits (not positions) 02 through 32 terminal style dbl = double printed circuit pin pcr = printed circuit, right angle pcv = printed circuit pin, vertical wwv = solderless wire wrap, vertical a b c c d a b modifiers use table below. note: if modifier is -000 it may be omitted. (4pcv-06) d phil-slot head slotted head
barrier strips tri-barriers 62 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in millimeters (inches). 0.325?pitch series #4 tri-barrier lr30811 e54800 0,9 (.035) 9,0 .351 4,6 (.18) 3,3 .130 5,1 (.20) 1,1 (.045) 4,8 (.19) 5,8 (.23) wwv 1,1 (.045) 12,7 (.50) 0,9 (.035) 4,6 (.18) optional end mount optional end mount pcr pcv dbl printed circuit pin wire wrap #4 wwr not available
barrier strips tri-barriers 0.325?pitch series #4 tri-barrier 63 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 lr30811 e54800 l = a+ 16,5 (.65) a 3,8 (.150) 6,3 (.25) 4,8 (.19) 8,3 (.325) 6,7 (.27) 12,7 (.50) 1,0 (.04) 7,6 (.30) 6,3 (.25) #4-40 wire clamping screw (std.) #4-40 binding head screw optional end mounting 15,2 (.60) dia. vertical mount right angle mount 2 (0.325) 8,2 3 (0.65) 16,5 4 (0.97) 24,7 5 (1.30) 33,0 6 (1.62) 41,3 7 (1.95) 49,5 8 (2.27) 57,8 9 (2.60) 66,0 10 (2.92) 74,3 11 (3.25) 82,5 12 (3.57) 90,8 13 (3.90) 99,1 14 (4.22) 107,3 15 (4.55) 115,6 16 (4.87) 123,8 17 (5.20) 132,1 18 (552)140,3 19 (5.85) 148,6 20 (6.17) 156,8 21 (6.50) 165,1 22 (6.82) 173,3 23 (7.15) 181,6 24 (7.47) 189,9 25 (7.80) 198,1 26 (8.13) 206,4 27 (8.45) 214,6 28 (8.78) 222,9 29 (9.10) 231,1 30 (9.43) 239,4 terminals a terminals a dimensions
barrier strips tri-barriers 64 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in inches. lr49571 e60980 dimensions circuits c1 l1* c2 l2* (not positions) in. in. in. in. 02 .325 .704 .975 1.354 03 .650 1.029 1.300 1.679 04 .975 1.354 1.625 2.004 05 1.300 1.679 1.950 2.329 06 1.625 2.004 2.275 2.654 07 1.950 2.329 2.600 2.979 08 2.275 2.654 2.925 3.304 09 2.600 2.797 3.250 3.629 10 2.925 3.304 3.575 3.954 11 3.250 3.629 3.900 4.279 12 3.575 3.954 4.225 4.604 13 3.900 4.279 4.550 4.929 14 4.225 4.604 4.875 5.254 16 4.875 5.254 5.525 5.904 17 5.200 5.579 5.850 6.229 18 5.525 5.904 6.175 7.554 19 5.850 6.229 6.500 6.879 20 6.175 6.554 6.825 7.204 21 6.500 6.879 7.150 7.529 22 6.825 7.204 7.475 7.854 23 7.150 7.529 7.800 8.179 24 7.475 7.854 8.125 8.504 25 7.800 8.179 8.450 8.829 26 8.125 8.504 8.775 9.154 27 8.450 8.829 9.100 9.479 28 8.775 9.154 9.425 9.804 29 9.100 9.479 9.750 10.129 30 9.425 9.804 10.075 10.454 31 9.750 10.129 10.400 10.779 32 10.075 10.454 10.725 11.104 33 10.400 10.779 11.050 11.429 34 10.725 11.104 11.357 11.754 35 11.050 11.429 36 11.357 11.754 *l2 and l1 are based on molded-to-length strips. computing barrier block lengths d irect m ounting : use c1 and l1 for mounting option "p". e nd p osition m ounting : use c2 and l2 for mounting option "m". 0.325?pitch series rsb3 p hysical p roperties h ousing m aterial : polypropylene f lammability : ul94v-2 c olor : black t erminal t erminals : brass w/bright tin plating s crews : steel w/zinc + chromate plating c lamp : steel w/zinc + chromate plating m echanical p itch (t erminal s pacing ): .325 in s crew s ize : 6-32 r ecommended pcb h ole d ia .: 0.062 w ire s trip l ength : .31 in r ecommended t ightening t orque : 9 in lbs. r ecommended s crewdrivers : stanley 1006-4, sears craftsman 41581, any #2 phillips-head w ire l ug w idth (m ax .): .265 in e lectrical p roperties m aximum c urrent : 15a o perating v oltage : 300v w ire r ange : #14-26 awg d ielectric w ithstand : 4000v e nvironmental p roperties o perating t emperature r ange : -60? to +105? (-76? to +221?) rsb3vp061202
barrier strips tri-barriers single screw tri-barrier strip rsb contact spacing (center-to-center) 3 =.325 in. mounting position v =vertical mounting r =right-angle mounting end contact mounting options m =end position mounting: open end positions with barriers. p =direct mounting: all positions filled with contacts, with barriers t =end position mounting: open end positions with mounting plate, with barriers no. of circuits (not positions) 02 through 34 for m option 02 through 36 for p option terminal style 12 =printed circuit pin 13 =non-feed through 14 =extended circuit board 15 =right-angle circuit board 17 =wire wrap top hardware options 01 =bright zinc and chromate plated steel binding- head screw 02 =bright zinc and chromate plated steel screw and captive clamp ?do not order in combination with other top hardware. quick-connect blades (supplied with 01 screw) .110 wide .187 wide x.020 x.020 thick thick 13 73= 14 74= 15 75= catalog number codes: 13 through 15 and 73 through 75. a complete selection of .187?and .110?quick-connect blades for connecting wire terminated with female quick connects. single sided types in flat 45?and 90 angle bends can be supplied. material is brass with tin plating. all blades supplied with 01 screws. various quick-connects can be combined. circuit identification options catalog number codes: 11 through 18 and 21 through 28. rsb3 blocks may be ordered with white circuit identification numbers on the molding in sixteen variations. custom markings available on special order. (blank) =no circuit identification o rdering i nformation rsb 3 v p 06 12 02 11 65 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 lr49571 e60980 a a b b c c d d e e f f g h h 0.325?pitch series rsb3 g
barrier strips tri-barriers m ounting p osition vertical mounting c atalog l etter c ode : v. used where direct top-to-bottom feed-through is required with no need for circuit isolation on the bottom side. the most common example of this is printed circuit board mounting. right angle mounting c atalog l etter c ode : r. provides a printed circuit board mounting option with top-side wire entry. supplied with terminal option 15. e nd c ontact m ounting o ptions end position mounting c atalog l etter c ode : m. supplied without contact in end sections to allow installer to mount blocks with screws in end section holes. base of block will support #6 mounting screws. direct mounting c atalog l etter c ode : p. rsb3 may be solder-mounted using the bottom terminals themselves, as in the case of printed circuit board applications. end position mounting with mounting plates c atalog l etter c ode : t. supplied with threaded mounting plates instead of contacts in end sections to facilitate bottom screw mounting using standard 6-32 screws. t erminal s tyle printed circuit pin c atalog n umber c ode : 12. designed specifically for mounting on .063?thick circuit board. special, readily solderable plating permits good fillet development in automated soldering processes. non-feed-through c atalog n umber c ode : 13. extended printed circuit pin c atalog n umber c ode : 14. useful for thicker printed circuit boards or single-wrap connec- tions. right angle printed circuit pins c atalog n umber c ode : 15. wire wrap c atalog n umber c ode : 17. longer than extended circuit board terminals. 0.325?pitch series rsb3 66 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 lr49571 e60980 dimensions shown are for reference only. dimensions are in inches.
barrier strips tri-barriers o rder d escription n umber binding head screws 3l01 phil-slot, steel, bright zinc and chromate plated captive clamp screw 3l02 phil-slot, steel, bright zinc and chromate plated quick connect blades ordering information .110 wide .187 wide packages of 100: x .020 thick x .020 thick flat, single-sided qc13 qc73 45? single-sided qc14 qc74 90? single-sided qc15-bu qc75 around-the-barrier j3140 spade jumper 40 circuits; snap apart to desired lengths. (jumper extends .42 in horizontally from center of screw) safety covers dead front protection prevents accidental contact with energized circuits. access holes for test probes are provided over each terminal. nylon clips are included with each cover. covers meet ul94v-0, with 50? temperature index. black circuit identification optional. 67 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 lr49571 e60980 3 c 1 n 07 ordering information centerline dimensions 3 =.325 in. style 1 =closed back cover material c =yellow pvc circuit identification n =no markings f =forward sequence (as shown) r =reverse sequence number of circuits (use two digits) 02 through 34 0.325" pitch series rsb3 accessories dimensions shown are for reference only. dimensions are in inches.


▲Up To Search▲   

 
Price & Availability of RSB3VT131701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X