Part Number Hot Search : 
SVC704 60506 ATS236PL 90020 ATS236PL TOP247 79S7PR PBSS4
Product Description
Full Text Search
 

To Download PT-6MV103A2020PM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? carbon resistive element. ? dust proof enclosure. ? polyester substrate. ? also upon request: ? wiper positioned at 50% or fully clockwise ? supplied in magazines for automatic insertion ? long life model pt-6...e (10,000 cycles) ? without crimping model. pt-6...sc ? range of values (*) ? stop torque: > 4 ncm. (> 5.6 in-oz) ? torque: 0.2 to 2 ncm.(0.3 to 2.7 in-oz) ? electrical rotation angle: 200 20 ? mechanical rotation angle: 235 5 v mounting method h=horizontal adjust v=vertical adjust k rotors k m w x (see note 1) pt-6 series pt-6 (see note 2) 221 value 000 = cm a taper a = lin.b = log. c = alog. 2020 tolerance 2020 = +/-20%3030 = +/-30% (see note 3) knob/rotor colour ro = redne = black ve = green az = blue gr = grey wiper position pm = 50%pf = final position magazines t * only v life e= extended life (see note 4) standard optional extras notes: (1) ?x? is only available with horizontal adjusting method. 000 = cm = switch (see diagram) ? (2) value: code: 22 1 = number of zerosfirst two digits. ? adjust. type: (3) tolerance (non standard): upon request: code eg.: 07 05 = negative tolerancepositive tolerance + 7 ? 5 (4) life: ? normal = 500 cycles ? long = 10,000 cycles (see note 5) (5) potentiometer without knob, only the rotor. potentiometer with knob, only the knob. features electrical specifications mechanical specifications how to order pt-6 6 mm carbon potentiometer a dual gang version is available (see low torque ganged trimmer data sheet). crimping sc = not crimped ? tolerance (*): 20% 30% ? max. voltage: 100 vdc (lin), 50 vdc (no lin) ? nominal power 50c (122f) (see power rating curve)0.1 w (lin) 0.05 w (no lin) ? taper (*) (log & alog. only rn 1k) lin; log; alog. ? residual resistance(*): ? equivalent noise resistance: ? operating temperature**: -25c +70c (-13f +158f) (*) others upon request. ? housing available in self extinguishable plastic(vl94v0) note: the information contained here should be used for reference purposes only. www.piher.net ** up to 85c depending on application 36
www.piher.net 0.7 a a m = hexagonal thru hole k = cross slot thru hole w = adjustable from terminal side x = adjustable from collector side mechanical life 500 cycles .............................. packing bulk ......................................... rotor colour white .................................. wiper position initial ............................... crimping with crimping ......................................... pt-6 kv + drawing number (max. 16 characters) this way of ordering should be used for options which are not included in the "how to order" standard and optional extras. v = horizontal mount / vertical adjust h = vertical mount / horizontal adjust options knob special function spdt. function ref.: 5155 detail a collector 0.30 x terminals 0.25 mounting methods. variations rotors a e a s a standard options how to order custom drawing 2.5 2.5 2.5 2.5 2.5 0.9 +0.1 0. 1 1.8 0.6 6 4.3 2.5 6 4.3 2.5 0.7 0.6 1.8 0.1 1.4 0.05 0.6 1.8 0.1 6.3 4.3 2.54 r 1 0.64 6 1.87 2.2 1.2 45 50% 35 initial ccw final cw positioning std. position = ccw 0.1 1.8 0.6 0.7 +0.1 0.9 2.5 5 0.7 6.3 +0.1 3.3 3.3 7.3 4 3.3 0.1 1.8 0.6 2.5 2.5 2.5 2.5 5 4.5 6.3 +0.1 3.3 +0.1 3.3 2.5 37 1.6 3.3 x 0.8 0.1 0.05 0.05 0.05 0.05
www.piher.net typical variations note: out of range values may not comply with these results. electrical lifemechanical life (cycles) temperature coefficient thermal cycling damp heat vibration ( for each plane x,y,z ) tests for pt-6 dual gang version contact your nearest piher supplier magazines for pt-6 v with or without crimp. magazines for pt-6 wv with or without crimp. ref.: 6132 please order shaft separately packaging shaft 9.5 8 530 530 13 8 80 pieces automatic insertion magazines units per magazine all 1.000 boxes model units pt-6 v & pt-6 wv 5 %3 % (rn < 1 m ) 300 ppm (rn < 100 k) 2.5 % 5 % 2 % 1.000 h. @ 50c: 0.1 w 200 @ 10 cpm ...15 cpm ?25c; +70c16 h. @ 85c; 2h. @ ?25c 500 h. @ 40c @ 95% hr 2 h. @ 10 hz. ... 55 hz. power rating curve w(%) 100 % 40 % 50 70 c 5 2.5 5 17.5 pt-6 dual gang version 38 13.30 10 5 1.50 2.90 2 5 1


▲Up To Search▲   

 
Price & Availability of PT-6MV103A2020PM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X