Part Number Hot Search : 
DA101 M6244 RL102G LRS13 56BC1 CA11174 MAX1575 GBU6B
Product Description
Full Text Search
 

To Download P7NC80ZF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/13 may 2003 stp7nc80z - stP7NC80ZFp stb7nc80z - stb7nc80z-1 n-channel 800v - 1.3 w - 6.5a to-220/fp/d 2 pak/i 2 pak zener-protected powermesh?iii mosfet n typical r ds (on) = 1.3 w n extremely high dv/dt and capability gate to - source zener diodes n 100% avalanche tested n very low gate input resistance n gate charge minimized description the third generation of mesh overlay? power mosfets for very high voltage exhibits unsur- passed on-resistance per unit area while integrating back-to-back zener diodes between gate and source. such arrangement gives extra esd capabil- ity with higher ruggedness performance as request- ed by a large variety of single-switch applications. applications n single-ended smps in monitors, computer and industrial application n welding equipment ordering information type v dss r ds(on) i d stp7nc80z stP7NC80ZFp stb7nc80z stb7nc80z-1 800 v 800 v 800 v 800 v < 1.5 w < 1.5 w < 1.5 w < 1.5 w 6.5 a 6.5 a 6.5 a 6.5 a sales type marking package packaging stp7nc80z p7nc80z to-220 tube stP7NC80ZFp P7NC80ZFp to-220fp tube stb7nc80zt4 b7nc80z d 2 pak tape&reel stb7nc80z-1 b7nc80z i 2 pak tube to-220 to-220fp 1 2 3 i 2 pak (tabless to-220) 1 2 3 1 3 d 2 pak internal schematic diagram
stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 2/13 absolute maximum ratings (  ) pulse width limited by safe operating area (*) limited only by maximum temperature allowed thermal data avalanche characteristics gate-source zener diode protection features of gate-to-source zener diodes the built-in back-to-back zener diodes have specifically been designed to enhance not only the devices esd capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. in this respect the zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the devices integrity. these integrated zener diodes thus avoid the usage of external components. symbol parameter value unit stp7nc80z stb7nc80z stb7nc80z-1 stP7NC80ZFp v ds drain-source voltage (v gs =0) 800 v v dgr drain-gate voltage (r gs =20k w ) 800 v v gs gate- source voltage 25 v i d drain current (continuous) at t c = 25c 6.5 6.5 (*) a i d drain current (continuous) at t c = 100c 4 4(*) a i dm (  ) drain current (pulsed) 26 26 (*) a p tot total dissipation at t c = 25c 135 40 w derating factor 1.08 0.32 w/c i gs gate-source current 50 ma v esd(g-s) gate source esd(hbm-c=100pf, r=1.5k w) 3kv dv/dt peak diode recovery voltage slope 3 v/ns v iso insulation withstand voltage (dc) -- 2000 v t stg storage temperature -65 to 150 c t j max.operating junction temperature 150 c to-220 / d 2 pa k / i 2 pak to-220fp rthj-case thermal resistance junction-case max 0.93 3.13 c/w rthj-amb thermal resistance junction-ambient max 30 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 6.5 a e as single pulse avalanche energy (starting t j = 25 c, i d =i ar ,v dd =50v) 290 mj symbol parameter test conditions min. typ. max. unit bv gso gate-source breakdown voltage igs= 1ma (open drain) 25 v a t voltage thermal coefficient t=25c note(3) 1.3 10 -4 /c rz dynamic resistance i d =20ma, 90 w
3/13 stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 electrical characteristics (t case =25c unless otherwise specified) on/off dynamic switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. 3. d v bv = a t(25-t) bv gso (25) symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 800 v d bv dss / d t j breakdown voltage temp. coefficient i d =1ma,v gs = 0 0.9 v/c i dss zero gate voltage drain current (v gs =0) v ds = max rating v ds = max rating, t c = 125 c 1 50 a a i gss gate-body leakage current (v ds =0) v gs = 20v 10 a v gs(th) gate threshold voltage v ds =v gs ,i d = 250a 345v r ds(on) static drain-source on resistance v gs =10v,i d = 3.3 a 1.3 1.5 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds >i d(on) xr ds(on)max, i d = 3.3 a 6s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v,f=1mhz,v gs = 0 2350 164 17 pf pf pf symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd =400v,i d =3a r g = 4.7 w v gs =10v ( see test circuit, figure 3) 33 12 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =640v,i d =6a, v gs =10v 43 12 15 58 nc nc nc symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 640 v, i d =6 a, r g =4.7 w, v gs = 10v (see test circuit, figure 5) 13 13 20 ns ns ns symbol parameter test conditions min. typ. max. unit i sd i sdm (2) source-drain current source-drain current (pulsed) 6.5 26 a a v sd (1) forward on voltage i sd =6.1 a, v gs =0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 6 a, di/dt = 100a/s v dd =40v,t j = 150c (see test circuit, figure 5) 680 6 18 ns c a
stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 4/13 output characteristics transfer characteristics safe operating area for to-220fp safe operating area for to-220/i2pak thermal impedance for to-220/d2pak/i2pak thermal impedance for to-220fp
5/13 stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 normalized gate threshold voltage vs temp. capacitance variations normalized on resistance vs temperature gate charge vs gate-source voltage static drain-source on resistance transconductance
stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 6/13 source-drain diode forward characteristics
7/13 stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load
stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 8/13 dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c
9/13 stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.5 0.045 0.067 f2 1.15 1.5 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data
stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 10/13 dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 e 2.4 2.7 0.094 0.106 e 10 10.4 0.393 0.409 l 13.1 13.6 0.515 0.531 l1 3.48 3.78 0.137 0.149 l2 1.27 1.4 0.050 0.055 l l1 b2 b d e a c2 c a1 l2 e p011p5/e to-262 (i 2 pak) mechanical data
11/13 stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r 0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 12/13 tape and reel shipment (suffix t4)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
13/13 stp7nc80z - stP7NC80ZFp - stb7nc80z - stb7nc80z-1 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2003 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of P7NC80ZF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X