Part Number Hot Search : 
IRPLDIM3 1N338 C3611 30210 CHM1193 EMZA350A 2N4393 PC811
Product Description
Full Text Search
 

To Download NRWP102M16V10X125TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  157 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwp series radial leads, polarized, new further reduced case sizing, from nrws wide temperature range characteristics ex tend ed tem per a ture nrws nrwp (today?s standard) (reduced sizes) rated voltage range 6.3 ~ 100vdc capacitance range 33 ~ 33,000 f operating temperature range -55c ~ +105c capacitance tolerance 20% (m) maximum leakage current after 2 minutes 0.01cv or 3a whichever is greater max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8 13 20 32 44 63 79 125 c < 1,000 f 0.28 0.24 0.20 0.16 0.14 0.12 0.10 0.08 c = 2,200 f 0.30 0.26 0.22 0.18 0.16 0.14 0.12 - c = 3,300 f 0.32 0.28 0.24 0.20 0.18 0.16 - - c = 4,700 f 0.34 0.30 0.26 0.22 0.20 - - - c = 6,800 f 0.38 0.34 0.30 0.26 0.24 - - - c = 10,000 f 0.46 0.42 0.38 0.34 ---- c = 15,000 f 0.56 0.52 0.48 ----- c = 22,000 f 0.70 0.66 ------ c = 33,000 f 0.92 ------- low temperature stability impedance ratio @ 120hz z-40c/z+20c 54322222 z-55c/z+20c 10 8643333 load life test @ 105c duration d < 8: 1,000 hours, d > 10: 2,000 hours capacitance within 25% of initial measured value tan less than 200% of speci ed value lc less than speci ed value capacitance (f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 33330------- 8x11.5 47470------- 8x11.5 100101----- 8x11.5 8x11.5 10x16 220 221 - - - 6.3x11 8x11.5 10x12.5 10x16 12.5x20 330 331 - - 6.3x11 8x11.5 10x12.5 10x16 10x20 12.5x25 470 471 - 6.3x11 8x11.5 8x11.5 10x12.5 10x20 12.5x20 16x25 680 681 6.3x11 8x11.5 8x11.5 10x12.5 10x16 12.5x20 12.5x25 16x31.5 1,000 102 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x25 16x25 18x35.5 2,200 222 10x16 10x16 10x20 12.5x20 16x25 16x31.5 18x31.5 - 3,300 332 10x20 10x20 12.5x20 16x25 16x25 18x35.5 - - 4,700 472 12.5x20 12.5x20 12.5x25 16x25 16x35.5 - - - 6,800 682 12.5x25 16x25 16x25 16x35.5 18x35.5 - - - 10,000 103 16x25 16x25 16x31.5 18x35.5 ---- 15,000 153 16x31.5 16x35.5 18x35.5 ----- 22,000 223 18x31.5 18x35.5 ------ 33,000 333 18x40 ------- = d < 16mm = 1.5mm, l > 16mm = 2.0mm case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 lead spacing and diameter (mm) standard product and case size table d xl (mm) *see part number system for details pnbs fdi l rohs compliant includes all homogeneous materials dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
158 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwp series part number cap. (f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr () +20c/120hz load life hours @+105c nrwp681m6.3v6.3x11f 680 6.3 0.28 285 0.68 1,000 nrwp102m6.3v8x11.5f 1,000 0.28 460 0.46 1,000 nrwp222m6.3v10x16f 2,200 0.30 775 0.23 2,000 nrwp332m6.3v10x20f 3,300 0.32 985 0.16 2,000 nrwp472m6.3v12.5x20f 4,700 0.34 1150 0.12 2,000 nrwp682m6.3v12.5x25f 6,800 0.38 1480 0.09 2,000 nrwp103m6.3v16x25f 10,000 0.46 1700 0.08 2,000 nrwp153m6.3v16x31.5f 15,000 0.56 2090 0.06 2,000 nrwp223m6.3v18x31.5f 22,000 0.70 2280 0.05 2,000 nrwp333m6.3v18x40f 33,000 0.92 2350 0.05 2,000 nrwp471m10v6.3x11f 470 10 0.24 295 0.85 1,000 nrwp681m10v8x11.5f 680 0.24 430 0.59 1,000 nrwp102m10v8x11.5f 1,000 0.24 500 0.40 1,000 nrwp222m10v10x16f 2,200 0.26 860 0.20 2,000 nrwp332m10v10x20f 3,300 0.28 1100 0.14 2,000 nrwp472m10v12.5x20f 4,700 0.30 1350 0.11 2,000 nrwp682m10v16x25f 6,800 0.34 1700 0.08 2,000 nrwp103m10v16x25f 10,000 0.42 1950 0.07 2,000 nrwp153m10v16x35.5f 15,000 0.52 2090 0.06 2,000 nrwp223m10v18x35.5f 22,000 0.66 2180 0.05 2,000 nrwp331m16v6.3x11f 330 16 0.20 270 1.01 1,000 nrwp471m16v8x11.5f 470 0.20 375 0.71 1,000 nrwp681m16v8x11.5f 680 0.20 480 0.49 1,000 nrwp102m16v10x12.5f 1,000 0.20 640 0.33 2,000 nrwp222m16v10x20f 2,200 0.22 1050 0.17 2,000 nrwp332m16v12.5x20f 3,300 0.24 1300 0.12 2,000 nrwp472m16v12.5x25f 4,700 0.26 1650 0.09 2,000 nrwp682m16v16x25f 6,800 0.30 1900 0.07 2,000 nrwp103m16v16x31.5f 10,000 0.38 1950 0.06 2,000 nrwp153m16v18x35.5f 15,000 0.48 2070 0.05 2,000 nrwp221m25v6.3x11f 220 25 0.16 240 1.21 1,000 nrwp331m25v8x11.5f 330 0.16 335 0.80 1,000 nrwp471m25v8x11.5f 470 0.16 440 0.56 1,000 nrwp681m25v10x12.5f 680 0.16 630 0.39 2,000 nrwp102m25v10x16f 1,000 0.16 740 0.27 2,000 nrwp222m25v12.5x20f 2,200 0.18 1090 0.14 2,000 nrwp332m25v16x25f 3,300 0.20 1500 0.10 2,000 nrwp472m25v16x25f 4,700 0.22 1800 0.08 2,000 nrwp682m25v16x35.5f 6,800 0.26 1910 0.06 2,000 nrwp103m25v18x35.5f 10,000 0.34 2050 0.06 2,000 nrwp221m35v8x11.5f 220 35 0.14 300 1.06 1,000 nrwp331m35v10x12.5f 330 0.14 400 0.70 2,000 nrwp471m35v10x12.5f 470 0.14 525 0.49 2,000 nrwp681m35v10x16f 680 0.14 760 0.34 2,000 nrwp102m35v10x20f 1,000 0.14 865 0.23 2,000 nrwp222m35v16x25f 2,200 0.16 1370 0.12 2,000 nrwp332m35v16x25f 3,300 0.18 1680 0.09 2,000 nrwp472m35v16x35.5f 4,700 0.20 1870 0.07 2,000 nrwp682m35v18x35.5f 6,800 0.24 1920 0.06 2,000 nrwp101m50v8x11.5f 100 50 0.12 200 1.99 1,000 nrwp221m50v10x12.5f 220 0.12 360 0.90 2,000 nrwp331m50v10x16f 330 0.12 470 0.60 2,000 nrwp471m50v10x20f 470 0.12 600 0.42 2,000 nrwp681m50v12.5x20f 680 0.12 980 0.29 2,000 nrwp102m50v12.5x25f 1,000 0.12 1060 0.20 2,000 nrwp222m50v16x31.5f 2,200 0.14 1600 0.11 2,000 nrwp332m50v18x35.5f 3,300 0.16 1780 0.08 2,000 standard values, specifications and case sizes (mm)
159 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com cap. ( f) 60hz 120hz 500hz 1khz 10khz ~ up 33 ~ 47 0.80 1.00 1.20 1.30 1.50 100 ~ 1,000 0.80 1.00 1.10 1.10 1.20 2,200 ~ 33,000 0.80 1.00 1.05 1.10 1.15 ripple current frequency correction factor part number cap. (f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr () +20c/120hz load life hours @+105c nrwp101m63v8x11.5f 100 63 0.10 230 1.66 1,000 nrwp221m63v10x16f 220 0.10 390 0.75 2,000 nrwp331m63v10x20f 330 0.10 540 0.50 2,000 nrwp471m63v12.5x20f 470 0.10 700 0.35 2,000 nrwp681m63v12.5x25f 680 0.10 800 0.24 2,000 nrwp102m63v16x25f 1,000 0.10 1200 0.17 2,000 nrwp222m63v18x31.5f 2,200 0.12 1400 0.09 2,000 nrwp330m100v8x11.5f 33 100 0.08 140 4.02 1,000 nrwp470m100v8x11.5f 47 0.08 185 2.82 1,000 nrwp101m100v10x16f 100 0.08 290 1.33 2,000 nrwp221m100v12.5x20f 220 0.08 560 0.60 2,000 nrwp331m100v12.5x25f 330 0.08 690 0.40 2,000 nrwp471m100v16x25f 470 0.08 880 0.28 2,000 nrwp681m100v16x31.5f 680 0.08 900 0.20 2,000 nrwp102m100v18x35.5f 1,000 0.08 985 0.13 2,000 precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com miniature aluminum electrolytic capacitors nrwp series standard values, specifications and case sizes (mm) part number system nrwp 221 m 25v 6.3x11 tb f . rohs compliant tb = tape & box* case size (d xl) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series *see taping speci cations for details
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?bn? standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NRWP102M16V10X125TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X