Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download NRSJ681M16V10X16TB127MMPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  210 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nrsj series miniature aluminum electrolytic ca pac i tors ultra low impedance at high frequency, radial leads ? very low impedance ? long life at 105c (2000 hrs.) ? high stability at low temperature features characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 50vdc capacitance range 100 ~ 2,700 f operating temperature range -25 ~ +105c capacitance tolerance 20% (m) maximum leakage current after 2 minutes at 20c 0.01cv or 3 a whichever is greater max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 c < 1,500 f 0.22 0.19 0.16 0.14 0.12 0.10 c = 2,200 f ~ 2,700 f 0.24 0.21 0.18 0.16 - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 3 3 3 3 3 3 load life test at rated w.v. 105c 2,000 hrs. capacitance change within 25% of initial measured value tan less than 200% of speci ed value leakage current less than speci ed value standard product and case size table d x l (mm) cap ( f) code working voltage (vdc) 6.3 10 16 25 35 220 221 - - - - 10x12.5 330 331 - - - 10x12.5 10x16 390 391 - - - - 8x20 470 471 - - 10x12.5 10x16 10x20 680 681 - 10x12.5 10x16 10x20 - 1000 102 10x12.5 10x16 10x16 10x20 - 10x20 1500 152 10x16 10x20 10x20 - - 2200 222 10x20 - - - - diameter and leadspace (mm) size (d ? x l) tape and box* nrsj 102 m 25v 10x20 series tb capacitance code tolerance code rated voltage rohs compliant f part number system *see tape speci cation for details case dia. (d ) 810 lead dia. (d ) 0.6 0.6 lead spacing (f) 3.5 5.0 dim. 0.5 0.5 = l < 16mm = 1.5mm, l > 20mm = 2.0mm *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
211 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nrsj series miniature aluminum electrolytic ca pac i tors part number cap ( f) w.v (vdc) max. tan max. z ( ) 100khz & 20c max. ripple curretn (ma) 100khz & 105c load life hours @ +105c nrsj102m6.3v10x12.5f 1000 6.3 0.22 0.025 1540 2000 nrsj152m6.3v10x16f 1500 0.22 0.018 2000 2000 nrsj222m6.3v10x20f 2200 0.24 0.013 2550 2000 nrsj681m10v10x12.5f 680 10 0.19 0.025 1540 2000 nrsj102m10v10x16f 1000 0.19 0.018 2000 2000 nrsj152m10v10x20f 1500 0.19 0.013 2550 2000 nrsj471m16v10x12.5f 470 16 0.16 0.025 1540 2000 nrsj681m16v10x16f 680 0.16 0.018 2000 2000 nrsj102m16v10x16f 1000 0.16 0.018 2000 2000 nrsj102m16v10x20f 1000 0.16 0.013 2550 2000 nrsj152m16v10x20f 1500 0.16 0.013 2550 2000 nrsj331m25v10x12.5f 330 25 0.14 0.025 1440 2000 nrsj471m25v10x16f 470 0.14 0.020 1920 2000 nrsj681m25v10x20f 680 0.14 0.016 2180 2000 nrsj102m25v10x20f 1000 0.14 0.018 2060 2000 nrsj221m35v10x12.5f 220 35 0.12 0.025 1440 2000 nrsj331m35v10x16f 330 0.12 0.020 1920 2000 nrsj391m35v8x20f 390 0.12 0.020 1720 2000 nrsj471m35v10x20f 470 0.12 0.016 2180 2000 standard products, case sizes and specifications d x l (mm)
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?bn? standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NRSJ681M16V10X16TB127MMPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X