Part Number Hot Search : 
PRODUC A2121 IDT74FC CP302 DAC855 18ABD CS120 GKU60010
Product Description
Full Text Search
 

To Download MSP1N5914BUR-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metallurgically bonded glass surf ace mount 1.5 watt zene rs scottsd a l e division 1n5913bur-1 thru 1n5956bur-1 (or mll5913b thru mll5956b) w w w . mi c r o s e m i . c o m 1n5 913 bur-1 ? 1 n 5 956 bur-1 descripti on appeara n c e this su rface mountabl e 1. 5 w z ene r di ode seri es i n the jede c do-21 3 ab packa ge i s si milar i n el ect r ical fe atur es to the je dec re giste r ed 1 n 59 13b thru 1 n 59 56 b axial-lead e d packa ge for 3.3 to 200 v. it is an ideal sele ction for appli c atio ns of hi gh d e n sity and l o w para s itic re q u irem ents. due to its glass he rmeti c qualitie s a nd metallu rgi c ally enh an ced internal contact s , it may also be used for high reliability a ppl ications when re quired by a source control d r a w i ng (s cd) o r scree n ing i n accordan ce with mil-p r f - 195 00 a s descri bed in features b e lo w. zener voltage toleran c e options a r e identified by part n u m ber suffix including tig h t-tolera nce. a variety of other z ene r prod uct offeri ngs an d p a ckage s a r e ava ilable by microsemi to m e et high er or lower p o wer and te st cu rre nt appli c ati ons. do -213 ab import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? electrical l y s i m ilar to the jed e c register ed 1n5 913b thru 1n5 9 5 6 b zener ser i es ? z ener volta ges avail abl e 3.3v to 200v ? options for screen ing i n accor danc e w i th mil - prf - 195 00 for jan, jant x, jan t xv, an d jans are avail a b l e b y a d d in g mq, mx, mv, or msp prefixes respectiv e l y to part numb e rs, e.g. mx1 n 59 1 3 bur-1, mv1n5 923 cu r-1, msp1n5 9 52du r -1, etc. ? surface mou n t equ ival ents als o avai lab l e as smbj591 3b to smbj5956b, smbg5913b t o smbg5956b, smaj591 3b to smaj5956b, or as 1pmt 5913b to 1pmt 5956b (see sep a rate d a ta sheets) ? plastic bo d y a x ial-l e a ded z e n e r equ ival ents are als o avail a b l e as 1 n 59 13bp to 1 n 59 56bp (se e separ ate data she e t) ? reg u lates v o ltage ov er a bro ad op erati ng c u rrent and temp eratur e rang e ? w i de sel e ction from 3.3 to 200 v ? lea dless pack age for surfac e mountin g ? ideal for hi gh d ensit y mou n tin g ? metall urgic a ll y enh anc ed inter nal co ntact des ign for greater re lia bil i t y an d lo w e r thermal resist anc e ? standar d volta ge toler anc es are + / - 5% w i t h b suffix and 1 0 % w i th a suffix id entifi c ation ? t i ght tolerance s avail abl e in p l us or min u s 2 % or 1% w i th c or d suffix respectively ? nons ensitiv e to esd ? hermetica ll y s eal ed gl ass pa ckage ? specifi ed ca pa citance (se e f i gure 2) ? inhere n tl y r adi ation h a rd as d e scrib ed in mic r osemi micronote 050 max i mu m rat ing s mechan ic al an d pa ckagin g ? po w e r d i ssip a ti on at 25 o c: 1.5 w a tts (als o se e derati ng in f i g u re 1). ? operatin g an d storage temp e r ature: -65 o c to +175 o c ? t hermal resist ance: 40 o c/w juncti on to en d cap, or 120 o c/w juncti on to ambi ent w h e n mount ed on f r 4 pc boar d (1 oz cu) w i t h reco mmend ed foot print (see last pag e) ? stead y-state p o w e r: 1.50 w a t t s at t ec < 115 o c, or 1.25 w a tts at t a = 2 5 o c w h e n mounte d on f r 4 pc boar d an d reco mmend ed foot print as descr ib ed for thermal res i sta n ce (als o see f i gure 1) ? f o r w a r d vo ltag e @20 0 ma: 1.2 volts (maxim u m) ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: herme ticall y se ale d d o -213ab gl ass melf packa ge ? t e rminals: end caps, tin-l ead p l ate d sold erab le per mil-st d-750, method 20 26 ? polarit y : c a thod e in dicate d b y ban d. dio de to be op erate d w i th the ban ded end p o sitiv e w i th respect to the opp osite e nd for z ener reg u l a tion ? marking: cathode b a n d on l y ? t ape & reel optio nal: stan dard p e r eia-481-b w i t h 12 mm tap e , 1500 per 7 i n ch ree l or 50 0 0 per 13 inc h reel (a dd ?t r? suffix to part numb e r) ? w e igh t : 0.05 grams ? see pack a g e d i mensi ons o n l a st page m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 5 1-04-2 005 rev d
metallurgically bonded glass surf ace mount 1.5 watt zene rs scottsd a l e division 1n5913bur-1 thru 1n5956bur-1 (or mll5913b thru mll5956b) w w w . mi c r o s e m i . c o m 1n5 913 bur-1 ? 1 n 5 956 bur-1 elec tric al ch ara cteri s tic s @ t ec = 2 5 o c unless otherwise noted* zener vo lt a g e v z (no t e 2) test curren t i zt dyn a m i c imped a n ce z zt (no t e 3) knee curren t i zk knee imped a n ce z zk (no t e 3) reverse curren t i r reverse vo lt a g e v r m a x. dc curren t i zm microsemi pa r t number (no t e 1 &4 ) v o l t s ma o h m s ma o h m s ad c v o l t s m a 1n5913bu r -1 1n5914bu r -1 1n5915bu r -1 1n5916bu r -1 3.3 3.6 3.9 4.3 113.6 104.2 96.1 87.2 10 9.0 7.5 6.0 1.0 1.0 1.0 1.0 500 500 500 500 100 75 25 5.0 1.0 1.0 1.0 1.0 454 416 384 348 1n5917bu r -1 1n5918bu r -1 1n5919bu r -1 1n5920bu r -1 4.7 5.1 5.6 6.2 79.8 73.5 66.9 60.5 5.0 4.0 2.0 2.0 1.0 1.0 1.0 1.0 500 350 250 200 5.0 5.0 5.0 5.0 1.5 2.0 3.0 4.0 319 294 267 241 1n5921bu r -1 1n5922bu r -1 1n5923bu r -1 1n5924bu r -1 6.8 7.5 8.2 9.1 55.1 50.0 45.7 41.2 2.5 3.0 3.5 4.0 1.0 0.5 0.5 0.5 200 400 400 500 5.0 5.0 5.0 5.0 5.2 6.0 6.5 7.0 220 200 182 164 1n5925bu r -1 1n5926bu r -1 1n5927bu r -1 1n5928bu r -1 10 11 12 13 37.5 34.1 31.2 28.8 4.5 5.5 6.5 7.0 0.25 0.25 0.25 0.25 500 550 550 550 5.0 1.0 1.0 1.0 8.0 8.4 9.1 9.9 150 136 125 115 1n5929bu r -1 1n5930bu r -1 1n5931bu r -1 1n5932bu r -1 15 16 18 20 25.0 23.4 20.8 18.7 9.0 10 12 14 0.25 0.25 0.25 0.25 600 600 650 650 1.0 1.0 1.0 1.0 11.4 12.2 13.7 15.2 100 93 83 75 1n5933bu r -1 1n5934bu r -1 1n5935bu r -1 1n5936bu r -1 22 24 27 30 17.0 15.6 13.9 12.5 17.5 19 23 28 0.25 0.25 0.25 0.25 650 700 700 750 1.0 1.0 1.0 1.0 16.7 18.2 20.6 22.8 68 62 55 50 1n5937bu r -1 1n5938bu r -1 1n5939bu r -1 1n5940bu r -1 33 36 39 43 11.4 10.4 9.6 8.7 33 38 45 53 0.25 0.25 0.25 0.25 800 850 900 950 1.0 1.0 1.0 1.0 25.1 27.4 29.7 32.7 45 41 38 34 1n5941bu r -1 1n5942bu r -1 1n5943bu r -1 1n5944bu r -1 47 51 56 62 8.0 7.3 6.7 6.0 67 70 86 100 0.25 0.25 0.25 0.25 1000 1100 1300 1500 1.0 1.0 1.0 1.0 35.8 38.8 42.6 47.1 31 29 26 24 1n5945bu r -1 1n5946bu r -1 1n5947bu r -1 1n5948bu r -1 68 75 82 91 5.5 5.0 4.6 4.1 120 140 160 200 0.25 0.25 0.25 0.25 1700 2000 2500 3000 1.0 1.0 1.0 1.0 51.2 56.0 62.2 69.2 22 20 18 16 1n5949bu r -1 1n5950bu r -1 1n5951bu r -1 1n5952bu r -1 100 110 120 130 3.7 3.4 3.1 2.9 250 300 380 450 0.25 0.25 0.25 0.25 3100 4000 4500 5000 1.0 1.0 1.0 1.0 76.0 83.6 91.2 98.9 15 13 12 11 1n5953bu r -1 1n5954bu r -1 1n5955bu r -1 1n5956bu r -1 150 160 180 200 2.5 2.3 2.1 1.9 600 700 900 1200 0.25 0.25 0.25 0.25 6000 6500 7000 8000 1.0 1.0 1.0 1.0 114.0 121.6 136.8 152.0 10 9 8 7 * t ec maintai ned at 30 o c, v f = 1.2v m a x @ i f = 2 00 ma (all ty pes). note 1: no su ffix indi ca tes a +/-2 0% toler ance on nominal v z . the su ffix a deno te s +/-10% , the standa r d su ffix b deno te s +/-5% , c deno tes + / -2% , a nd d denotes +/-1 % to lerance . note 2: zener v o ltage ( v z ) i s mea s ured a t e nd cap temper ature s t ec = 30 o c. volta g e measu r ement to b e per form ed 90 se conds after appli c a t i on o f d c curren t . note 3: the zen e r impe dan ce i s deriv ed fr om the 60 hz ac v o ltag e, w h ich re sults w h en an ac curren t ha v i ng an rms v a lue equal to 1 0 % of th e dc zene r curren t (i zt or i zk ) is sup e rimpo s ed on i zt or i zk . note 4: thi s p r o duct serie s has al so been prev iously identi f ied as the ml l5913b thru mll5 956b serie s tha t in cluded the en hance d met al lurgi c al bon d. this al terna t e nam e may still be u s ed. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
metallurgically bonded glass surf ace mount 1.5 watt zene rs m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division 1n5913bur-1 thru 1n5956bur-1 (or mll5913b thru mll5956b) 1n5 913 bur-1 ? 1 n 5 956 bur-1 graphs steady - sta t e po w e r derating p d po w e r dissipation (w atts) t a t ec t e mp er a t ur e ( o c ) figure 2 figure 1 power de rating curve w here t ec is end cap tem p and t a is ambient temper ature on fr4 pc b oard. pac k ag e dim e n s io ns pad layout i n c h e s m i l l i m e t e r s dim m i n m a x m i n m a x a 0 . 0 9 4 0 . 1 0 5 2 . 3 9 2 . 6 6 b 0 . 1 8 9 0 . 2 0 5 4 . 8 0 5 . 2 0 c 0 . 0 1 6 0 . 0 2 2 0 . 4 1 0 . 5 5 i n c h e s m m a . 2 7 6 7 . 0 0 b 0 . 0 7 0 1 . 8 c 0 . 1 1 0 2 . 8


▲Up To Search▲   

 
Price & Availability of MSP1N5914BUR-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X