Part Number Hot Search : 
NTE2415 LV100 DGGWQ SAM3U C100LV ZMM5250 ECCM9 ACVF10
Product Description
Full Text Search
 

To Download MKP1841-468-254-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 26019 for technical questions contact; dc-film@vishay.com www.vishay.com revision: 23-jun-05 1 mkp 1841 vishay roederstein metallized polypropylene film capacitor related document: iec 60384-16 dimensions in millimeters main applications high voltage, high current a nd high pulse operations, deflection circuits in tv sets (s-correction and fly-back tuning). protection circuits in smps?s. snubber and electronic ballast circuits. i nput and output filtering in sps designs, storage, timing and integrating circuits. marking manufacturer's logo/type/c-va lue/rated voltage/tolerance/ date of manufacture dielectric polypropylene film electrodes vacuum deposited aluminum coating flame retardant plastic case (ul-class 94 v-0), blue, epoxy resin sealed. flame cla ss b according to iec 60065 available on request construction extended double-sided metallized polyester film, internal series connection (630 vdc/400 vac to 2000 vdc), double-sided metallized polyester carrier film (refer to general information) leads tinned wire iec test classification 55/100/56, according to iec 60068 operating temperature range - 55c to + 100c features product is completely lead (pb)-free product is rohs-compliant capacitance range 470pf to 6.8f capacitance tolerances 20% (m), 10% (k), 5% (j) rated voltages (u r ): 160 vdc, 250 vdc, 400 vdc, 630 vdc, 1000 vdc, 1600 vdc, 2000 vdc permissible ac voltages (rms) up to 60hz 100 vac, 160 vac, 220 vac, 250 vac, 400 vac, 600 vac, 650 vac, 700 vac test voltage (electrode/electrode) 1.6 x u r for 2 s insulation resistance measured at 100 v dc after one minute for c 0.33f: 100,000 m ? minimum value (150,000 m ? typical value) time constant measured at 100 v dc after one minute for c > 0.33f: 30,000 s minimum value (50,000 s typical value) temperature coefficient - 250 x 10 -6 /c (typical value) capacitance drift up to + 40c, 0.5% for a period of two years derating for dc and ac.category voltage u c at + 85c: u c = 1.0 u r at + 100c: u c = 0.7 u r self inductance ~ 6 nh measured with 2mm long leads pull test on leads 30 n in direction of leads according to iec 60068-2-21 reliability operational life > 300,000 h failure rate < 2 fit (40c and 0.5 x u r ) for further details, please refer to the general information available at www. vishay.com/doc?26033 . pcm w ? d 7.5 0.6 10 - 37.5 < 16.0 0.8 10 - 37.5 16.0 1.0 l max. 0.6 pcm 0.4 ? d w max. marking h max. 0.4 6.0 - 1 maximum pulse rise time if the maximum pulse voltage is less than the rated voltage higher d v /d t values can be permitted. pcm (mm) maximum pulse rise time d v /d t [v/s] 160 vdc 250 vdc 400 vdc 630 vdc 1000 vdc 1600 vdc 2000 vdc 7.5 1800 2200 3600 4500 ? ? ? 10 820 1140 1840 2280 ? ? ? 15 410 560 910 3430 6600 11,100 20,300 22.5 260 320 520 2120 2800 3800 6200 27.5 202 240 400 1524 2000 2680 4200 37.5 140 170 280 980 1280 1690 2600 e3 rohs compliant
www.vishay.com for technical questi ons contact; dc-film@vishay.com document number: 26019 2 revision: 23-jun-05 mkp 1841 vishay roederstein metallized polypropylene film capacitor related docum ent: iec 60384-16 dissipation factor tan further c-values upon request recommended packaging *s = box size 55 x 210 x 340mm (w x h x l) *l = box size 60 x 510 x 360mm (w x h x l) measured at c 0.1f 0.1f < c 1.0f c > 1.0f 1khz 0.3 x 10 -3 0.3 x 10 -3 0.3 x 10 -3 10khz 0.4 x 10 -3 0.5 x 10 -3 ? 100khz 1.5 x 10 -3 ?? maximum values capaci- tance capaci- tance code voltage code 16 160 vdc/100 vac voltage code 25 250 vdc/160 vac voltage code 40 400 vdc/220 vac voltage code 63 630 vdc/250 vac wh lpcmwh lpcmwh lpcmwh lpcm 470pf - 147 ????????????4.59.510.07.5 680pf - 168 ????????????3.08.510.07.5 1000pf - 210 ???? ???????3.08.510.07.5 1500pf - 215 ????????????3.08.510.07.5 2200pf - 222 ????????????3.08.510.07.5 3300pf - 233 ????????????4.09.010.07.5 4700pf - 247 ????????4.59.510.07.5???? 6800pf - 268 ????4.09.010.07.55.010.510.37.5???? 0.01f - 310 4.09.010.07.54.59.510.07.54.59.513.010???? 0.015f- 315 5.010.510.37.54.59.510.07.55.510.513.010???? 0.022f- 322 4.09.013.0104.59.513.0106.511.513.010???? 0.033f- 333 4.59.513.0105.510.513.0105.510.518.015???? 0.047f- 347 5.510.513.0106.511.513.0106.512.518.015???? 0.068f- 368 6.511.513.0105.510.518.0157.513.518.015???? 0.10f - 410 5.510.518.0156.512.518.0158.514.518.015???? 0.15f - 415 6.512.518.0157.513.518.0158.516.526.522.5???? 0.22f - 422 7.513.518.0158.517.518.01510.518.526.522.5???? 0.33f - 433 8.517.518.0158.516.526.522.511.021.026.522.5???? 0.47f - 447 8.516.526.522.510.518.526.522.513.523.531.527.5???? 0.68f - 468 9.017.026.522.511.021.026.522.515.024.531.527.5???? 1.0f - 51011.021.026.522.511.520.531.527.514.524.541.537.5???? 1.5f - 51513.523.531.527.515.024.531.527.518.032.541.537.5???? 2.2f - 52215.024.531.527.516.529.531.527.520.040.042.537.5???? 3.3f - 53318.033.031.527.520.035.031.527.5???????? 4.7f - 54718.032.541.537.520.040.042.537.5???????? 6.8f - 56820.040.042.537.5???????????? letter code type of pac kaging height (h) (mm) reel diameter (mm) ordering code examples pcm 7.5 - 10 pcm 15 pcm 22.5 - 27.5 pcm 37.5 d ammo 16.5 s* mkp 1841-310-405-d x x ? ? g ammo 18.5 s* mkp 1841-310-405-g x x ? ? f reel 16.5 350 mkp 1841-310-405-f x x ? ? w reel 18.5 350 mkp 1841-310-405-w x x ? ? v reel 18.5 500 mkp 1841-522-165-v ? x x ? g ammo 18.5 l* mkp 1841-522-165-g ? ? x ? ? bulk ? ? mkp 1841-547-255 x x x x
document number: 26019 for technical questions contact; dc-film@vishay.com www.vishay.com revision: 23-jun-05 3 mkp 1841 metallized polypropy lene film capacitor related docum ent: iec 60384-16 vishay roederstein further c-values upon request recommended packaging *s = box size 55 x 210 x 340mm (w x h x l) *l = box size 60 x 510 x 360mm (w x h x l) capaci- tance capaci- tance code voltage code 63 630 vdc/400 vac voltage code 10 1000 vdc/600vac voltage code 13 1600 vdc/650 vac voltage code 20 2000 vdc/700 vac w h lpcmw h lpcmw h lpcmw h lpcm 470pf - 147 ????????????5.510.518.015 680pf - 168 ????????????5.510.518.015 1000pf - 210 ? ? ? ? ? ? ? 5.5 10.5 18.0 15 6.5 14.5 26.5 22.5 1500pf- 215 ????????5.510.518.0156.514.526.522.5 2200pf - 222 ? ? ? ? 5.5 10.5 18.0 15 5.5 10.5 18.0 15 6.5 14.5 26.5 22.5 3300pf - 233 ? ? ? ? 5.5 10.5 18.0 15 6.5 14.5 26.5 22.5 6.5 14.5 26.5 22.5 4700pf - 247 5.5 10.5 18.0 15 5.5 10.5 18.0 15 6.5 14.5 26.5 22.5 6.5 14.5 26.5 22.5 6800pf - 268 5.5 10.5 18.0 15 7.5 13.5 18.0 15 6.5 14.5 26.5 22.5 7.5 15.5 26.5 22.5 0.010f - 310 5.5 10.5 18.0 15 6.5 14.5 26.5 22.5 6.5 14.5 26.5 22.5 10.5 18.5 26.5 22.5 0.015f - 315 6.5 12.5 18.0 15 6.5 14.5 26.5 22.5 7.5 15.5 26.5 22.5 9.0 18.5 31.5 27.5 0.022f - 322 7.5 13.5 18.0 15 7.5 15.5 26.5 22.5 8.5 16.5 26.5 22.5 11.5 20.5 31.5 27.5 0.033f - 333 7.5 15.5 26.5 22.5 10.5 18.5 26.5 22.5 9.0 18.5 31.5 27.5 13.5 23.5 31.5 27.5 0.047f - 347 8.5 16.5 26.5 22.5 9.0 18.5 31.5 27.5 11.5 20.5 31.5 27.5 12.5 22.5 41.5 37.5 0.068f - 368 10.5 18.5 26.5 22.5 11.5 20.5 31.5 27.5 12.5 22.5 41.5 37.5 14.5 24.5 41.5 37.5 0.10f - 410 11.5 20.5 31.5 27.5 13.5 23.5 31.5 27.5 14.5 24.5 41.5 37.5 16.0 28.5 41.5 37.5 0.15f - 41513.523.531.527.512.522.541.537.516.028.541.537.5???? 0.22f - 42212.522.541.537.514.524.541.537.518.032.541.537.5???? 0.33f - 43314.524.541.537.516.028.541.537.5???????? 0.47f - 44716.028.541.537.520.040.042.537.5???????? 0.68f - 46820.040.042.537.5???????????? letter code type of pac k ag i n g height (h) (mm) reel diameter (mm) ordering code examples pcm 15 pcm 22.5 - 27.5 pcm 37.5 d ammo 16.5 s* mkp 1841-315/635-d x ? ? g ammo 18.5 s* mkp 1841-315/635-g x ? ? f reel 16.5 350 mkp 1841-315/635-f x ? ? w reel 18.5 350 mkp 1841-315/635-w x ? ? v reel 18.5 500 mkp 1841-410/105-v x x ? g ammo 18.5 l* mkp 1841-410/105-g ? x ? ? bulk ? ? mkp 1841-447/105 x x x
www.vishay.com for technical questi ons contact; dc-film@vishay.com document number: 26019 4 revision: 23-jun-05 mkp 1841 vishay roederstein metallized polypropylene film capacitor related document: iec 60384-16 0.01 0.015 0.022 0.047 0.1 0.22 0.47 1 2.2 4.7 6.8 permissible ac voltage versus frequency f [hz] 3 2 100 7 5 3 2 10 7 5 3 2 1 10 3 23 5710 4 2 3 5 7 10 5 23 5710 6 160 vdc capacitance in f vrms 6800 0.022 0.047 0.1 0.22 0.47 1 2.2 3.3 4.7 permissible ac voltage versus frequency f [hz] 3 2 100 7 5 3 2 10 7 5 3 2 1 10 3 23 5710 4 2 3 5 7 10 5 23 5710 6 250 vdc capacitance in pf and f vrms 4700 0.01 0.022 0.047 0.1 0.22 0.47 1 2.2 permissible ac voltage versus frequency f [hz] 3 2 100 7 5 3 2 10 7 5 3 2 1 10 3 23 5710 4 2 3 5 7 10 5 23 5710 6 400 vdc capacitance in pf and f vrms 470 1000 2200 4700 0.01 0.022 0.033 0.047 permissible ac voltage versus frequency f [hz] 1000 7 5 3 2 100 7 5 3 2 10 10 3 23 5710 4 23 5710 5 23 5710 6 630 vdc/250 vac capacitance in pf and f vrms 4700 0.01 0.022 0.047 0.1 0.22 0.47 0.68 permissible ac voltage versus frequency f [hz] 3 2 1000 7 5 3 2 100 7 5 3 2 10 10 3 23 5710 4 23 5710 5 23 5710 6 630 vdc/400 vac capacitance in pf and f vrms 3300 4700 0.01 0.022 0.047 0.1 0.22 0.33 0.47 permissible ac voltage versus frequency f [hz] 3 2 1000 7 5 3 2 100 7 5 3 2 10 10 3 23 5710 4 23 5710 5 23 5710 6 1000 vdc capacitance in pf and f vrms 1000 2200 4700 0.01 0.022 0.047 0.1 0.22 permissible ac voltage versus frequency f [hz] 1000 7 5 3 2 100 7 5 3 2 10 10 3 23 5710 4 23 5710 5 23 5710 6 1600 vdc vrms capacitance in pf and f 470 1000 2200 4700 0.01 0.022 0.047 0.1 permissible ac voltage versus frequency f [hz] 3 2 1000 7 5 3 2 100 7 5 3 2 10 10 3 23 5710 4 23 5710 5 23 5710 6 2000 vdc capacitance in pf and f vrms
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MKP1841-468-254-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X