Part Number Hot Search : 
00102 1342G2 SPHL10FT RF386 V292BMC CYT432W CYT432W CYT432W
Product Description
Full Text Search
 

To Download MHP10-48S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output specifications voltage adjustability see note 3 10% line regulation ll to hl, all outputs 0.1% load regulation ml to fl single outputs 0.1% dual outputs 1.0% cross regulation asymmetrical load 5.0% max. 25% / 100% fl voltage accuracy 2.0% minimum load 2.1v, 3.3v, 5v 50ma max. single 12v, 15v 80ma max. duals: each output 10% fl overshoot at start-up 3.0% max. ripple and noise 20mhz bandwidth 1.5% pk-pk, max. 20mv rms transient response 25% load step 10% typ. max. dev., 0.5ms recovery to within 1.0% temperature coefficient 0.02%/c short circuit protection hiccup mode continuous see note 5 automatic recovery input specifications input voltage range 5vdc, nominal, fl 4.5 to 9vdc 12vdc nominal, fl 9 to 18vdc 24vdc nominal, fl 18 to 36vdc 48vdc nominal, fl 36 to 72vdc input filter pi filter input current see table input reflected ripple single output 200ma dual outputs 200ma start-up time 500ms mhp10 series single and dual output [ 2 year warranty ] ? 2 x 1 x 0.4 inch package ? 12.5 watts/in 3 power density ? 32 models including 3.3vdc and 2.1vdc ? designed to meet en60950 ? indefinite short circuit protection ? optional remote on/off ? optional trim output the mhp10 series of dc/dc converters, comprising 32 different models, has been designed for a wide range of applications including communications, industrial systems and mobile battery powered systems. packing 10 watts of power into a 2 x 1 x 0.4 inch package, with efficiencies as high as 80% the mhp10 has wide input ranges of 4.5-9vdc, 9-18vdc, 18-36vdc and 36- 72vdc and is available in both single and dual output versions. other features include indefinite short circuit protection with automatic recovery and remote on/off, all of which minimize the need for external circuitry and make the mhp10 a recommended component in distributed power systems. specification all specifications are typical at nominal input, full load at 25 c unless otherwise stated page 1 input specifications continued remote on/off logic compatibility cmos/ttl, see note 4 on 3.5vdc min. or open off 0.8vdc max. general specifications efficiency 78% typ. isolation voltage input/output 500vdc isolation capacitance input/output 1nf switching frequency fixed 200 to 275khz approvals and safety vde0805, en60950, iec950 standards (pending) ul1950, csa c22.2 no. 950 case material black coated, metal case material flammability ul94v-0 weight 27g (0.95oz) mtbf mil-hdbk-217f 300,000 hours environmental specifications thermal performance operating ambient -25c to +60c (see derating curve) extended temp., -40c to +60c option, see note 1 non-operating amb. -40c to +95c case +95c max. derating see derating curve cooling free air convection cooled relative humidity non-condensing 30% to 95% altitude operating 10,000 feet max. non operating 40,000 feet max. vibration 5hz to 500hz 2.5g rms (approx.)
input output output input typical regulation (typ.) model number voltage voltage current current efficiency line load 4.5-9vdc 2.1v 2000ma 1400ma 60% 0.1% 0.1% mhp10-05s2v1 (2) 4.5-9vdc 3.3v 2000ma 2095ma 63% 0.1% 0.1% mhp10-0533v3 (2) 4.5-9vdc 5.0v 1400ma 2058ma 62% 0.1% 0.1% mhp10-05s05 (2) 4.5-9vdc 12v 580ma 1856ma 75% 0.1% 0.1% mhp10-05s12 (2) 4.5-9vdc 15v 460ma 1769ma 78% 0.1% 0.1% mhp10-05s15 (2) 4.5-9vdc 5.0v 600ma 1764ma 68% 0.1% 1.0% mhp10-05d05 (2) 4.5-9vdc 12v 290ma 1784ma 78% 0.1% 1.0% mhp10-05d12 (2) 4.5-9vdc 15v 230ma 1769ma 78% 0.1% 1.0% mhp10-05d15 (2) 9-18vdc 2.1v 2000ma 583ma 60% 0.1% 0.1% mhp10-12s2v1 9-18vdc 3.3v 2000ma 753ma 73% 0.1% 0.1% mhp10-12s3v3 9-18vdc 5.0v 2000ma 1068ma 78% 0.1% 0.1% mhp10-12s05 9-18vdc 12v 800ma 1025ma 78% 0.1% 0.1% mhp10-12s12 9-18vdc 15v 660ma 1068ma 78% 0.1% 0.1% mhp10-12s15 9-18vdc 5.0v 600ma 704ma 71% 0.1% 1.0% mhp10-12d05 9-18vdc 12v 400ma 1025ma 78% 0.1% 1.0% mhp10-12d12 9-18vdc 15v 300ma 1068ma 78% 0.1% 1.0% mhp10-12d15 18-36vdc 2.1v 2000ma 291ma 60% 0.1% 0.1% mhp10-24s2v1 18-36vdc 3.3v 2000ma 376ma 73% 0.1% 0.1% mhp10-24s3v3 18-36vdc 5.0v 2000ma 534ma 78% 0.1% 0.1% mhp10-24s05 18-36vdc 12v 800ma 512ma 78% 0.1% 0.1% mhp10-24s12 18-36vdc 15v 660ma 528ma 78% 0.1% 0.1% mhp10-24s15 18-36vdc 5.0v 600ma 347ma 71% 0.1% 1.0% mhp10-24d05 18-36vdc 12v 400ma 512ma 78% 0.1% 1.0% mhp10-24d12 18-36vdc 15v 300ma 528ma 78% 0.1% 1.0% mhp10-24d15 36-72vdc 2.1v 2000ma 145ma 60% 0.1% 0.1% mhp10-48s2v1 36-72vdc 3.3v 2000ma 180ma 73% 0.1% 0.1% mhp10-483v3 36-72vdc 5.0v 2000ma 267ma 78% 0.1% 0.1% MHP10-48S05 36-72vdc 12v 800ma 256ma 78% 0.1% 0.1% mhp10-48s12 36-72vdc 15v 660ma 264ma 78% 0.1% 0.1% mhp10-48s15 36-72vdc 5.0v 600ma 176ma 77% 0.1% 1.0% mhp10-48d05 36-72vdc 12v 400ma 256ma 78% 0.1% 1.0% mhp10-48d12 36-72vdc 15v 300ma 264ma 78% 0.1% 1.0% mhp10-48d15 output power (%) 0% 0 c20 c 40 c 60 c 80 c 100 c 120 c -25 c 90 c derating curve output power (watts) 60 c 100% ambient temperature ( c) notes 1 extended operating temperature range is available as an option. to specify a mhp10 that operates down to -40 c, add the suffix -4 to the model number, e.g. mhp10-24s05-4 . 2 5vdc input, max. 7 watt output power. 3 external trimming of the output voltage is optional on the single output units, add the suffix -t to the end of the model number, e.g. mhp10-05s05-t . 4 remote on/off is available as an option, add the suffix -s to the end of the model number, e.g. mhp10-24d15-s . 5 5vdc in max. for 1 minute. 10 watt wide input dc/dc converters dc/dc converters | 10w dc/dc page 2 http://www.artesyn.com
bottom view 0.04 dia. (1.02) 0.24 (6.10) 0.80 (20.30) 2.00 (50.80) all dimensions in inches (mm) tolerance : 0.008 (0.2) max. on pin placement 0.02 (0.5) max. on outer dimensions 54 3 0.40 (10.20) 1.00 (25.40) 0.30 (7.60) 0.40 (10.16) 621 0.60 (15.20) 0.60 (15.20) 0.40 (10.20) 0.10 (2.50) 0.10 (2.50) 0.20 (5.10) 0.40 (10.20) 0.40 (10.20) dc/dc converters | 10w dc page 3 10 watt wide input dc/dc converters 10w dc/dc | dc/dc converters 10k w trimpot trim up trim down 5 4 3 5 4 3 pin connections pin number single outputs dual output 1 + input + input 2 - input - input 3 + output + output 4 n.c./trim (option) common 5 - output - output 6 control (option) control (option) external output trimming single output models can be externally trimmed by 10% using either method shown below. ds_mhp10_19980401.pdf


▲Up To Search▲   

 
Price & Availability of MHP10-48S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X