Part Number Hot Search : 
BZX85 FXT2907A C256HP C2004 S12GR2C FST31100 1048048 A2011
Product Description
Full Text Search
 

To Download LQP15MN10NG02D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency film type 1.0 0.1 0.5 0.1 0.25 0.1 0.35 0.1 (in mm) chip inductor (chip coil) for high frequency film type lqp15m series (0402 size)  dimensions  packaging code packaging minimum quantity d 180mm paper tape 10000 j 330mm paper tape 50000 b bulk(bag) 500  rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqp15mn1n0b02 p 1.0nh 0.1nh 500mhz 400ma 0.1ohm 13 500mhz 6000mhz lqp15mn1n0w02 p 1.0nh 0.05nh 500mhz 400ma 0.1ohm 13 500mhz 6000mhz lqp15mn1n1b02 p 1.1nh 0.1nh 500mhz 390ma 0.1ohm 13 500mhz 6000mhz lqp15mn1n1w02 p 1.1nh 0.05nh 500mhz 390ma 0.1ohm 13 500mhz 6000mhz lqp15mn1n2b02 p 1.2nh 0.1nh 500mhz 390ma 0.1ohm 13 500mhz 6000mhz lqp15mn1n2w02 p 1.2nh 0.05nh 500mhz 390ma 0.1ohm 13 500mhz 6000mhz lqp15mn1n3b02 p 1.3nh 0.1nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n3w02 p 1.3nh 0.05nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n4w02 p 1.4nh 0.05nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n5b02 p 1.5nh 0.1nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n5w02 p 1.5nh 0.05nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n6b02 p 1.6nh 0.1nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn1n6w02 p 1.6nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn1n7w02 p 1.7nh 0.05nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n8b02 p 1.8nh 0.1nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n8w02 p 1.8nh 0.05nh 500mhz 280ma 0.2ohm 13 500mhz 6000mhz lqp15mn1n9w02 p 1.9nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n0b02 p 2.0nh 0.1nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n0w02 p 2.0nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n1w02 p 2.1nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n2b02 p 2.2nh 0.1nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n2w02 p 2.2nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n3w02 p 2.3nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz operating temperature range: -40 c to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency film type part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqp15mn2n4b02 p 2.4nh 0.1nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n4w02 p 2.4nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n5w02 p 2.5nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n6w02 p 2.6nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n7b02 p 2.7nh 0.1nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n7w02 p 2.7nh 0.05nh 500mhz 220ma 0.3ohm 13 500mhz 6000mhz lqp15mn2n8w02 p 2.8nh 0.05nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn2n9w02 p 2.9nh 0.05nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n0b02 p 3.0nh 0.1nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n0w02 p 3.0nh 0.05nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n1w02 p 3.1nh 0.05nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n2w02 p 3.2nh 0.05nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n3b02 p 3.3nh 0.1nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n3w02 p 3.3nh 0.05nh 500mhz 190ma 0.4ohm 13 500mhz 6000mhz lqp15mn3n4w02 p 3.4nh 0.05nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n5w02 p 3.5nh 0.05nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n6b02 p 3.6nh 0.1nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n6w02 p 3.6nh 0.05nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n7w02 p 3.7nh 0.05nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n8w02 p 3.8nh 0.05nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n9b02 p 3.9nh 0.1nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn3n9w02 p 3.9nh 0.05nh 500mhz 170ma 0.5ohm 13 500mhz 6000mhz lqp15mn4n3b02 p 4.3nh 0.1nh 500mhz 160ma 0.6ohm 13 500mhz 6000mhz lqp15mn4n7b02 p 4.7nh 0.1nh 500mhz 160ma 0.6ohm 13 500mhz 6000mhz lqp15mn5n1b02 p 5.1nh 0.1nh 500mhz 140ma 0.7ohm 13 500mhz 6000mhz lqp15mn5n6b02 p 5.6nh 0.1nh 500mhz 140ma 0.7ohm 13 500mhz 6000mhz lqp15mn6n2b02 p 6.2nh 0.1nh 500mhz 130ma 0.9ohm 13 500mhz 6000mhz lqp15mn6n8b02 p 6.8nh 0.1nh 500mhz 130ma 0.9ohm 13 500mhz 6000mhz lqp15mn7n5b02 p 7.5nh 0.1nh 500mhz 110ma 1.1ohm 13 500mhz 5500mhz lqp15mn8n2b02 p 8.2nh 0.1nh 500mhz 110ma 1.1ohm 13 500mhz 5500mhz lqp15mn9n1b02 p 9.1nh 0.1nh 500mhz 100ma 1.3ohm 13 500mhz 4500mhz lqp15mn10ng02 p 10nh 2% 500mhz 100ma 1.3ohm 13 500mhz 4500mhz lqp15mn12ng02 p 12nh 2% 500mhz 90ma 1.6ohm 13 500mhz 3700mhz lqp15mn15ng02 p 15nh 2% 500mhz 90ma 1.8ohm 13 500mhz 3300mhz lqp15mn18ng02 p 18nh 2% 500mhz 80ma 2.0ohm 13 500mhz 3100mhz lqp15mn22ng02 p 22nh 2% 500mhz 70ma 2.6ohm 13 500mhz 2800mhz lqp15mn27ng02 p 27nh 2% 500mhz 70ma 3.1ohm 13 500mhz 2500mhz lqp15mn33ng02 p 33nh 2% 500mhz 60ma 3.8ohm 13 500mhz 2100mhz operating temperature range: -40 c to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 3 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 100 80 60 40 20 0 100 1000 10000 frequency (mhz) q 33nh 15nh 4.7nh 8.2nh 2.2nh 33nh 15nh 4.7nh 8.2nh 2.2nh 100 10 1 100 1000 10000 frequency (mhz) inductance (nh) inductors (coils) > chip inductor (chip coil) > for high frequency film type  q-frequency characteristics (typ.)  inductance-frequency characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQP15MN10NG02D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X