Part Number Hot Search : 
AD7824 P8P08 TEVAL MBR3045 PP1DD MA3J745D AT54C OP20BJ
Product Description
Full Text Search
 

To Download KFPC100X-SRX-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series kfpc100x - 1.0 fpc/ffc smd side entry series style housing :high temp plastic (ul94 v -0) kfpc100x se r i e s 1.0 fpc/ffc smd side entry k yc o n 2007 kycon, i nc. ? t el: + 1 408 - 494-0330 ? us : 1-888 -kyc on-22 ? fa x : +1 408 - 494 - 0325 ? w w w .ky c on.co m 1.0 fpc/ffc smd side entry kfpc100x-s series style packaging blank - bulk material and finish contact : copper alloy features contacts number of contacts performance specifications packaging documentation & ordering information kycon part # part number builder plated : tin plated current rating : 1.0a ac/dc voltage rating : 100v ac/dc resistance : 30m ohm.max. insulstion resistance : 100m ohm.min. withstanding voltage : 500v r.m.s for one minute srx and svx pcb layout reference rohs sv - vertical entry sr - right angle t - tape and reel (srx option only) operating temperature range : -25 oc to +105 oc electrical characteristics ? flexible flat connector (ffc) and flexible printed connector (fpc) offered. ? 1.00mm pitch version. ? pin counts from 3 to 30 available ? offered as zero insertion force (zif) c-t - tape and reel with cap for pick & place (svx option only) contact kycon for more option dim a no of pin no of pin dim b dim c dim a dim b dim c 3 4 5 6 9 10 11 12 13 14 15 16 17 18 19 20 21 21 23 24 25 26 27 28 29 7 8 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 30 17.0 18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 30.0 4.2 5.2 6.2 7.2 8.2 9.2 10.2 11.2 12.2 13.2 14.2 15.2 16.2 17.2 19.2 20.2 21.2 22.2 23.2 24.2 25.2 26.2 27.2 28.2 29.2 30.2 31.2 32.2 10.4 11.4 12.4 13.4 14.4 15.4 16.4 17.4 18.4 19.4 20.4 21.4 22.4 23.4 25.4 26.4 27.4 28.4 29.4 30.4 31.4 32.4 33.4 34.4 35.4 36.4 37.4 38.4


▲Up To Search▲   

 
Price & Availability of KFPC100X-SRX-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X