Part Number Hot Search : 
725BAZTJ B65651 00BZX SG55474 CDG00 DG9424DQ SB630DC FR307
Product Description
Full Text Search
 

To Download HVP101-S240042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -49- h hitron universal input harmonic correction ac-dc open frame single & multiple output 100 watts internal switching power supplies hvp101 series features: accommodate universal ac sources pcb version format meet iec1000-3-2 harmonic correction meet universal safety standards emi meet cispr pub. 22 & fcc class b ce marking compliance general specification efficiency: typ. 75-80%. switching frequency: pfc ckt. 75k hz. pwm ckt. 170-180k hz. circuit topology: fixed frequency forward circuit. transient response: output voltage returns in less than 0.3ms following a 25% load change. safety standard: iec950/ul1950 class i. operating temperature: 0 to +50c under forced air flow for full load. storage temperature: -20 to +85c. temperature coefficient: 0.04% /c. cooling: at least 30 cfm direct forward air flow is required to achieve full rating power. construction: pcb format. power density: 5.6 watts / cubic inch. in application specification input specification input voltage: typ. 90-264vac with pfc. input connector: v-m connector & gnd tag. input frequency: 47-63hz. inrush current: typ. 29a@230vac. input current: typ. 1.3a @115vac, 0.65a @230vac. dielectric withstand: meet iec950. emi: meet cispr en55022 b & fcc class b. hold-up time: typ. 18-25ms @ 115vac & 230vac. power factor & harmonic correction: meet iec1000-3-2, pf typ. 0.97-0.99 @ full load. power ok: installed in vo1 & vo2. over temperature protection (otp): by ntc at quad output only. earth leakage: less than 0.75ma @230vac. output specification output voltage: see ratings chart. output current: see ratings chart. output connector: v-m connector. output wattage: typ. 100 watts. line regulation: typ. 0.1%. load regulation: main vo1 typ. 1-2%. aux. vo2 typ. 1-2% (magnetic amp.). aux. vo3 typ. 1-2% (magnetic amp.). aux. vo4 typ. 2-3% (p.r.). noise & ripple: typ. 1% peak to peak. ovp: built-in at main vo1 & aux.vo2 & vo3 (latch). remote sensing: available at vo1 & vo2. adjustability: available at vo1,vo2 & vo3. over current protection: built-in at all output. overload protection (olp): fully protected against output overload and short circuit at any output. consult the factory for olp setting.
-50- output voltage / current ratings chart mechanical dimensions: mm [inches] weight: 368.0g(12.97 oz.) input & output connectors pin assignments ac input single output dual output quad output assignment l n gnd vo1 dc com +vo1# p.ok vo1 vo2 dc com +vo1 # +vo2 # p.ok vo1 dc com vo2 vo3 vo4 vo1+ # vo2+ # vo1,2- # p. o k connector & pin # p1-3 p1-1 tab p2-6,7,8, 9,10,11 p2-1,2, 3,4,5 p2-13 p2-14 p2-9, 10,11 p2-6, 7,8 p2-1,2, 3,4 p2-13 p2-12 p2-14 p2-1,2, 3,4 p2-5,6 7,8 p2-9,10 p2-11 p2-12 p3-3 p3-4 p3-1 p3-2 mating connector: molex 5195 or 5239 series. dual output (under forced air flow) main vo1 @# aux. vo2 # model no. typ. volt. typ. volt. hvp101-d050e 12.0a +5.0v 6.0a +5.0v hvp101-d050i 12.0a +5.0v 4.0a +12.0v hvp101-d050k 12.0a +5.0v 3.0a +15.0v hvp101-d050d 12.0a +5.0v 8.0a +3.3v hvp101-d033i 15.0a +3.3v 4.0a +12.0v hvp101-d033k 15.0a +3.3v 3.0a +15.0v single output (under forced air flow) main vo1 @# model no. typ. volt. peak hvp101-s033200 20.0a 3.3v 25.0a hvp101-s050160 16.0a 5.0v 20.0a hvp101-s120085 8.5a 12.0v 9.0a hvp101-s150068 6.8a 15.0v 7.0a HVP101-S240042 4.2a 24.0v 6.0a hvp101-s280036 3.6a 28.0v 5.0a hvp101-s360028 2.8a 36.0v 4.0a hvp101-s480021 2.1a 48.0v 3.0a quad output (under forced air flow) main vo1 @# aux. vo2 @ # aux. vo3 @ aux. vo4 model no. typ. volt typ. volt typ. volt typ. volt hvp101-q050dii 12.0a +5.0v 6.0a + 3.3v 1.5a +12v 0.5a -12v hvp101-q050die 12.0a +5.0v 7.0a + 3.3v 1.5a +12v 0.5a - 5v hvp101-q050mii 10.0a +5.0v 1.5a +24.0v 1.5a +12v 0.2a -12v hvp101-q050kie 10.0a +5.0v 2.5a +15.0v 1.5a +12v 0.4a - 5v hvp101-q050kii 8.0a +5.0v 2.5a +15.0v 2.0a +12v 0.2a -12v symbol: " " ovp built-in. "@" adjustable . "#" remote sense. " " installed with post regulator. " " installed with magnetic amplifier. remark: peak output, less than 60 sec. with 10% duty cycle.


▲Up To Search▲   

 
Price & Availability of HVP101-S240042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X