Part Number Hot Search : 
B0023382 HB13331 P12N5 THV15 MK325 GL05T11 6B10V SS131
Product Description
Full Text Search
 

To Download GS25U24-P1J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification gs25u05-p1j gs25u07-p1j gs25u09-p1j gs25u12-p1j gs25u15-p1j gs25u18-p1j GS25U24-P1J gs25u28-p1j gs25u48-p1j order no. safety model no. dc voltage note.2 rated current current range rated power (max.) ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) ac current input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 7) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 5v gs25u05 7.5v gs25u07 9v gs25u09 12v gs25u12 15v gs25u15 18v gs25u18 24v gs25u24 28v gs25u28 48v gs25u48 4.0a 2.93a 2.77a 2.08a 1.66a 1.38a 1.04a 0.89a 0.52a 0 ~ 4.0a 0 ~ 2.93a 0 ~ 2.77a 0 ~ 2.08a 0 ~ 1.66a 0 ~ 1.38a 0 ~ 1.04a 0 ~ 0.89a 0 ~ 0.52a 50mvp-p 80mvp-p 80mvp-p 80mvp-p 100mvp-p 150mvp-p 180mvp- p 240mvp-p 240mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 90 ~ 264vac 135 ~ 370vdc 47 ~ 63hz 78.5% 81.5% 82.5% 84.5% 84.5% 84.5% 85.5% 85.5% 87% 0.7a / 100vac 25a / 115vac 0.25ma / 240vac ul60950-1, csa c22.2, bsmi, cns14336 approved withstand voltage isolation resistance i/p-o/p:4242vdc i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 500khrs min. mil-hdbk-217f(25 ) 0 ~ +50 (refer to "derating curve") 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 79*54*33mm (l*w*h) 210g ; 60pcs / 13.5kg / carton connector plug cable see page2 see page2 20w 22w 25w 25w 25w 25w 25w 25w 25w 1.all parameters are specified at 115vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerance: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 20% to 100% rated load 7.the power supply is considered as an independent unit, but the final equi pment still need to re-confirm that the whole system complies with the emc directives. features : compliance to cns13438 class b fcc part 15 / cispr22 class b, overload over voltage 110 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed 105 ~ 135% rated output voltage protection type : clamp by zener diode 20~25w ac-dc single output wall-mounted type g s 2 5 u s e r i e s universal ac input / full range no load power consumption<0.3w erp step2 compliant nrcan compliant meet eisa 2007 (energy independence and security act) 2 pole usa plug class power (without earth pin) protections: short circuit / overload / over voltage fully enclosed plastic case led indicator for power on approvals: ul / cul / bsmi / cb / fcc pass lps 2 years warranty 500ms, 20ms, 50ms/230vac 500ms, 20ms, 15ms/115vac at full load file name:gs25u-spec 2012-02-29 emc emission
mechanical specification file name:gs25u-spec 2012-02-29 unit:mm name plate power led 70 10mm 11 0.5mm derating curve ta ( ) load (%) 0 10 20 30 40 70 100 static characteristics input voltage load (%) 0 50 60 70 60 100 260 80 90 100 80 plug assignment standard plug: p1j 33 79 54 50 id 2.1 x od 5.5 c"+" 17 ul1185 16awg 1230 50mm for 5v~12v ul1185 18awg 1830 50mm for 15v~48v 20~25w ac-dc single output wall-mounted type g s 2 5 u s e r i e s p/n output p1j center +


▲Up To Search▲   

 
Price & Availability of GS25U24-P1J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X