Part Number Hot Search : 
VNH3A BSS51 MUR1605E 1222M0 HSBD437 2N2221AX 2000411 MC44802
Product Description
Full Text Search
 

To Download FOX923C-GP-23104MHZ-QQK0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .11283.568153 | canada +1.888.438.2369 | asia hong kong tel: +852.2854.4285 | japan tel: +81.3.3374.2079 ? 2011 fox electronics | iso9001:2008 certified features ? 0.5ppm stability ? supply voltages of 1.8v ~ 3.3v ? 1.2 mm max height ? clipped sine output ? tape and reel (3,000 pcs. std) supply voltage (v dd ) tcxo/vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo model number fox923c-gp fox923ce-gp fox923b-gp fox923e-gp fox923d-gp fox923de-gp fox923f-gp fox923fe-gp fox923g-gp fox923ge-gp fox923l-gp fox923le-gp part number 673cgp-frequency-xxxxx 638cgp-frequency-xxxxx 673gp-frequency-xxxxx 638gp-frequency-xxxxx 673dgp-frequency-xxxxx 638dgp-frequency-xxxxx 673fgp-frequency-xxxxx 638fgp-frequency-xxxxx 673ggp-frequency-xxxxx 638ggp-frequency-xxxxx 673lgp-frequency-xxxxx 638lgp-frequency-xxxxx 3.3v 5% 3.3v 5% 3.0v 5% 3.0v 5% 2.8v 5% 2.8v 5% 2.7v 5% 2.7v 5% 2.5v 5% 2.5v 5% 1.8v 5% 1.8v 5% ? part number selection learn more - internet required 1 for proper operation, a control voltage (vc) must be applied to pin 1 on vctcxo's. 2 does not imply a stocked part. all frequencies may not be available for all v dd . 3 other fequencies may be available. contact fox technical support with your requirements. *dimensional drawing is for reference to critical specifications defined by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may very. all specifications subject to change without notice. options ? voltage control smd tcxo/vctcxo for gps applications rev. 6/21/2011 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fox923_-gp series page 1 of 1 #1 #4 #3 #2 #1 #2 #4 #3 2.50.2 1.95 0.65 1.6 1.3 1.3 0.4 recommended solder pad layout marking top view bottom view dot denotes pin 1. all dimensions are in millimeters. pin connections tcxo vctcxo #1 nc #3 output #1vc #3 output #2 gnd #4 v dd #2 gnd #4 v dd 1.2 max #4 #1 #3 #2 see table below -30oc ~ +85oc -40oc ~ +90oc 1.8v ~ 3.3v 2.0ma 2.0 ppm 0.5 ppm 0.3 ppm 0.2 ppm 0.8v min 10k? 10% // 10pf 10% 5 ~ 15ppm 3 ~ 5ppm 1.0ppm -145 dbc/hz typical 260oc / 10 seconds 1 au parameters frequency range (f o ) temperature range operating (t opr ) storage (t stg ) supply voltage (v dd ) input current (i dd ) initial frequency tolerance @ 25oc (after 2 reflows) (vctcxo: v c = 0.5v dd ) 1 frequency stability over temperature range over supply voltage change (v dd 5%) over load change (10k? 10%//10pf10%) output waveform (clipped sine) peak-to-peak level (vp-p) output load pullability v dd = 2.5v~3.3v, v c = 50% v dd 1.0v v dd = 1.8v, v c = 0.9v 0.6v aging per year phase noise (26.000mhz, @ 10khz offset) reflow soldering temp moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) ? standard frequencies 2&3 13.000mhz 16.367677 mhz 19.200 mhz 27.456 mhz 16.3676 mhz 16.369 mhz 24.5535 mhz 16.367 mhz 16.368 mhz 23.104 mhz 16.367667 mhz 16.800 mhz 26.000 mhz
17 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .11283.568153 | canada +1.888.438.2369 | asia hong kong tel: +852.2854.4285 | japan tel: +81.3.3374.2079 ? 2011 fox electronics | iso9001:2008 certified smd tcxo/vctcxo for gps applications rev. 6/21/2011 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fox923_-gp series page 1 of 1 smd tcxo/vctcxo for gps applications rev. 6/21/2011 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fox923_-gp series page 2 of 2 ? tape specifications (millimeters) model fox923_-gp a ?1.5 b 4.0 c 4.0 d 3.5 e 8.0 f 1.4 std reel qty 3,000 ? reel specifications (millimeters) g 2.0 h ?13 i ?21 j ?60 k ?180 l 9.0 m 1.5 model fox923_-gp


▲Up To Search▲   

 
Price & Availability of FOX923C-GP-23104MHZ-QQK0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X