Part Number Hot Search : 
40HFR40M T3474 MAD24051 25P10 2SD1288 FM1233AC 2E1C2 HUR6060
Product Description
Full Text Search
 

To Download FOX922G-GP-38400MHZ-QQK0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .11283.568153 | canada +1.888.438.2369 | asia hong kong tel: +852.2854.4285 | japan tel: +81.3.3374.2079 ? 2011 fox electronics | iso9001:2008 certified 1.8v ~ 3.3v smd tcxo for gps applications rev. 1/25/2011 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fox922-gp series page 1 of 2 features ? 0.5ppm stability ? supply voltages of 1.8v ~ 3.3v ? 1.0mm height max ? clipped sine output 1 4 2 tp 3 tp top view dot denotes pin 1. top view bottom view recommended solder pad layout all dimensions are in millimeters. #4 #3 #2 #1 2.2 max 1.55 2.3 0.6 1.2 0.75 1.8 1.0 max 2.7 max 1.45 0.65 2.80 2.30 tp tp 4 3 2 1 pin connections vcxo #1 gnd #3 output #2 gnd #4 v dd vctcxo #1 v c #3 output #2 gnd #4v dd see table below -30oc ~ +85oc -40oc ~ +85oc 1.8v ~ 3.3v 2.0ma 2.0ppm 0.5ppm 0.2ppm 0.2ppm 0.8v min. (10k? //10pf) 10% 3 ~ 5 ppm 1.0 ppm -145 dbc/hz typ. 260oc / 10 seconds 1 au parameters available frequencies (f o ) temperature range operating (t opr ) storage (t stg ) supply voltage (v dd ) input current (i dd ) vdd=1.8v ~ 3.0v initial frequency tolerance @ 25oc (after 2 reflows) (vctcxo: v c = 50%v dd ) 1 frequency stability over temperature range over supply voltage change (v dd 5%) over load change (10k? //10pf) 10% output waveform (clipped sine) peak-to-peak level (vp-p) output load pullability (vctcxo) v dd = 2.5v~3.3v, v c = 50% v dd 1.0v v dd = 1.8v, v c = 0.90.6v aging per year phase noise (16.369 mhz, @ 10khz offset) reflow soldering temp moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) 3.3v5% 3.3v5% 3.0v5% 3.0v5% 2.8v5% 2.8v5% 2.7v5% 2.7v5% 2.5v5% 2.5v5% 1.8v5% 1.8v5% tcxo vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo tcxo vctcxo fox922c-gp fox922ce-gp fox922b-gp fox922be-gp fox922d-gp fox922de-gp fox922f-gp fox922fe-gp fox922g-gp fox922ge-gp fox922l-gp fox922le-gp model number part number 839cgp-frequency-xxxxx 840cgp-frequency-xxxxx 839bgp-frequency-xxxxx 840bgp-frequency-xxxxx 839dgp-frequency-xxxxx 840dgp-frequency-xxxxx 839fgp-frequency-xxxxx 840fgp-frequency-xxxxx 839ggp-frequency-xxxxx 840ggp-frequency-xxxxx 839lgp-frequency-xxxxx 840lgp-frequency-xxxxx ? part number selection learn more - internet required supply voltage(v dd ) tcxo/vctcxo preliminary ? standard frequencies 2&3 16.367667 mhz 16.800 mhz 26.000 mhz 38.400 mhz 16.369 mhz 24.5535 mhz 33.600 mhz 16.368 mhz 19.200 mhz 27.456 mhz 1 for proper operation, a control voltage (vc) must be applied to pin 1 on vctcxo's. 2 does not imply a stocked part. all frequencies may not be available for all v dd . 3 other fequencies may be available. contact fox technical support with your requirements. *dimensional drawing is for reference to critical specifications defined by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may very.all specifications subject to change without notice.
23 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .11283.568153 | canada +1.888.438.2369 | asia hong kong tel: +852.2854.4285 | japan tel: +81.3.3374.2079 ? 2011 fox electronics | iso9001:2008 certified 1.8v ~ 3.3v smd tcxo for gps applications 1.8v ~ 3.3v smd tcxo for gps applications rev. 1/25/2011 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fox922-gp series page 2 of 2 ? tape specifications (millimeters) model fox922-gp a ?1.5 b 4.0 c 4.0 d 3.5 e 8.0 f 1.4 std reel qty 3,000 ? reel specifications (millimeters) g 2.0 h ?13 i ?21 j ?60 k ?180 l 9.0 m 2.0 model fox922-gp


▲Up To Search▲   

 
Price & Availability of FOX922G-GP-38400MHZ-QQK0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X