Part Number Hot Search : 
MB90457S 1332B0 D74LVC5 C4300 Z87010 USB0415 F1682S 744205
Product Description
Full Text Search
 

To Download FIP-S-55-1-1-0-0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features: high reliability low insertion loss high isolation optimized for 1310nm, 1490nm or 1550nm wavelengths wide operating temperature range complete range of termination connectors available various fiber colors for easy identification pigtail isolator fip-x-xx-xx-x-xxxx data sheet finisar pigtailed isolators are used in various laser assemblies which require isolation to prevent optical feedback. the isolators offer excellent performance with low insertion loss and high isolation. our proprietary bonding process, and years of volume manufacturing experience, result in a high reliability record. bare isolator chips survive more than 5,000hrs of damp heat testing without delamination. available in single stage or semi-double stage options centered at 1310nm, 1490, or 1550nm, the isolators can be terminated with any standard fiber connector. various fiber colors are also available, see the product selection guide below for further ordering options.
fip-x-xx-xx-x-xxxx pigtail isolators specifications parameter units specification cwl nm 1310 1490 1550 operating wavelength nm 1290-1330 1470-1510 1530-1570 insertion loss (isolator chip) db <0.4 maximum connector loss db <0.3 isolation at centre wavelength db >30db @ 23c tilt angle degrees 6 +/-1 maximum power rating mw 4 operating temperature c -40 to 85 storage temperature c -40 to +100 connector type see product selection single stage pigtail isolator semi-double stage pigtail isolator *note: over all wavelengths and temperatures. *note: over all wavelengths and temperatures. parameter units specification cwl nm 1310 1490 1550 operating wavelength nm 1290-1330 1470-1510 1530-1570 insertion loss (isolator chip) db <0.6 maximum connector loss db <0.3 isolation at centre wavelength db >45db @ 23c tilt angle degrees 6 +/-1 maximum power rating mw 4 operating temperature c -40 to 85 storage temperature c -40 to +100 connector type see product selection
fip-x-xx-xx-x-xxxx mechanical dimensions ? in mm single stage pigtail isolator semi-double stage pigtail isolator
fip-x-xx-xx-x-xxxx pigtail isolators product selection example: fip-s-31-00-2-0000 standard pigtail isolator, 1310nm, single stage, fc/apc connector fip -x -xx -xx -x -xxxx by specs: 0000 = standard xxxx= custom connector type: 0 = none 1 = fc/upc 2 = fc/apc 3 = sc/upc bending: 0 = 30mm 1 = 20mm x = special wavelength: 31 = 1310nm 49 = 1490nm 55 = 1550nm ....... stage: s = single d = semi-double pigtail isolator finisar 4 = sc/apc 5 = lc/upc x = special fiber color: 0 = natural 1 = bule 2 = yellow x = special
?2007 finisar corporation. all rights reserved. finisar is a regi stered trademark of finisar corporation. features and specific ations are subject to change without notice. 01/08 rev a. phone: 1-866-my-vcsel usa (toll free) 1-214-509-2700 usa (direct dial) 44 (0) 174 336 5533 europe 886-935-409898 china & taiwan 81-90-4437-1130 japan 82-11-220-6153 asia pacific & korea fax: 1-214-509-3709 usa email: salesaocd@finisar.com web: www.finisar.com/aoc.php advanced optical components finisar?s advanced optical components division was formed through strategic acquisition of key optical compon- ent suppliers. the company has led the industry in high volume vertical cavity surface emitting laser (vcsel) and associated detector technology since 1996. vcsels have become the primary laser source for optical data communi- cation, and are rapidly expanding into a wide variety of sensor applications. vcsels? superior reliability, low drive current, high coupled power, narrow and circularly symmetric beam and versatile packaging options (including arrays) are enabling solutions not possible with other optical technologies. advanced optical components is also a key supplier of fabrey-perot (fp) and distributed feedback (dfb) lasers, and optical isolators (oi) for use in single mode fiber data and telecommunications networks location allen, tx - business unit headquarters, vcsel wafer growth, wafer fabrication and to package assembly. fremont, ca ? wafer growth and fabrication of 1310 to 1550nm fp and dfb lasers. shanghai, prc ? optical passives assembly, including optical isolators and splitters. sales and service finisar?s advanced optical components division serves its customers through a worldwide network of sales offices and distributors. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact a nearby sales office or call the number listed below. aoc capabilities advanced optical components? advanced capabilities include: 1, 2, 4, 8, and 10gbps serial vcsel solutions 1, 2, 4, 8, and 10gbps serial sw detector solutions vcsel and detector arrays 1, 2, 4, 8, and 10gbps fp and dfb solutions at 1310 and 1550nm 1, 2, 4, 8, and 10gbps serial lw detector solutions optical isolators from 1260 to 1600nm range laser packaging in to46, to56, and optical subassemblies with sc, lc, and mu interfaces for communication networks vcsels operating at 670nm, 780nm, 980nm, and 1310nm in development sensor packages include surface mount, various plastics, chip on board, chipscale packages, etc. custom packaging options fif-x-xx-xx-x-xxxx pigtail isolators


▲Up To Search▲   

 
Price & Availability of FIP-S-55-1-1-0-0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X