i s o l a t e d a n d u n r e g u l a t e d 1 wat t m o d u l a r d c / d c c o n v e r t e r s d u 1 p 0 s e r i e s www.astro dyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 unit measures 0.24w x 0.77l x 0.4h low cost 1 watt in sip package unregulated outputs input/output isolation up to 3kvdc ul 94-v0 non-conductive case internal input & output filters model number output voltage output ma input range efficiency max i.p . current max load capacitance single output du1p0-05s05(n) 5 vdc 200 4.5-5.5 vdc 77% 274ma 6.2uf du1p0-12s05(n) 200 10.8-13.2 vdc 77% 114ma 6.2uf du1p0-15s05(n) 200 13.5-16.5 vdc 73% 97ma 6.2uf DU1P0-24S05(n) 200 21.6-26.4 vdc 72% 61ma 6.2uf du1p0-05s12(n) 12 vdc 83 4.5-5.5 vdc 82% 255ma 6.2uf du1p0-12s12(n) 83 10.8-13.2 vdc 82% 106ma 6.2uf du1p0-15s12(n) 83 13.5-16.5 vdc 79% 89ma 6.2uf du1p0-24s12(n) 83 21.6-26.4 vdc 78% 56ma 6.2uf du1p0-05s15(n) 15 vdc 67 4.5-5.5 vdc 81% 261ma 6.2uf du1p0-12s15(n) 67 10.8-13.2 vdc 79% 112ma 6.2uf du1p0-15s15(n) 67 13.5-16.5 vdc 80% 88ma 6.2uf du1p0-24s15(n) 67 21.6-26.4 vdc 78% 57ma 6.2uf du al output du1p0-05d05(n) +/-5 vdc +/-100 4.5-5.5 vdc 78% 270ma 3.0uf du1p0-12d05(n) +/-100 10.8-13.2 vdc 77% 114ma 3.0uf du1p0-15d05(n) +/-100 13.5-16.5 vdc 75% 94ma 3.0uf du1p0-24d05(n) +/-100 21.6-26.4 vdc 75% 59ma 3.0uf du1p0-05d12(n) +/-12 vdc +/-42 4.5-5.5 vdc 82% 258ma 3.0uf du1p0-12d12(n) +/-42 10.8-13.2 vdc 81% 109ma 3.0uf du1p0-15d12(n) +/-42 13.5-16.5 vdc 80% 88ma 3.0uf du1p0-24d12(n) +/-42 21.6-26.4 vdc 78% 57ma 3.0uf du1p0-05d15(n) +/-15 vdc +/-33 4.5-5.5 vdc 81% 257ma 3.0uf du1p0-12d15(n) +/-33 10.8-13.2 vdc 82% 106ma 3.0uf du1p0-15d15(n) +/-33 13.5-16.5 vdc 80% 87ma 3.0uf du1p0-24d15(n) +/-33 21.6-26.4 vdc 79% 55ma 3.0uf note - (n) denotes that there is an optional 3000vdc input to output isolation version available for the du1p0 family of products. to order a du1p0 product with the optional 3000vdc isolation, simply add an n to the end of the standard part number. for example du1p0-05s05n.
i s o l a t e d a n d u n r e g u l a t e d 1 wat t m o d u l a r d c / d c c o n v e r t e r s d u 1 p 0 s e r i e s www.astro dyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 input sp ecifications input voltage ranges: 5 vdc nominal 4.5-5.5 vdc 12 vdc nominal 10.8-13.2 vdc 15 vdc nominal 13.5-16.5 vdc 24 vdc nominal 21.6-26.4 vdc input current (nom vin, full load) see selection chart input filter capacitor output sp ecifications voltage and current see selection chart load regulation (note 1) +/- 10% on 5v output 20% - fl +/- 8% on all others line regulation (hl-ll) +/- 1.3%/1% of vin temperature coefficient +/-0.1%/c max. ripple/noise(single/dual) 100mv pk-pk, typ voltage accuracy +/-5%, max short circuit protection 1 second max minimum load (note 1) 10% of fl max. load capacitance min vin & resitive load see selection chart general s p ecifications input-out isolation 1000vdc; (3000vdc suffix-n) efficiency (nom i/p & fl) see selection chart switching frequency 60khz isolation resistance 10000 m ohms isolation capacitance 30pf, max. safety ul, tuv, cb, ce environmental s p ecifications oper. temperature -25 to +85c(see derate curve) storage temperature -55 to +105c * relative humidity 5% to 95% rh * mtbf (note 2) 1.471 mhrs thermal shock mil-std-810d vibration 10-55hz, 10g, 30 minutes along x, y, and z p hysical sp ecifications dimensions 0.77 x 0.24 x 0.40 case material ul 94-v0 non-conductive black plastic construction fully encapsulated (ul94-v0) weight 2g (0.071oz) notes 1) a minimum 10% load is required to maintain regulation 2) bellcore tr-nwt-000332. case 1: 50% stress, temperature at 40c. (ground fixed and controlled environment) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d u n r e g u l a t e d 1 wat t m o d u l a r d c / d c c o n v e r t e r s d u 1 p 0 s e r i e s www.astro dyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 output d erating cu rve mechanical dimensions pin # single outputs dual outputs 1 + input + input 2 - input - input 4 - output - output 5 nc common 6 + output + output 7 no pin no pin 0.01x 0.02 ( 0.25 x 0. 5) rectangular pin 0. 77 ( 19 .6 ) 0.40(10.2) 0.14 ( 3. 6 ) 0. 10(2.54) fron t view 0.20(5.08) 0.016 ( 0. 4 ) 0.08 5 ( 2. 16 ) a ll dimensions in inches(mm) to le rance : x.xx0.02( x.x0.5) x.xxx0.01(x.xx0.25) pin pitch tolerance 0.014(0.35) 0. 05 3 ( 1.35 ) 1 2 4 5 6 7 bottom view 0. 24 ( 6. 1 ) 50 60 70 80 90 100 -40 -25 0 -10 25 50 75 100 0 a mbien t temper at ure (oc) ) % ( r e w o p t u p t u o nature convection stan dard models pin # single outputs dual outputs 1 + input + input 2 - input - input 4 no pin no pin 5 - output - output 6 nc common 7 + output + output n models
|