Part Number Hot Search : 
QM100 SID9435 DSE010 EC3A05 I506ERW JM38510 PW510 LF516RU
Product Description
Full Text Search
 

To Download CV01-A1BP-FREQGQ-OUT29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  84 cardinal components, inc., 155 rt. 46 w, wayne, nj. 07470 tel: (973)785-1333 fax: (973)785-0053 http://www.cardinalxtal.com e-mail: cardinal@cardinalxtal.com 84 cardinal components cardinal components . specifications: frequency range: 1.000 mhz to 150.000 mhz available stability options: 100 ppm 50 ppm 25 ppm output series: ttl/hcmos input voltage: +5.0 vdc 5% +3.3 vdc 5% frequency tuning range: 50 ppm 100 ppm 150 ppm 200 ppm 250 ppm 300 ppm 350 ppm external control voltage: +2.5 vdc 2.0 vdc (5v) +1.5 vdc 1.0 vdc (3.3v) linearity: 20% max. 15% max. 10% max. polarity of freq. slope: positive output voltage: ttl v ol =0.4 v max. ttl v oh =2.4 v min. hcmos v ol =10%v dd v max. hcmos v oh =90%v dd v min. operating temperature -0 c to +70 c range options: -40 c to +85 c output load: 10 ttl 15 pf hcmos maximum input current: 20 ma (1.000 to 20.000 mhz) 40 ma (20.010 to 50.000 mhz) 50 ma (50.010 to 160.000 mhz) maximum rise/fall time: 10 ns duty cycle: 40/60% 45/55% max start-up time: 10 ms storage temperature: -55 c to +125 c thru hole vcxo  wide frequency range  extended temperature range and tight symmetry available  broad range of pullability cvo1 part numbering example: cv01 l - a3 b3 - 15.360 a p series series cv01 cv01 blank = 5.0v l = 3.3v l voltage operating temp. a1=-10 c ~ +50 c a2=-10 c ~ +60 c a3=-30 c ~ +75 c a4=-40 c ~ +75 c a3 stability b6 =100 ppm bp = 50 ppm br = 25 ppm b3 frequency 15.360 tuning range a = 50 ppm b = 100 ppm c = 150 ppm d = 200 ppm e = 250 ppm f = 300 ppm g = 350 ppm a blank = 20% q = 15% p = 10% p linearity cv01


▲Up To Search▲   

 
Price & Availability of CV01-A1BP-FREQGQ-OUT29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X