Part Number Hot Search : 
C330M HT46R01 2SK231 LD1362 C330M VAWQ6 Z100LV MSK4400U
Product Description
Full Text Search
 

To Download CU41K2B1P-9025-1T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specications which provide more details for the proper and safe use of the described product are available upon request. all specications are subject to change without notice. rf components cu series circulator/isolator strip-line and pin-terminal type features perfect for high power circuits in the vhf/uhf bands, and for fm and tv transmitters. product identification type name x * a x * b x * c -x * d x * e x * f x * a : direction of circulation. fill in with a letter a or b. a: cw (clock-wise) b: c, cw (counter clock-wise) x * b : bandwidth 1: standard bandwidth 2, 3, 5: wide bandwidth x * c : connector type l: strip-line type p: pin-type (coaxial-guide type) x * d : center frequency (nominal frequency) x * e : terminal position x * f : circulator/isolator specication c: circulator t: isolator electrical characteristics * dummy load capability when converted to isolator. temperature range: ?0 to +50? isolator circulator 1267 a b b a a b a b part no. frequency range (mhz) band width (%) max. isolation (db) min. insertion loss (db) max. vswr z 0 =50 w max. maximum handling power (w) capacity of built-in resistor * (w) dimensions [except connector] l w t(mm) weight (g) connector type circulator isolator cu481x * a 5 * b l * c -x * d -x * e c * f 100 to 200 20 18 0.7 1.25 30 50 50 25 160 strip-line 200 to 400 20 18 0.7 1.25 30 cu441x5l-x-6c 200 to 400 20 18 0.7 1.25 15 40 40 25 120 strip-line 400 to 800 15 18 0.7 1.25 50 cu442x5l-x-6c 470 to 600 full 18 0.7 1.25 50 40 40 25 120 strip-line 600 to 770 full 18 0.7 1.25 50 cu49px3l-x-1t 400 to 950 10 18 0.7 1.25 30 30 30 30 17 45 strip-line cu49rx3l-x-1t 400 to 950 10 18 0.7 1.25 70 70 30 30 18 60 strip-line cu421x3l-x-xt 824 to 849 full 18 0.6 1.3 10 5 20 20 10 15 strip-line 890 to 915 full 18 0.6 1.3 10 5 915 to 940 full 18 0.6 1.3 10 5 940 to 960 full 18 0.6 1.3 10 5 872 to 905 full 18 0.6 1.3 10 5 1429 to 1453 full 18 0.6 1.3 10 5 cu421x3l-x-xc 870 to 950 full 18 0.7 1.3 15 20 20 10 15 strip-line cu424x1l-x-xt 824 to 849 full 18 0.7 1.4 10 5 20 20 6 8 strip-line 890 to 915 full 18 0.7 1.4 10 5 915 to 940 full 18 0.7 1.4 10 5 940 to 960 full 18 0.7 1.4 10 5 872 to 905 full 15 0.7 1.4 10 5 cu42k2b1p-x- 2t cu42lx1p-x-2t 254.4 ? 18 1.3 1.5 1 1 15 15 7.1 6 pin 273 ? 15 1.5 1.5 1 1 380.75 ? 20 0.8 1.4 1 1 422 ?.5 18 0.9 1.5 1 1 cu42jx1p-x-xt cu41k2x1p-x- xt 824 to 849 full 18 0.6 1.3 10 1 15 15 7.1 7 pin 890 to 915 full 18 0.6 1.3 10 1 915 to 940 full 18 0.6 1.3 10 1 940 to 960 full 18 0.6 1.3 10 1 872 to 905 full 15 0.7 1.4 10 1 cu42lx1p-x-2t 824 to 849 full 18 0.7 1.3 5 1 15 15 7.1 7 pin 890 to 915 full 18 0.7 1.3 5 1 915 to 940 full 18 0.7 1.3 5 1 940 to 960 full 18 0.7 1.3 5 1 872 to 905 full 15 0.8 1.4 5 1 cu42j3x1p-x- xt cu42l3x1p-x- 2t 824 to 849 full 13 0.7 1.5 5 1 15 15 7.1 5 pin 890 to 915 full 13 0.7 1.5 5 1 915 to 940 full 13 0.7 1.5 5 1 940 to 960 full 13 0.7 1.5 5 1 872 to 905 full 13 0.7 1.5 5 1
772_cu 980408 specications which provide more details for the proper and safe use of the described product are available upon request. all specications are subject to change without notice. rf components cu series circulator/isolator strip-line and pin-terminal type electrical characteristics * dummy load capability when converted to isolator. temperature range: ?0 to +50? part no. frequency range (mhz) band width (%) max. isolation (db) min. insertion loss (db) max. vswr z 0 =50 w max. maximum handling power (w) capacity of built-in resistor * (w) dimensions [except connector] l w t(mm) weight (g) connector type circulator isolator cu41k2x1p-x-xt cu41k3x1p-x-xt 824 to 849 full 18 0.8 1.4 5 0.7 10 10 6 2.5 pin 890 to 915 full 18 0.8 1.4 5 0.7 915 to 940 full 18 0.8 1.4 5 0.7 940 to 960 full 18 0.8 1.4 5 0.7 872 to 905 full 15 0.9 1.5 5 0.7 1429 to 1453 full 18 0.8 1.4 5 0.7 1465 to 1477 full 18 0.8 1.4 5 0.7 1710 to 1785 full 18 0.9 1.5 5 0.7 1895 to 1918 full 18 0.8 1.4 5 0.7 cu41lx1p-x-2t 824 to 849 full 18 0.8 1.4 3 0.6 10 10 6 2.5 pin 890 to 915 full 18 0.8 1.4 3 0.6 915 to 940 full 18 0.8 1.4 3 0.6 940 to 960 full 18 0.8 1.4 3 0.6 872 to 905 full 15 0.9 1.5 3 0.6 cu12rx3l-x-1t 1805 to 1880 full 18 0.4 1.3 10 4 20 20 6 15 strip-line 1890 to 1920 full 18 0.4 1.3 10 4 1930 to 1960 full 18 0.4 1.3 10 4 2110 to 2170 full 18 0.4 1.3 10 4


▲Up To Search▲   

 
Price & Availability of CU41K2B1P-9025-1T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X