Part Number Hot Search : 
ADUC831 74AHC04 X1624 ST8050 LM64P70 B260001 BG7351K 01RPCI
Product Description
Full Text Search
 

To Download CPL-16040-B11-2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pascall electronics limited westridge business park cothey way ryde, isle of wight po33 1qt uk tel +44 (0) 1983 817300 fax +44 (0) 1983 564708 email enquiries@pascall.co.uk www.pascall.co.uk electronics limited 05/07 a subsidiary of emrise electronics limiters - cpl series centre frequencies in the range 10-160mhz limited if output power +10 dbm nominal positive supply models available pascall's range of constant phase if limiting amplifiers is designed for applications where phase deviation must be minimised over a wide dynamic range. all models are available as single units, as matched pairs or as triplets. the cpl series if limiting amplifiers incorporate multiple limiting stages, output filters, buffered output stages and a temperature compensation to minimise variations in phase deviations and limited if output level. constant phase if limiter 5 degree typical phase shift over the dynamic range 70 db dynamic range 1db output level variation over -45 centigrade to +85 centigrade single channel and matched channel models
electronics limited input dynamic range phase shift over dynamic range output power variation over dynamic range @ +25oc over operating temp. range 2 phase tracking @ +25oc over -45oc to +85oc input/output vswr power requirements operating temperature ranges connectors weight ordering information -70 to 0dbm (-65 to 0dbm for 160mhz models) 5 deg max +10dbm nominal 0.5db max 1db on mean value at +25oc 2 deg for pairs, 3 deg for triplets 4 deg for pairs, 6 deg for triplets 1.5:1 max -12v or -15v at 150ma max range 1 0 to +60 o c range 2 -45 to +85 o c range 3 -55 to +100 o c range 4 customer specified sma, smb or smc 80g (2.8 oz) max limiters - cpl series model no. cpl operating freq. mhz minimum bandwidth mhz cpl-2105 cpl-3010 cpl-6020 cpl-7020 cpl-12020 cpl-16020 cpl-16040 21.4 30 60 70 120 160 160 5 10 20 20 20 20 40 cpl-xxxxx-xxx-xt tracking set temperature supply voltage connectors a = sma, b = smb, c = smc bandwidth mhz centre frequency mhz package style 2 = pair 3 = triple 1 = 0 to +60 o c 2 = -45 o c to +85 o c 3 = -55 o c to +100 o c 4 = customer specified 1 = -12v or 2 = -15v


▲Up To Search▲   

 
Price & Availability of CPL-16040-B11-2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X